Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADUM1200 Datasheet(PDF) 17 Page - Analog Devices

Part # ADUM1200
Description  Dual-Channel Digital Isolators
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADUM1200 Datasheet(HTML) 17 Page - Analog Devices

Back Button ADUM1200 Datasheet HTML 12Page - Analog Devices ADUM1200 Datasheet HTML 13Page - Analog Devices ADUM1200 Datasheet HTML 14Page - Analog Devices ADUM1200 Datasheet HTML 15Page - Analog Devices ADUM1200 Datasheet HTML 16Page - Analog Devices ADUM1200 Datasheet HTML 17Page - Analog Devices ADUM1200 Datasheet HTML 18Page - Analog Devices ADUM1200 Datasheet HTML 19Page - Analog Devices ADUM1200 Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
ADuM1200/ADuM1201
Rev. B | Page 17 of 20
OUTLINE DIMENSIONS
0.25 (0.0098)
0.17 (0.0067)
1.27 (0.0500)
0.40 (0.0157)
0.50 (0.0196)
0.25 (0.0099)
× 45°
1.75 (0.0688)
1.35 (0.0532)
SEATING
PLANE
0.25 (0.0098)
0.10 (0.0040)
4
1
85
5.00 (0.1968)
4.80 (0.1890)
4.00 (0.1574)
3.80 (0.1497)
1.27 (0.0500)
BSC
6.20 (0.2440)
5.80 (0.2284)
0.51 (0.0201)
0.31 (0.0122)
COPLANARITY
0.10
CONTROLLING DIMENSIONS ARE IN MILLIMETERS; INCH DIMENSIONS
(IN PARENTHESES) ARE ROUNDED-OFF MILLIMETER EQUIVALENTS FOR
REFERENCE ONLY AND ARE NOT APPROPRIATE FOR USE IN DESIGN
COMPLIANT TO JEDEC STANDARDS MS-012AA
Figure 15. 8-Lead Standard Small Outline Package [SOIC]
Narrow Body (R-8)
Dimensions shown in millimeters (inches)
ORDERING GUIDE
Model
Number
of Inputs,
VDD1 Side
Number
of Inputs,
VDD2 Side
Maximum
Data Rate
(Mbps)
Maximum
Propagation
Delay, 5 V (ns)
Maximum
Pulse-Width
Distortion
(ns)
Temperature
Range (°C)
Package
Option1
ADuM1200AR
2
0
1
100
40
−40 to +105
R-8
ADuM1200AR-RL7
2
0
1
100
40
−40 to +105
R-8
ADuM1200ARZ2
2
0
1
100
40
−40 to +105
R-8
ADuM1200ARZ-RL72
2
0
1
100
40
−40 to +105
R-8
ADuM1200BR
2
0
10
50
3
−40 to +105
R-8
ADuM1200BR-RL7
2
0
10
50
3
−40 to +105
R-8
ADuM1200BRZ2
2
0
10
50
3
−40 to +105
R-8
ADuM1200BRZ-RL72
2
0
10
50
3
−40 to +105
R-8
ADuM1200CR
2
0
25
45
3
−40 to +105
R-8
ADuM1200CR-RL7
2
0
25
45
3
−40 to +105
R-8
ADuM1200CRZ2
2
0
25
45
3
−40 to +105
R-8
ADuM1200CRZ-RL72
2
0
25
45
3
−40 to +105
R-8
ADuM1201AR
1
1
1
100
40
−40 to +105
R-8
ADuM1201AR-RL7
1
1
1
100
40
−40 to +105
R-8
ADuM1201ARZ2
1
1
1
100
40
−40 to +105
R-8
ADuM1201ARZ-RL72
1
1
1
100
40
−40 to +105
R-8
ADuM1201BR
1
1
10
50
3
−40 to +105
R-8
ADuM1201BR-RL7
1
1
10
50
3
−40 to +105
R-8
ADuM1201BRZ2
1
1
10
50
3
−40 to +105
R-8
ADuM1201BRZ-RL72
1
1
10
50
3
−40 to +105
R-8
ADuM1201CR
1
1
25
45
3
−40 to +105
R-8
ADuM1201CR-RL7
1
1
25
45
3
−40 to +105
R-8
ADuM1201CRZ2
1
1
25
45
3
−40 to +105
R-8
ADuM1201CRZ-RL72
1
1
25
45
3
−40 to +105
R-8
1 R-8 = 8-lead narrow body SOIC.
2 Z = Pb-free part.


Similar Part No. - ADUM1200

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUM1200 AD-ADUM1200 Datasheet
444Kb / 28P
   Dual-Channel Digital Isolators
Rev. I
ADuM1200AR AD-ADuM1200AR Datasheet
444Kb / 28P
   Dual-Channel Digital Isolators
Rev. I
ADuM1200AR AD-ADuM1200AR Datasheet
444Kb / 28P
   Dual-Channel Digital Isolators
Rev. I
ADuM1200ARZ AD-ADuM1200ARZ Datasheet
444Kb / 28P
   Dual-Channel Digital Isolators
Rev. I
ADuM1200ARZ AD-ADuM1200ARZ Datasheet
444Kb / 28P
   Dual-Channel Digital Isolators
Rev. I
More results

Similar Description - ADUM1200

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUM1200 AD-ADUM1200_15 Datasheet
444Kb / 28P
   Dual-Channel Digital Isolators
Rev. I
ADUM1200UR-EP AD-ADUM1200UR-EP Datasheet
444Kb / 28P
   Dual-Channel Digital Isolators
Rev. I
ADUM1201 AD-ADUM1201_15 Datasheet
444Kb / 28P
   Dual-Channel Digital Isolators
Rev. I
logo
Texas Instruments
ISO7220A TI1-ISO7220A_15 Datasheet
1Mb / 35P
[Old version datasheet]   Dual Channel Digital Isolators
logo
Analog Devices
ADUM1200 AD-ADUM1200_12 Datasheet
444Kb / 28P
   Dual-Channel Digital Isolators
Rev. I
ADUM1240 AD-ADUM1240 Datasheet
470Kb / 24P
   Micropower, Dual-Channel Digital Isolators
ADUM1240 AD-ADUM1240_V01 Datasheet
491Kb / 24P
   Micropower, Dual-Channel Digital Isolators
Rev. B
logo
Silicon Laboratories
SI8410 SILABS-SI8410 Datasheet
571Kb / 26P
   SINGLE & DUAL-CHANNEL DIGITAL ISOLATORS
logo
Texas Instruments
ISO7220A TI-ISO7220A_08 Datasheet
827Kb / 26P
[Old version datasheet]   DUAL DIGITAL ISOLATORS
ISO7220A TI-ISO7220A_10 Datasheet
827Kb / 28P
[Old version datasheet]   DUAL DIGITAL ISOLATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com