Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADUM1200 Datasheet(PDF) 16 Page - Analog Devices

Part # ADUM1200
Description  Dual-Channel Digital Isolators
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADUM1200 Datasheet(HTML) 16 Page - Analog Devices

Back Button ADUM1200 Datasheet HTML 12Page - Analog Devices ADUM1200 Datasheet HTML 13Page - Analog Devices ADUM1200 Datasheet HTML 14Page - Analog Devices ADUM1200 Datasheet HTML 15Page - Analog Devices ADUM1200 Datasheet HTML 16Page - Analog Devices ADUM1200 Datasheet HTML 17Page - Analog Devices ADUM1200 Datasheet HTML 18Page - Analog Devices ADUM1200 Datasheet HTML 19Page - Analog Devices ADUM1200 Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
ADuM1200/ADuM1201
Rev. B | Page 16 of 20
MAGNETIC FIELD FREQUENCY (Hz)
1000
100
10
1
0.1
0.01
1k
10k
100M
100k
1M
10M
DISTANCE = 5mm
DISTANCE = 1m
DISTANCE = 100mm
Figure 14. Maximum Allowable Current for Various
Current-to-ADuM120x Spacings
Note that at combinations of strong magnetic fields and high
frequencies, any loops formed by printed circuit board traces
could induce sufficiently large error voltages to trigger the
threshold of succeeding circuitry. Care should be taken in the
layout of such traces to avoid this possibility.
POWER CONSUMPTION
The supply current at a given channel of the ADuM120x
isolator is a function of the supply voltage, the channel’s data
rate, and the channel’s output load.
For each input channel, the supply current is given by
IDDI = IDDI (Q)
f ≤ 0.5fr
IDDI = IDDI (D) × (2f – fr) + IDDI (Q)
f > 0.5fr
for each output channel, the supply current is given by
IDDO = IDDO (Q)
f ≤ 0.5fr
IDDO = (IDDO (D) + (0.5 × 10−3) × CLVDDO) × (2f – fr) + IDDO (Q)
f > 0.5fr
where:
IDDI (D), IDDO (D) are the input and output dynamic supply currents
per channel (mA/Mbps).
CL is the output load capacitance (pF).
VDDO is the output supply voltage (V).
f is the input logic signal frequency (MHz, half of the input data
rate, NRZ signaling).
fr is the input stage refresh rate (Mbps).
IDDI (Q), IDDO (Q) are the specified input and output quiescent
supply currents (mA).
To calculate the total IDD1 and IDD2 supply current, the supply
currents for each input and output channel corresponding to
IDD1 and IDD2 are calculated and totaled. Figure 6 and Figure 7
provide per-channel supply currents as a function of data rate
for an unloaded output condition. Figure 8 provides per-
channel supply current as a function of data rate for a 15 pF
output condition. Figure 9 through Figure 11 provide total IDD1
and IDD2 supply current as a function of data rate for
ADuM1200 and ADuM1201 channel configurations.


Similar Part No. - ADUM1200

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUM1200 AD-ADUM1200 Datasheet
444Kb / 28P
   Dual-Channel Digital Isolators
Rev. I
ADuM1200AR AD-ADuM1200AR Datasheet
444Kb / 28P
   Dual-Channel Digital Isolators
Rev. I
ADuM1200AR AD-ADuM1200AR Datasheet
444Kb / 28P
   Dual-Channel Digital Isolators
Rev. I
ADuM1200ARZ AD-ADuM1200ARZ Datasheet
444Kb / 28P
   Dual-Channel Digital Isolators
Rev. I
ADuM1200ARZ AD-ADuM1200ARZ Datasheet
444Kb / 28P
   Dual-Channel Digital Isolators
Rev. I
More results

Similar Description - ADUM1200

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUM1200 AD-ADUM1200_15 Datasheet
444Kb / 28P
   Dual-Channel Digital Isolators
Rev. I
ADUM1200UR-EP AD-ADUM1200UR-EP Datasheet
444Kb / 28P
   Dual-Channel Digital Isolators
Rev. I
ADUM1201 AD-ADUM1201_15 Datasheet
444Kb / 28P
   Dual-Channel Digital Isolators
Rev. I
logo
Texas Instruments
ISO7220A TI1-ISO7220A_15 Datasheet
1Mb / 35P
[Old version datasheet]   Dual Channel Digital Isolators
logo
Analog Devices
ADUM1200 AD-ADUM1200_12 Datasheet
444Kb / 28P
   Dual-Channel Digital Isolators
Rev. I
ADUM1240 AD-ADUM1240 Datasheet
470Kb / 24P
   Micropower, Dual-Channel Digital Isolators
ADUM1240 AD-ADUM1240_V01 Datasheet
491Kb / 24P
   Micropower, Dual-Channel Digital Isolators
Rev. B
logo
Silicon Laboratories
SI8410 SILABS-SI8410 Datasheet
571Kb / 26P
   SINGLE & DUAL-CHANNEL DIGITAL ISOLATORS
logo
Texas Instruments
ISO7220A TI-ISO7220A_08 Datasheet
827Kb / 26P
[Old version datasheet]   DUAL DIGITAL ISOLATORS
ISO7220A TI-ISO7220A_10 Datasheet
827Kb / 28P
[Old version datasheet]   DUAL DIGITAL ISOLATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com