Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADUM1200 Datasheet(PDF) 10 Page - Analog Devices

Part # ADUM1200
Description  Dual-Channel Digital Isolators
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADUM1200 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADUM1200 Datasheet HTML 6Page - Analog Devices ADUM1200 Datasheet HTML 7Page - Analog Devices ADUM1200 Datasheet HTML 8Page - Analog Devices ADUM1200 Datasheet HTML 9Page - Analog Devices ADUM1200 Datasheet HTML 10Page - Analog Devices ADUM1200 Datasheet HTML 11Page - Analog Devices ADUM1200 Datasheet HTML 12Page - Analog Devices ADUM1200 Datasheet HTML 13Page - Analog Devices ADUM1200 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
ADuM1200/ADuM1201
Rev. B | Page 10 of 20
PACKAGE CHARACTERISTICS
Table 4.
Parameter
Symbol
Min
Typ
Max
Unit
Test Conditions
Resistance (Input-Output)1
RI-O
1012
Capacitance (Input-Output)1
CI-O
1.0
pF
f = 1 MHz
Input Capacitance
CI
4.0
pF
IC Junction-to-Case Thermal Resistance, Side 1
θJCI
46
°C/W
Thermocouple located at center of
package underside
IC Junction-to-Case Thermal Resistance, Side 2
θJCO
41
°C/W
1 The device is considered a 2-terminal device; Pins 1, 2, 3, and 4 are shorted together, and Pins 5, 6, 7, and 8 are shorted together.
REGULATORY INFORMATION
The ADuM1200/ADuM1201 have been approved by the following organizations:
Table 5.
UL
CSA
VDE
Recognized under 1577 Component
Recognition Program1
2500 V rms isolation voltage
File E214100
Approved under CSA Component
Acceptance Notice #5A
File 205078
Certified according to
DIN EN 60747-5-2 (VDE 0884 Part 2): 2003-012
Basic insulation, 560 V peak
Complies with DIN EN 60747-5-2 (VDE 0884
Part 2): 2003-01, DIN EN 60950 (VDE 0805): 2001-12;
EN 60950: 2000, Reinforced insulation, 560 V peak
File 2471900-4880-0001
1 In accordance with UL1577, each ADuM120x is proof-tested by applying an insulation test voltage ≥ 3000 V rms for 1 second (current leakage detection limit = 5 µA).
2 In accordance with DIN EN 60747-5-2, each ADuM120x is proof-tested by applying an insulation test voltage ≥ 1050 V peak for 1 second (partial discharge detection
limit = 5 pC).
INSULATION AND SAFETY-RELATED SPECIFICATIONS
Table 6.
Parameter
Symbol
Value
Unit
Conditions
Rated Dielectric Insulation Voltage
2500
V rms
1 minute duration
Minimum External Air Gap (Clearance)
L(I01)
4.90 min
mm
Measured from input terminals to output terminals, shortest
distance through air
Minimum External Tracking (Creepage)
L(I02)
4.01 min
mm
Measured from input terminals to output terminals, shortest
distance path along body
Minimum Internal Gap (Internal
Clearance)
0.017 min
mm
Insulation distance through insulation
Tracking Resistance (Comparative
Tracking Index)
CTI
>175
V
DIN IEC 112/VDE 0303 Part 1
Isolation Group
IIIa
Material Group (DIN VDE 0110, 1/89, Table 1)


Similar Part No. - ADUM1200

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUM1200 AD-ADUM1200 Datasheet
444Kb / 28P
   Dual-Channel Digital Isolators
Rev. I
ADuM1200AR AD-ADuM1200AR Datasheet
444Kb / 28P
   Dual-Channel Digital Isolators
Rev. I
ADuM1200AR AD-ADuM1200AR Datasheet
444Kb / 28P
   Dual-Channel Digital Isolators
Rev. I
ADuM1200ARZ AD-ADuM1200ARZ Datasheet
444Kb / 28P
   Dual-Channel Digital Isolators
Rev. I
ADuM1200ARZ AD-ADuM1200ARZ Datasheet
444Kb / 28P
   Dual-Channel Digital Isolators
Rev. I
More results

Similar Description - ADUM1200

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUM1200 AD-ADUM1200_15 Datasheet
444Kb / 28P
   Dual-Channel Digital Isolators
Rev. I
ADUM1200UR-EP AD-ADUM1200UR-EP Datasheet
444Kb / 28P
   Dual-Channel Digital Isolators
Rev. I
ADUM1201 AD-ADUM1201_15 Datasheet
444Kb / 28P
   Dual-Channel Digital Isolators
Rev. I
logo
Texas Instruments
ISO7220A TI1-ISO7220A_15 Datasheet
1Mb / 35P
[Old version datasheet]   Dual Channel Digital Isolators
logo
Analog Devices
ADUM1200 AD-ADUM1200_12 Datasheet
444Kb / 28P
   Dual-Channel Digital Isolators
Rev. I
ADUM1240 AD-ADUM1240 Datasheet
470Kb / 24P
   Micropower, Dual-Channel Digital Isolators
ADUM1240 AD-ADUM1240_V01 Datasheet
491Kb / 24P
   Micropower, Dual-Channel Digital Isolators
Rev. B
logo
Silicon Laboratories
SI8410 SILABS-SI8410 Datasheet
571Kb / 26P
   SINGLE & DUAL-CHANNEL DIGITAL ISOLATORS
logo
Texas Instruments
ISO7220A TI-ISO7220A_08 Datasheet
827Kb / 26P
[Old version datasheet]   DUAL DIGITAL ISOLATORS
ISO7220A TI-ISO7220A_10 Datasheet
827Kb / 28P
[Old version datasheet]   DUAL DIGITAL ISOLATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com