Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADCS-1120 Datasheet(PDF) 3 Page - Agilent(Hewlett-Packard)

Part # ADCS-1120
Description  Agilent CMOS Monochrome Image Sensors ADCS-1120 and ADCS-2120
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

ADCS-1120 Datasheet(HTML) 3 Page - Agilent(Hewlett-Packard)

  ADCS-1120 Datasheet HTML 1Page - Agilent(Hewlett-Packard) ADCS-1120 Datasheet HTML 2Page - Agilent(Hewlett-Packard) ADCS-1120 Datasheet HTML 3Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
www.semiconductor.agilent.com
Data subject to change.
Copyright © 2001 Agilent Technologies, Inc.
October 24, 2001
5988-4649EN
Typical Electrical Specifications
Part Number
ADCS-2120 (VGA)
ADCS-1120 (CIF)
Pixel size
7.4 x 7.4
µm
7.4 x 7.4
µm
Maximum Clock Rate
25 MHz (VGA)
32 MHz (CIF)
Effective Sensor Dynamic Range
65 dB (VGA)
61 dB (CIF)
Effective Noise Floor
43 e-
43 e-
Dark Signal[1]
270 e-/s
270 e-/s
Sensitivity [2,3]
1.6 V/(Lux-S)
1.6 V/(Lux-S)
Peak Quantum Efficiency[1,2,3]
38%
38%
Saturation Voltage
1.22 V
1.22 V
Full Well Capacity
70,115 e-
70,115 e-
Conversion Gain[2]
17 mV/e-
17 mV/e-
Programmable Gain Range
1 – 40 (8 bit resolution)
1 – 40 (8 bit resolution)
Fill Factor
42%
42%
Exposure Control
0.5
µsec minimum,
0.5
µsec minimum,
0.5
µsec increments
0.5
µsec increments
Supply Voltage
3.3 V, -5%/+10%
3.3 V, -5%/+10%
Absolute Max. Power Supply Voltage
3.6 V
3.6 V
Absolute Max. DC Input Voltage (any pin)
3.6 V
3.6 V
Power Consumption (typical)
150 mW operating,
150 mW operating,
150
µW standby
150
µW standby
Power Consumption (max)
200 mW operating,
200 mW operating,
3.3 mW standby
3.3 mW standby
Optical Format
1/3”
1/4”
Operating Temperature
-5 to +65
°C
-5 to +65
°C
Storage Temperature
-40 to +125
°C
-40 to +125
°C
Notes:
1. Specified over complete pixel area
2. Measured at unity gain
3. Measured at 555 nm
Clock
Timing
Controller
Analog to
Digital
Converter
Programmable
Amplifier
Image Array
VGA 640 x 480
CIF 352 x 288
I2C/UART


Similar Part No. - ADCS-1120

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
ADCS-1121 HP-ADCS-1121 Datasheet
92Kb / 2P
   CMOS Monochrome Image Sensors
More results

Similar Description - ADCS-1120

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
ADCS-1121 HP-ADCS-1121 Datasheet
92Kb / 2P
   CMOS Monochrome Image Sensors
logo
STMicroelectronics
VV5430 STMICROELECTRONICS-VV5430 Datasheet
289Kb / 33P
   Monochrome Analog Output CMOS Image Sensors
logo
National Semiconductor ...
LM9617 NSC-LM9617 Datasheet
366Kb / 37P
   Monochrome CMOS Image Sensor VGA 30 FPS
LM9618 NSC-LM9618 Datasheet
1Mb / 2P
   Monochrome CMOS Image Sensor VGA 30 FPS
LM9638 NSC-LM9638 Datasheet
200Kb / 2P
   Monochrome CMOS Image Sensor SXGA 18 FPS
logo
Texas Instruments
ADS5560 TI1-ADS5560 Datasheet
1Mb / 61P
[Old version datasheet]   MSPS ADCs With DDR LVDS and CMOS Outputs
logo
Agilent(Hewlett-Packard...
ADCS-1021 HP-ADCS-1021 Datasheet
104Kb / 8P
   CMOS Image Sensors
logo
National Semiconductor ...
LM9637 NSC-LM9637 Datasheet
657Kb / 2P
   LM9637 Monochrome CMOS Image Sensor VGA 68 FPS
logo
Rohm
IA2008-MB20A ROHM-IA2008-MB20A Datasheet
41Kb / 4P
   MONOCHROME IMAGE SENSOR HEAD
logo
Hamamatsu Corporation
S11661 HAMAMATSU-S11661_15 Datasheet
326Kb / 9P
   CMOS area image sensors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com