Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADCS-1120 Datasheet(PDF) 2 Page - Agilent(Hewlett-Packard)

Part # ADCS-1120
Description  Agilent CMOS Monochrome Image Sensors ADCS-1120 and ADCS-2120
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

ADCS-1120 Datasheet(HTML) 2 Page - Agilent(Hewlett-Packard)

  ADCS-1120 Datasheet HTML 1Page - Agilent(Hewlett-Packard) ADCS-1120 Datasheet HTML 2Page - Agilent(Hewlett-Packard) ADCS-1120 Datasheet HTML 3Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Agilent CMOS Monochrome
Image Sensors ADCS-1120 (CIF)
and ADCS-2120 (VGA)
Product Brief
Description
The ADCS-1120 and ADCS-2120
CMOS Image Sensors capture high
quality images while consuming
very low power. These parts
integrate a highly sensitive active
pixel photodiode array with timing
control and onboard A/D conver-
sion. Available in either VGA
(640x 480) or CIF (352x 288)
resolution image arrays, the
devices are ideally suited for low
light environment.
The ADCS-2120 and ADCS-1120,
when coupled with Agilent’s
HDCP family of image-processors,
provide a complete imaging
system to enable rapid end-
product development. Designed
for low-cost consumer electronic
applications, the ADCS-2120 and
ADCS-1120 sensors deliver
unparalleled performance for
mainstream imaging applications.
Features
• High quality, low cost CMOS Image
Sensors
VGA resolution (640H x 480V) –
ADCS-2120
CIF resolution (352H x 288V) –
ADCS-1120
• High frame rates for digital video
VGA: 15 frames/second
CIF: 30 frames/second
• High sensitivity, low noise design–
Ideal for capturing high-quality
images in a wide variety of lighting
conditions
• Integrated Analog-to-Digital
Converters
VGA (ADCS-2120): 10 bit, programmable
CIF (ADCS-1120): 8 bit, fixed
• Parallel and serial output
• Synchronous serial or UART
interface
• Automated, dark response
compensation
• Still image capability
Typical Applications
• Biometrics
• Surveillance
• Machine vision
• Bar code scanners
All images on this product sheet were
produced by Agilent Technologies’
sensors and processors.


Similar Part No. - ADCS-1120

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
ADCS-1121 HP-ADCS-1121 Datasheet
92Kb / 2P
   CMOS Monochrome Image Sensors
More results

Similar Description - ADCS-1120

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
ADCS-1121 HP-ADCS-1121 Datasheet
92Kb / 2P
   CMOS Monochrome Image Sensors
logo
STMicroelectronics
VV5430 STMICROELECTRONICS-VV5430 Datasheet
289Kb / 33P
   Monochrome Analog Output CMOS Image Sensors
logo
National Semiconductor ...
LM9617 NSC-LM9617 Datasheet
366Kb / 37P
   Monochrome CMOS Image Sensor VGA 30 FPS
LM9618 NSC-LM9618 Datasheet
1Mb / 2P
   Monochrome CMOS Image Sensor VGA 30 FPS
LM9638 NSC-LM9638 Datasheet
200Kb / 2P
   Monochrome CMOS Image Sensor SXGA 18 FPS
logo
Texas Instruments
ADS5560 TI1-ADS5560 Datasheet
1Mb / 61P
[Old version datasheet]   MSPS ADCs With DDR LVDS and CMOS Outputs
logo
Agilent(Hewlett-Packard...
ADCS-1021 HP-ADCS-1021 Datasheet
104Kb / 8P
   CMOS Image Sensors
logo
National Semiconductor ...
LM9637 NSC-LM9637 Datasheet
657Kb / 2P
   LM9637 Monochrome CMOS Image Sensor VGA 68 FPS
logo
Rohm
IA2008-MB20A ROHM-IA2008-MB20A Datasheet
41Kb / 4P
   MONOCHROME IMAGE SENSOR HEAD
logo
Hamamatsu Corporation
S11661 HAMAMATSU-S11661_15 Datasheet
326Kb / 9P
   CMOS area image sensors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com