Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M9374A Datasheet(PDF) 9 Page - Keysight Technologies

Part # M9374A
Description  Keysight PXIe Vector Network Analyzers
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSIGHT [Keysight Technologies]
Direct Link  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

M9374A Datasheet(HTML) 9 Page - Keysight Technologies

Back Button M9374A Datasheet HTML 5Page - Keysight Technologies M9374A Datasheet HTML 6Page - Keysight Technologies M9374A Datasheet HTML 7Page - Keysight Technologies M9374A Datasheet HTML 8Page - Keysight Technologies M9374A Datasheet HTML 9Page - Keysight Technologies M9374A Datasheet HTML 10Page - Keysight Technologies M9374A Datasheet HTML 11Page - Keysight Technologies M9374A Datasheet HTML 12Page - Keysight Technologies M9374A Datasheet HTML 13Page - Keysight Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 34 page
background image
9
Custom Uncertainty Calculator
This document provides technical specifications for the corrected performance of the PXI VNA using
either the N4691B Electronic Calibration Module, or the 85052D Standard Mechanical Calibration Kit.
To determine transmission and reflection uncertainty curves with other calibration kits, please download
our free Uncertainty Calculator from http://www.keysight.com/find/na_calculator to generate the
curves for your specific calibration kit.
Corrected performance
Table 3. With N4691B electronic calibration module5
Corrected error terms (dB) - 300 kHz to 24 GHz
Frequency
Directivity
Source
match
Load
match
Transmission tracking
Reflection tracking
Mag
Phase °
Mag
Phase °
300 kHz to < 2 MHz
31
29
28
±0.195
±1.289
±0.110
±0.726
2 MHz to 1 GHz
52
47
47
±0.022
±0.145
±0.020
±0.132
> 1 to 2 GHz
52
47
47
±0.022
±0.148
±0.020
±0.132
> 2 to 4 GHz
48
45
44
±0.036
±0.238
±0.030
±0.198
> 4 to 6.5 GHz
48
45
44
±0.040
±0.262
±0.030
±0.198
> 6.5 to 9 GHz
48
45
43
±0.042
±0.279
±0.030
±0.198
> 9 to 14 GHz
46
42
40
±0.059
±0.392
±0.040
±0.264
> 14 to 20 GHz
46
42
40
±0.062
±0.407
±0.040
±0.264
> 20 to 24 GHz
44
40
37
±0.084
±0.556
±0.050
±0.330
5
Measured with 10 Hz IF bandwidth, no averaging applied to data, environmental temperature = 23 °C
(±3 °C) with < 1 °C deviation from calibration temperature, isolation calibration performed.


Similar Part No. - M9374A

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
M9374A KEYSIGHT-M9374A Datasheet
1Mb / 7P
   M9161D PXI Dual SP4T Solid State Switch Module
More results

Similar Description - M9374A

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
M9370A KEYSIGHT-M9370A Datasheet
1Mb / 34P
   Keysight PXIe Vector Network Analyzers
M9371A KEYSIGHT-M9371A Datasheet
1Mb / 34P
   Keysight PXIe Vector Network Analyzers
M9372A KEYSIGHT-M9372A Datasheet
1Mb / 34P
   Keysight PXIe Vector Network Analyzers
M9373A KEYSIGHT-M9373A Datasheet
1Mb / 34P
   Keysight PXIe Vector Network Analyzers
M9375A KEYSIGHT-M9375A Datasheet
1Mb / 34P
   Keysight PXIe Vector Network Analyzers
logo
TEKTRONIX, INC.
TTR500 TEKTRONIX-TTR500 Datasheet
849Kb / 16P
   Vector Network Analyzers
logo
Keysight Technologies
M9485A KEYSIGHT-M9485A_17 Datasheet
3Mb / 40P
   M9485A PXIe Multiport Vector Network Analyzer
M9389A KEYSIGHT-M9389A Datasheet
1Mb / 13P
   M9389A PXIe Vector Network Analyzer Source
M9485A KEYSIGHT-M9485A Datasheet
2Mb / 39P
   M9485A PXIe Multiport Vector Network Analyzer
M9309A KEYSIGHT-M9309A Datasheet
1Mb / 10P
   M9309A PXIe Vector Network Analyzer Synthesizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com