Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M9374A Datasheet(PDF) 7 Page - Keysight Technologies

Part # M9374A
Description  Keysight PXIe Vector Network Analyzers
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSIGHT [Keysight Technologies]
Direct Link  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

M9374A Datasheet(HTML) 7 Page - Keysight Technologies

Back Button M9374A Datasheet HTML 3Page - Keysight Technologies M9374A Datasheet HTML 4Page - Keysight Technologies M9374A Datasheet HTML 5Page - Keysight Technologies M9374A Datasheet HTML 6Page - Keysight Technologies M9374A Datasheet HTML 7Page - Keysight Technologies M9374A Datasheet HTML 8Page - Keysight Technologies M9374A Datasheet HTML 9Page - Keysight Technologies M9374A Datasheet HTML 10Page - Keysight Technologies M9374A Datasheet HTML 11Page - Keysight Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 34 page
background image
7
Block diagram
PXIe Vector Network Analyzer block diagram
System Specifications
Table 1. Frequency Information
Frequency Range
Model Number
Frequency Range
M9370A
300 kHz to 4 GHz
M9371A
300 kHz to 6.5 GHz
M9372A
300 kHz to 9 GHz
M9373A
300 kHz to 14 GHz
M9374A
300 kHz to 20 GHz
M9375A
300 kHz to 26.5 GHz
Frequency Resolution
Frequency Range
Specification
300 kHz to 2.5 GHz
1 Hz
> 2.5 to 5 GHz
2 Hz
> 5 to 10 GHz
3 Hz
> 10 to 20 GHz
6 Hz
> 20 GHz
12 Hz


Similar Part No. - M9374A

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
M9374A KEYSIGHT-M9374A Datasheet
1Mb / 7P
   M9161D PXI Dual SP4T Solid State Switch Module
More results

Similar Description - M9374A

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
M9370A KEYSIGHT-M9370A Datasheet
1Mb / 34P
   Keysight PXIe Vector Network Analyzers
M9371A KEYSIGHT-M9371A Datasheet
1Mb / 34P
   Keysight PXIe Vector Network Analyzers
M9372A KEYSIGHT-M9372A Datasheet
1Mb / 34P
   Keysight PXIe Vector Network Analyzers
M9373A KEYSIGHT-M9373A Datasheet
1Mb / 34P
   Keysight PXIe Vector Network Analyzers
M9375A KEYSIGHT-M9375A Datasheet
1Mb / 34P
   Keysight PXIe Vector Network Analyzers
logo
TEKTRONIX, INC.
TTR500 TEKTRONIX-TTR500 Datasheet
849Kb / 16P
   Vector Network Analyzers
logo
Keysight Technologies
M9485A KEYSIGHT-M9485A_17 Datasheet
3Mb / 40P
   M9485A PXIe Multiport Vector Network Analyzer
M9389A KEYSIGHT-M9389A Datasheet
1Mb / 13P
   M9389A PXIe Vector Network Analyzer Source
M9485A KEYSIGHT-M9485A Datasheet
2Mb / 39P
   M9485A PXIe Multiport Vector Network Analyzer
M9309A KEYSIGHT-M9309A Datasheet
1Mb / 10P
   M9309A PXIe Vector Network Analyzer Synthesizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com