Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M9372A Datasheet(PDF) 24 Page - Keysight Technologies

Part # M9372A
Description  Keysight PXIe Vector Network Analyzers
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSIGHT [Keysight Technologies]
Direct Link  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

M9372A Datasheet(HTML) 24 Page - Keysight Technologies

Back Button M9372A Datasheet HTML 20Page - Keysight Technologies M9372A Datasheet HTML 21Page - Keysight Technologies M9372A Datasheet HTML 22Page - Keysight Technologies M9372A Datasheet HTML 23Page - Keysight Technologies M9372A Datasheet HTML 24Page - Keysight Technologies M9372A Datasheet HTML 25Page - Keysight Technologies M9372A Datasheet HTML 26Page - Keysight Technologies M9372A Datasheet HTML 27Page - Keysight Technologies M9372A Datasheet HTML 28Page - Keysight Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 34 page
background image
24
Table 29. Physical Size and Weight
Size
M937xA
1 PXIe slot
Compatible with PXI Hybrid slots
Dimensions1
Width
19.9 mm (0.784 in.)
Exclusive of the back plane connector alignment tabs, and
front panel ground clip in free state
Height
128.4 mm (5.06 in.)
Exclusive of the ejector hook
Depth
212.6 mm (8.37 in.)
From tip of ejector to tip of backplane connector
Weight
M937xA
0.59 kg (1.3 lbs)
1
Detailed PXIe VNA front panel dimension drawings at: http://na.support.keysight.com/pxi/files/frontpaneldims.pdf
Table 30. Electrical Power
Total Power Dissipation
M937xA
23 watts (maximum)
Supply voltage
+3.3 V
+5 V
+12 V
-12 V
Nominal current
0.72 amps.
0 amps.
1.7 amps
0 amps.
Table 31. Front Panel Information
Description
General characteristics
Typical
Test ports - RF port 1 or port 2
Connector
3.5 mm female
Impedance
50 Ω (nominal)
Damage level
> +20 dBm, > ±35 VDC,
1000 Volts ESD
LO ports - LO In & LO Out
Connector
SMA female
Impedance
50 Ω (nominal)
Damage level
> +5 dBm, ±35 VDC,
1000 Volts ESD


Similar Part No. - M9372A

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
M9370A KEYSIGHT-M9370A Datasheet
1Mb / 34P
Keysight PXIe Vector Network Analyzers
logo
EPCOS
M9370M EPCOS-M9370M Datasheet
63Kb / 5P
IF Filter for Audio Applications
logo
Keysight Technologies
M9371A KEYSIGHT-M9371A Datasheet
1Mb / 34P
Keysight PXIe Vector Network Analyzers
M9373A KEYSIGHT-M9373A Datasheet
1Mb / 34P
Keysight PXIe Vector Network Analyzers
M9374A KEYSIGHT-M9374A Datasheet
1Mb / 34P
Keysight PXIe Vector Network Analyzers
More results

Similar Description - M9372A

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
M9370A KEYSIGHT-M9370A Datasheet
1Mb / 34P
Keysight PXIe Vector Network Analyzers
M9371A KEYSIGHT-M9371A Datasheet
1Mb / 34P
Keysight PXIe Vector Network Analyzers
M9373A KEYSIGHT-M9373A Datasheet
1Mb / 34P
Keysight PXIe Vector Network Analyzers
M9374A KEYSIGHT-M9374A Datasheet
1Mb / 34P
Keysight PXIe Vector Network Analyzers
M9375A KEYSIGHT-M9375A Datasheet
1Mb / 34P
Keysight PXIe Vector Network Analyzers
M9485A KEYSIGHT-M9485A Datasheet
2Mb / 39P
M9485A PXIe Multiport Vector Network Analyzer
M9309A KEYSIGHT-M9309A Datasheet
1Mb / 10P
M9309A PXIe Vector Network Analyzer Synthesizer
M9389A KEYSIGHT-M9389A Datasheet
1Mb / 13P
M9389A PXIe Vector Network Analyzer Source
M9485A KEYSIGHT-M9485A_17 Datasheet
3Mb / 40P
M9485A PXIe Multiport Vector Network Analyzer
logo
TEKTRONIX, INC.
TTR500 TEKTRONIX-TTR500 Datasheet
849Kb / 16P
Vector Network Analyzers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com