Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M9372A Datasheet(PDF) 22 Page - Keysight Technologies

Part # M9372A
Description  Keysight PXIe Vector Network Analyzers
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSIGHT [Keysight Technologies]
Direct Link  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

M9372A Datasheet(HTML) 22 Page - Keysight Technologies

Back Button M9372A Datasheet HTML 18Page - Keysight Technologies M9372A Datasheet HTML 19Page - Keysight Technologies M9372A Datasheet HTML 20Page - Keysight Technologies M9372A Datasheet HTML 21Page - Keysight Technologies M9372A Datasheet HTML 22Page - Keysight Technologies M9372A Datasheet HTML 23Page - Keysight Technologies M9372A Datasheet HTML 24Page - Keysight Technologies M9372A Datasheet HTML 25Page - Keysight Technologies M9372A Datasheet HTML 26Page - Keysight Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 34 page
background image
22
General Information
Table 26. System requirements
Processor requirement
Hardware requirements
M9037A PXIe High performance embedded controller recommended
Operating systems
Windows 7 or Windows Vista, SP1&2 (32 & 64 bit)
Processor speed
2.4 GHz recommended; 1.5 GHz dual core (x86 or x64) minimum
Available memory
8 GB recommended; 1 GB minimum
Available disk space
1.5 GB available hard disk space minimum
Instrument drivers
Keysight IO libraries
Version 16.3.17914.4 or later
The latest Keysight IO library suite is available at: www.keysight.com/find/iosuite
Table 27. Environmental and Physical Specifications
Description
Samples of this product have been type tested in accordance with the Keysight
Environmental Test Manual and verified to be robust against the environmental
stresses of Storage, Transportation and End-use; those stresses include, but are not
limited to, temperature, humidity, shock, vibration, altitude, and power line conditions.
Test Methods are aligned with IEC 60068-2 and levels are similar to MIL-PRF-28800F
Class 3.
Temperature
Operating
Non-operating
0 to 55 °C ambient
10 to 70 °C module temperature
-40 to +70 °C
Humidity
Type tested at 95%, +40 °C
(non-condensing)
Altitude – Operating
Up to 15,000 feet (4,572 meters)
Altitude – Non-operating
Up to 15,000 feet (4,572 meters)
Intrusion protection
IP 30 IEC/EN 60529
Warm-up time
60 minutes
Connectors
RF In and RF Out
LO In and LO Out
Trig, In and Trig. Out, Trig. Ready
3.5 mm female
SMA female
SMB female


Similar Part No. - M9372A

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
M9370A KEYSIGHT-M9370A Datasheet
1Mb / 34P
   Keysight PXIe Vector Network Analyzers
logo
EPCOS
M9370M EPCOS-M9370M Datasheet
63Kb / 5P
   IF Filter for Audio Applications
logo
Keysight Technologies
M9371A KEYSIGHT-M9371A Datasheet
1Mb / 34P
   Keysight PXIe Vector Network Analyzers
M9373A KEYSIGHT-M9373A Datasheet
1Mb / 34P
   Keysight PXIe Vector Network Analyzers
M9374A KEYSIGHT-M9374A Datasheet
1Mb / 34P
   Keysight PXIe Vector Network Analyzers
More results

Similar Description - M9372A

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
M9374A KEYSIGHT-M9374A Datasheet
1Mb / 34P
   Keysight PXIe Vector Network Analyzers
M9370A KEYSIGHT-M9370A Datasheet
1Mb / 34P
   Keysight PXIe Vector Network Analyzers
M9371A KEYSIGHT-M9371A Datasheet
1Mb / 34P
   Keysight PXIe Vector Network Analyzers
M9373A KEYSIGHT-M9373A Datasheet
1Mb / 34P
   Keysight PXIe Vector Network Analyzers
M9375A KEYSIGHT-M9375A Datasheet
1Mb / 34P
   Keysight PXIe Vector Network Analyzers
logo
TEKTRONIX, INC.
TTR500 TEKTRONIX-TTR500 Datasheet
849Kb / 16P
   Vector Network Analyzers
logo
Keysight Technologies
M9485A KEYSIGHT-M9485A_17 Datasheet
3Mb / 40P
   M9485A PXIe Multiport Vector Network Analyzer
M9389A KEYSIGHT-M9389A Datasheet
1Mb / 13P
   M9389A PXIe Vector Network Analyzer Source
M9485A KEYSIGHT-M9485A Datasheet
2Mb / 39P
   M9485A PXIe Multiport Vector Network Analyzer
M9309A KEYSIGHT-M9309A Datasheet
1Mb / 10P
   M9309A PXIe Vector Network Analyzer Synthesizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com