Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M9372A Datasheet(PDF) 2 Page - Keysight Technologies

Part # M9372A
Description  Keysight PXIe Vector Network Analyzers
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSIGHT [Keysight Technologies]
Direct Link  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

M9372A Datasheet(HTML) 2 Page - Keysight Technologies

  M9372A Datasheet HTML 1Page - Keysight Technologies M9372A Datasheet HTML 2Page - Keysight Technologies M9372A Datasheet HTML 3Page - Keysight Technologies M9372A Datasheet HTML 4Page - Keysight Technologies M9372A Datasheet HTML 5Page - Keysight Technologies M9372A Datasheet HTML 6Page - Keysight Technologies M9372A Datasheet HTML 7Page - Keysight Technologies M9372A Datasheet HTML 8Page - Keysight Technologies M9372A Datasheet HTML 9Page - Keysight Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 34 page
background image
2
Drive down the size of test
When you need to measure basic S-parameters,
the right mix of speed, performance and footprint
gives you an edge. Sharpen your edge with the
Keysight PXI vector network analyzer (VNA), ideal
for:
Wireless manufacturing test
Handset component test
Aerospace/defense depot maintenance
level testing
Aerospace/defense manufacturing test
Get more VNA in less space
The Keysight PXI VNA is a full two-port VNA that
fits in just one slot. The PXI VNA also performs
fast, accurate measurements and reduces your
cost-of-test by letting you simultaneously
characterize many devices -- two-port or
multiport -- using a single PXI chassis.
It offers the best PXI VNA performance on key
specifications such as dynamic range,
measurement speed, and trace noise. Each
module is a completely independent two-port
network analyzer and up to 16 modules can be
added to a chassis for multi-site and multiport
applications. All ports are fully synchronous so
multiple ports can be measured simultaneously
with multiport error correction applied. For more
information, see page 28.
Achieve confidence and continuity in
measurements
The M937xA extends Keysight’s expertise in
metrology to the modular form factor. It provides
the same quality results you have come to expect
in our vector network analyzers. Here are a few
examples of ways that we continue to provide
measurement quality and continuity.
Dynamic range: > 114 dB at 9 GHz,
> 110 dB at 20 GHz
Trace noise: < 0.003 dB
Sweep speed: 18 to 33 msec across 401
points
Maximum leveled power: up to +7 dBm
Stability: 0.005 dB/°C up to 4 GHz
<0.02 dB/°C up to 26.5 GHz
Electronic calibration (ECal): enables fast,
easy and accurate calibrations
Maintain hardware compliance
The M937xA is PXI compliant and designed to
benefit from fast data interfaces. The PXI VNA can
be integrated with other test and automation
modules in either a PXIe or Hybrid slot. The PXI
format offers high performance in a small, rugged
package. It is an ideal deployment platform for
many automated test systems.
Pay for only the frequency range you need with
the widest choice of frequency ranges from 300
kHz up to 26.5 GHz.


Similar Part No. - M9372A

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
M9370A KEYSIGHT-M9370A Datasheet
1Mb / 34P
Keysight PXIe Vector Network Analyzers
logo
EPCOS
M9370M EPCOS-M9370M Datasheet
63Kb / 5P
IF Filter for Audio Applications
logo
Keysight Technologies
M9371A KEYSIGHT-M9371A Datasheet
1Mb / 34P
Keysight PXIe Vector Network Analyzers
M9373A KEYSIGHT-M9373A Datasheet
1Mb / 34P
Keysight PXIe Vector Network Analyzers
M9374A KEYSIGHT-M9374A Datasheet
1Mb / 34P
Keysight PXIe Vector Network Analyzers
More results

Similar Description - M9372A

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
M9374A KEYSIGHT-M9374A Datasheet
1Mb / 34P
Keysight PXIe Vector Network Analyzers
M9370A KEYSIGHT-M9370A Datasheet
1Mb / 34P
Keysight PXIe Vector Network Analyzers
M9371A KEYSIGHT-M9371A Datasheet
1Mb / 34P
Keysight PXIe Vector Network Analyzers
M9373A KEYSIGHT-M9373A Datasheet
1Mb / 34P
Keysight PXIe Vector Network Analyzers
M9375A KEYSIGHT-M9375A Datasheet
1Mb / 34P
Keysight PXIe Vector Network Analyzers
logo
TEKTRONIX, INC.
TTR500 TEKTRONIX-TTR500 Datasheet
849Kb / 16P
Vector Network Analyzers
logo
Keysight Technologies
M9485A KEYSIGHT-M9485A_17 Datasheet
3Mb / 40P
M9485A PXIe Multiport Vector Network Analyzer
M9389A KEYSIGHT-M9389A Datasheet
1Mb / 13P
M9389A PXIe Vector Network Analyzer Source
M9485A KEYSIGHT-M9485A Datasheet
2Mb / 39P
M9485A PXIe Multiport Vector Network Analyzer
M9309A KEYSIGHT-M9309A Datasheet
1Mb / 10P
M9309A PXIe Vector Network Analyzer Synthesizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com