Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M9372A Datasheet(PDF) 18 Page - Keysight Technologies

Part # M9372A
Description  Keysight PXIe Vector Network Analyzers
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSIGHT [Keysight Technologies]
Direct Link  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

M9372A Datasheet(HTML) 18 Page - Keysight Technologies

Back Button M9372A Datasheet HTML 14Page - Keysight Technologies M9372A Datasheet HTML 15Page - Keysight Technologies M9372A Datasheet HTML 16Page - Keysight Technologies M9372A Datasheet HTML 17Page - Keysight Technologies M9372A Datasheet HTML 18Page - Keysight Technologies M9372A Datasheet HTML 19Page - Keysight Technologies M9372A Datasheet HTML 20Page - Keysight Technologies M9372A Datasheet HTML 21Page - Keysight Technologies M9372A Datasheet HTML 22Page - Keysight Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 34 page
background image
18
Table 18. Magnitude trace noise (1 kHz IF bandwidth, -5 dBm power)
Frequency Range
Specification
Typical
300 kHz to < 10 MHz
--
0.0020 dB rms
10 MHz to 4 GHz
0.003 dB rms
0.0010 dB rms
> 4 to 6.5 GHz
0.003 dB rms
0.0010 dB rms
> 6.5 to 9 GHz
0.003 dB rms
0.0010 dB rms
> 9 to 14 GHz
0.003 dB rms
0.0010 dB rms
> 14 to 20 GHz
0.003 dB rms
0.0010 dB rms
> 20 to 24 GHz
0.006 dB rms
0.0015 dB rms
> 24 to 26.5 GHz
--
0.0020 dB rms
Table 19. Magnitude trace noise (characteristic performance, +6 dBm power)
Frequency Range
10 kHz IF bandwidth
100 kHz IF bandwidth
600 kHz IF bandwidth
250 MHz to 10 GHz
0.0020 dB rms
0.0055 dB rms
0.0120 dB rms
> 10 to 14 GHz
0.0030 dB rms
0.0075 dB rms
0.0160 dB rms
Table 20. Magnitude trace noise (typical performance, +6 dBm power)
Frequency Range
10 kHz IF bandwidth
100 kHz IF bandwidth
600 kHz IF bandwidth
250 MHz to 10 GHz
0.001 dB rms
0.003 dB rms
0.007 dB rms
> 10 to 14 GHz
0.002 dB rms
0.004 dB rms
0.008 dB rms
Table 21. Phase trace noise (1 kHz IF bandwidth, -5 dBm power)
Description
Specification
Typical value
300 kHz to < 10 MHz
--
0.020 deg
10 MHz to 4 GHz
0.030 deg
0.010 deg
> 4 to 6.5 GHz
0.030 deg
0.010 deg
> 6.5 to 9 GHz
0.030 deg
0.010 deg
> 9 to 14 GHz
0.030 deg
0.010 deg
> 14 to 20 GHz
0.030 deg
0.010 deg
> 20 to 24 GHz
0.060 deg
0.015 deg
> 24 to 26.5 GHz
--
0.020 deg


Similar Part No. - M9372A

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
M9370A KEYSIGHT-M9370A Datasheet
1Mb / 34P
   Keysight PXIe Vector Network Analyzers
logo
EPCOS
M9370M EPCOS-M9370M Datasheet
63Kb / 5P
   IF Filter for Audio Applications
logo
Keysight Technologies
M9371A KEYSIGHT-M9371A Datasheet
1Mb / 34P
   Keysight PXIe Vector Network Analyzers
M9373A KEYSIGHT-M9373A Datasheet
1Mb / 34P
   Keysight PXIe Vector Network Analyzers
M9374A KEYSIGHT-M9374A Datasheet
1Mb / 34P
   Keysight PXIe Vector Network Analyzers
More results

Similar Description - M9372A

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
M9374A KEYSIGHT-M9374A Datasheet
1Mb / 34P
   Keysight PXIe Vector Network Analyzers
M9370A KEYSIGHT-M9370A Datasheet
1Mb / 34P
   Keysight PXIe Vector Network Analyzers
M9371A KEYSIGHT-M9371A Datasheet
1Mb / 34P
   Keysight PXIe Vector Network Analyzers
M9373A KEYSIGHT-M9373A Datasheet
1Mb / 34P
   Keysight PXIe Vector Network Analyzers
M9375A KEYSIGHT-M9375A Datasheet
1Mb / 34P
   Keysight PXIe Vector Network Analyzers
logo
TEKTRONIX, INC.
TTR500 TEKTRONIX-TTR500 Datasheet
849Kb / 16P
   Vector Network Analyzers
logo
Keysight Technologies
M9485A KEYSIGHT-M9485A_17 Datasheet
3Mb / 40P
   M9485A PXIe Multiport Vector Network Analyzer
M9389A KEYSIGHT-M9389A Datasheet
1Mb / 13P
   M9389A PXIe Vector Network Analyzer Source
M9485A KEYSIGHT-M9485A Datasheet
2Mb / 39P
   M9485A PXIe Multiport Vector Network Analyzer
M9309A KEYSIGHT-M9309A Datasheet
1Mb / 10P
   M9309A PXIe Vector Network Analyzer Synthesizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com