Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M9372A Datasheet(PDF) 15 Page - Keysight Technologies

Part # M9372A
Description  Keysight PXIe Vector Network Analyzers
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSIGHT [Keysight Technologies]
Direct Link  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

M9372A Datasheet(HTML) 15 Page - Keysight Technologies

Back Button M9372A Datasheet HTML 11Page - Keysight Technologies M9372A Datasheet HTML 12Page - Keysight Technologies M9372A Datasheet HTML 13Page - Keysight Technologies M9372A Datasheet HTML 14Page - Keysight Technologies M9372A Datasheet HTML 15Page - Keysight Technologies M9372A Datasheet HTML 16Page - Keysight Technologies M9372A Datasheet HTML 17Page - Keysight Technologies M9372A Datasheet HTML 18Page - Keysight Technologies M9372A Datasheet HTML 19Page - Keysight Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 34 page
background image
15
Table 11. Non-harmonic spurs8
Frequency Range
Specification
Typical
300 kHz to < 10 MHz
--
-44 dBc
10 MHz to 10 GHz
--
-36 dBc
> 10 to 20 GHz
--
-30 dBc
> 20 to 26.5 GHz
--
-24 dBc
Table 12. Phase noise9
Frequency Range
Specification
Typical
300 kHz to < 2 MHz
--
-100 dBc/Hz
2 MHz to 2.5 GHz
--
-90 dBc/Hz
> 2.5 to 5 GHz
--
-84 dBc/Hz
> 5 to 10 GHz
--
-78 dBc/Hz
> 10 to 20 GHz
--
-72 dBc/Hz
> 20 to 26.5 GHz
--
-66 dBc/Hz
Test Port Input
Table 13. Test port input damage level
Frequency Range
Specification
300 kHz to 26.5 GHz
> +20 dBm, > ±35 VDC, > 1000V ESD
Table 14. Receiver compression level for 0.1 dB compression (typical)
Frequency Range
Specification
Typical
300 kHz to < 10 MHz
--
> +7 dBm
10 to < 250 MHz
--
> +8 dBm
250 MHz to 1 GHz
--
> +12 dBm
> 1 to 4 GHz
--
> +10 dBm
> 4 to 6.5 GHz
--
> +8 dBm
8
At nominal (preset) power of -5 dBm.
9
Phase noise in dBc/Hz, for output ports 1 or 2; typical values for 1 kHz, 10 kHz, and 100 kHz offsets.


Similar Part No. - M9372A

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
M9370A KEYSIGHT-M9370A Datasheet
1Mb / 34P
   Keysight PXIe Vector Network Analyzers
logo
EPCOS
M9370M EPCOS-M9370M Datasheet
63Kb / 5P
   IF Filter for Audio Applications
logo
Keysight Technologies
M9371A KEYSIGHT-M9371A Datasheet
1Mb / 34P
   Keysight PXIe Vector Network Analyzers
M9373A KEYSIGHT-M9373A Datasheet
1Mb / 34P
   Keysight PXIe Vector Network Analyzers
M9374A KEYSIGHT-M9374A Datasheet
1Mb / 34P
   Keysight PXIe Vector Network Analyzers
More results

Similar Description - M9372A

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
M9374A KEYSIGHT-M9374A Datasheet
1Mb / 34P
   Keysight PXIe Vector Network Analyzers
M9370A KEYSIGHT-M9370A Datasheet
1Mb / 34P
   Keysight PXIe Vector Network Analyzers
M9371A KEYSIGHT-M9371A Datasheet
1Mb / 34P
   Keysight PXIe Vector Network Analyzers
M9373A KEYSIGHT-M9373A Datasheet
1Mb / 34P
   Keysight PXIe Vector Network Analyzers
M9375A KEYSIGHT-M9375A Datasheet
1Mb / 34P
   Keysight PXIe Vector Network Analyzers
logo
TEKTRONIX, INC.
TTR500 TEKTRONIX-TTR500 Datasheet
849Kb / 16P
   Vector Network Analyzers
logo
Keysight Technologies
M9485A KEYSIGHT-M9485A_17 Datasheet
3Mb / 40P
   M9485A PXIe Multiport Vector Network Analyzer
M9389A KEYSIGHT-M9389A Datasheet
1Mb / 13P
   M9389A PXIe Vector Network Analyzer Source
M9485A KEYSIGHT-M9485A Datasheet
2Mb / 39P
   M9485A PXIe Multiport Vector Network Analyzer
M9309A KEYSIGHT-M9309A Datasheet
1Mb / 10P
   M9309A PXIe Vector Network Analyzer Synthesizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com