Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M9372A Datasheet(PDF) 13 Page - Keysight Technologies

Part # M9372A
Description  Keysight PXIe Vector Network Analyzers
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSIGHT [Keysight Technologies]
Direct Link  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

M9372A Datasheet(HTML) 13 Page - Keysight Technologies

Back Button M9372A Datasheet HTML 9Page - Keysight Technologies M9372A Datasheet HTML 10Page - Keysight Technologies M9372A Datasheet HTML 11Page - Keysight Technologies M9372A Datasheet HTML 12Page - Keysight Technologies M9372A Datasheet HTML 13Page - Keysight Technologies M9372A Datasheet HTML 14Page - Keysight Technologies M9372A Datasheet HTML 15Page - Keysight Technologies M9372A Datasheet HTML 16Page - Keysight Technologies M9372A Datasheet HTML 17Page - Keysight Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 34 page
background image
13
Test Port Output
Table 6. Maximum output port power
Frequency Range
Specification
Typical
300 kHz to < 10 MHz
--
+3 dBm
10 to < 250 MHz
0 dBm
+3 dBm
250 MHz to 6.5 GHz
+7 dBm
+10 dBm
> 6.5 to 9 GHz
+6 dBm
+9 dBm
> 9 to 14 GHz
+6 dBm
+8 dBm
> 14 to 18 GHz
+4 dBm
+7 dBm
> 18 to 20 GHz
+2 dBm
+6 dBm
> 20 to 24 GHz
-3 dBm
+1 dBm
> 24 to 26.5 GHz
--
-5 dBm
Table 7. Nominal power (preset power level)
Model
Specification
All models
-5 dBm
Table 8. Power Range
Frequency Range
Specification
Typical
300 kHz to < 10 MHz
--
+3 dBm to -40 dBm
10 to < 250 MHz
0 dBm to -40 dBm
250 MHz to 6.5 GHz
+7 to -40 dBm
> 6.5 to 9 GHz
+6 to -40 dBm
> 9 to 14 GHz
+6 to -40 dBm
> 14 to 18 GHz
+4 to -40 dBm
> 18 to 20 GHz
+2 to -40 dBm
> 20 to 24 GHz
-3 to -40 dBm
> 24 to 26.5 GHz
--
-5 to -40 dBm


Similar Part No. - M9372A

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
M9370A KEYSIGHT-M9370A Datasheet
1Mb / 34P
Keysight PXIe Vector Network Analyzers
logo
EPCOS
M9370M EPCOS-M9370M Datasheet
63Kb / 5P
IF Filter for Audio Applications
logo
Keysight Technologies
M9371A KEYSIGHT-M9371A Datasheet
1Mb / 34P
Keysight PXIe Vector Network Analyzers
M9373A KEYSIGHT-M9373A Datasheet
1Mb / 34P
Keysight PXIe Vector Network Analyzers
M9374A KEYSIGHT-M9374A Datasheet
1Mb / 34P
Keysight PXIe Vector Network Analyzers
More results

Similar Description - M9372A

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
M9370A KEYSIGHT-M9370A Datasheet
1Mb / 34P
Keysight PXIe Vector Network Analyzers
M9371A KEYSIGHT-M9371A Datasheet
1Mb / 34P
Keysight PXIe Vector Network Analyzers
M9373A KEYSIGHT-M9373A Datasheet
1Mb / 34P
Keysight PXIe Vector Network Analyzers
M9374A KEYSIGHT-M9374A Datasheet
1Mb / 34P
Keysight PXIe Vector Network Analyzers
M9375A KEYSIGHT-M9375A Datasheet
1Mb / 34P
Keysight PXIe Vector Network Analyzers
M9485A KEYSIGHT-M9485A Datasheet
2Mb / 39P
M9485A PXIe Multiport Vector Network Analyzer
M9309A KEYSIGHT-M9309A Datasheet
1Mb / 10P
M9309A PXIe Vector Network Analyzer Synthesizer
M9389A KEYSIGHT-M9389A Datasheet
1Mb / 13P
M9389A PXIe Vector Network Analyzer Source
M9485A KEYSIGHT-M9485A_17 Datasheet
3Mb / 40P
M9485A PXIe Multiport Vector Network Analyzer
logo
TEKTRONIX, INC.
TTR500 TEKTRONIX-TTR500 Datasheet
849Kb / 16P
Vector Network Analyzers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com