Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M9372A Datasheet(PDF) 4 Page - Keysight Technologies

Part # M9372A
Description  Keysight PXIe Vector Network Analyzers
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSIGHT [Keysight Technologies]
Direct Link  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

M9372A Datasheet(HTML) 4 Page - Keysight Technologies

  M9372A Datasheet HTML 1Page - Keysight Technologies M9372A Datasheet HTML 2Page - Keysight Technologies M9372A Datasheet HTML 3Page - Keysight Technologies M9372A Datasheet HTML 4Page - Keysight Technologies M9372A Datasheet HTML 5Page - Keysight Technologies M9372A Datasheet HTML 6Page - Keysight Technologies M9372A Datasheet HTML 7Page - Keysight Technologies M9372A Datasheet HTML 8Page - Keysight Technologies M9372A Datasheet HTML 9Page - Keysight Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 34 page
background image
4
Table of Contents
Definitions.........................................................................................................6
System Specifications...................................................................................7
Table 1. Frequency Information ......................................................................7
Table 2. Noise floor and dynamic range.........................................................8
Corrected performance ................................................................................9
Table 3. With N4691B electronic calibration module...................................9
Table 4. With 85052D standard mechanical 3.5 mm calibration kit ........11
Uncorrected System Performance .............................................................12
Table 5. Uncorrected error terms - specification........................................12
Test Port Output .........................................................................................13
Table 6. Maximum output port power ..........................................................13
Table 7. Nominal power (preset power level) ..............................................13
Table 8. Power Range....................................................................................13
Table 9. Power level accuracy.......................................................................14
Table 10. Source harmonics..........................................................................14
Table 11. Non-harmonic spurs .....................................................................15
Table 12. Phase noise ....................................................................................15
Test Port Input ............................................................................................15
Table 13. Test port input damage level........................................................15
Table 14. Receiver compression level for 0.1 dB compression (typical)...15
Table 15. Receiver compression versus test port power level (specified) 16
Table 16. Receiver Level Accuracy ...............................................................16
Table 18. Magnitude trace noise (1 kHz IF bandwidth, -5 dBm power)....18
Table 19. Magnitude trace noise (characteristic performance, +6 dBm
power) .............................................................................................................18
Table 20. Magnitude trace noise (typical performance, +6 dBm power) ..18
Table 21. Phase trace noise (1 kHz IF bandwidth, -5 dBm power)............18
Table 22. Phase trace noise (characteristic performance, +6 dBm power)19
Table 23. Phase trace noise (typical performance, +6 dBm power) ..........19
Table 24. Temperature stability (typical)......................................................19


Similar Part No. - M9372A

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
M9370A KEYSIGHT-M9370A Datasheet
1Mb / 34P
   Keysight PXIe Vector Network Analyzers
logo
EPCOS
M9370M EPCOS-M9370M Datasheet
63Kb / 5P
   IF Filter for Audio Applications
logo
Keysight Technologies
M9371A KEYSIGHT-M9371A Datasheet
1Mb / 34P
   Keysight PXIe Vector Network Analyzers
M9373A KEYSIGHT-M9373A Datasheet
1Mb / 34P
   Keysight PXIe Vector Network Analyzers
M9374A KEYSIGHT-M9374A Datasheet
1Mb / 34P
   Keysight PXIe Vector Network Analyzers
More results

Similar Description - M9372A

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
M9374A KEYSIGHT-M9374A Datasheet
1Mb / 34P
   Keysight PXIe Vector Network Analyzers
M9370A KEYSIGHT-M9370A Datasheet
1Mb / 34P
   Keysight PXIe Vector Network Analyzers
M9371A KEYSIGHT-M9371A Datasheet
1Mb / 34P
   Keysight PXIe Vector Network Analyzers
M9373A KEYSIGHT-M9373A Datasheet
1Mb / 34P
   Keysight PXIe Vector Network Analyzers
M9375A KEYSIGHT-M9375A Datasheet
1Mb / 34P
   Keysight PXIe Vector Network Analyzers
logo
TEKTRONIX, INC.
TTR500 TEKTRONIX-TTR500 Datasheet
849Kb / 16P
   Vector Network Analyzers
logo
Keysight Technologies
M9485A KEYSIGHT-M9485A_17 Datasheet
3Mb / 40P
   M9485A PXIe Multiport Vector Network Analyzer
M9389A KEYSIGHT-M9389A Datasheet
1Mb / 13P
   M9389A PXIe Vector Network Analyzer Source
M9485A KEYSIGHT-M9485A Datasheet
2Mb / 39P
   M9485A PXIe Multiport Vector Network Analyzer
M9309A KEYSIGHT-M9309A Datasheet
1Mb / 10P
   M9309A PXIe Vector Network Analyzer Synthesizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com