Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M9372A Datasheet(PDF) 32 Page - Keysight Technologies

Part # M9372A
Description  Keysight PXIe Vector Network Analyzers
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSIGHT [Keysight Technologies]
Direct Link  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

M9372A Datasheet(HTML) 32 Page - Keysight Technologies

Back Button M9372A Datasheet HTML 26Page - Keysight Technologies M9372A Datasheet HTML 27Page - Keysight Technologies M9372A Datasheet HTML 28Page - Keysight Technologies M9372A Datasheet HTML 29Page - Keysight Technologies M9372A Datasheet HTML 30Page - Keysight Technologies M9372A Datasheet HTML 31Page - Keysight Technologies M9372A Datasheet HTML 32Page - Keysight Technologies M9372A Datasheet HTML 33Page - Keysight Technologies M9372A Datasheet HTML 34Page - Keysight Technologies  
Zoom Inzoom in Zoom Outzoom out
 32 / 34 page
background image
32
1-port calibration
Corrects for directivity, frequency response, and source match errors.
2-port calibration
Compensates for directivity, source match, reflection frequency response, load
match, and transmission frequency response (full two-port S-parameters).
Unknown thru and QSOLT are both available.
Multiport calibration
Compensates for directivity, source match, reflection frequency response, load
match, and transmission frequency response (full N-port S-parameters). Unknown
thru and QSOLT are both available.
Guided calibration wizard
A calibration wizard is available that recommends a calibration type and calibration
kit based on selected parameters and connector types. Alternatively, users can
select their own calibration type and calibration kit.
Interpolated error correction
With any type of accuracy enhancement applied, interpolated mode recalculates the
error coefficients when the test frequencies are changed. The number of points can
be increased or decreased and the start/stop frequencies can be changed, but the
resulting frequency span must be a subset of the original calibration frequency
span.
Calibration kits
Supports all calibration kits supported by the PNA, including user defined
calibration standards.
Calibration save/recall
Enables saving or recalling user calibration
Calibration display
The results of the calibration standard are displayed during the measurement.
Table 34. Software
Keysight IO library
The IO library suite offers a single entry point for connection to the most common instruments
including AXIe, PXI, GPIB, USB, Ethernet/LAN, RS-232, and VXI test instrument from Keysight
and other vendors. It automatically discovers interfaces, chassis, and instruments. The
graphical user interface allows you to search for, verify, and update IVI instrument and soft
front panel drivers for modular and traditional instruments. The IO suite safely installs in side-
by-side mode with NI I/O software.
Free software download at www.keysight.com/find/iosuite
Keysight soft front panel
The PXI module includes a soft front panel (SFP), a software based graphical user interface
(GUI) which enables the instrument’s capabilities from your PC.
Included on CD-ROM shipped with module or online
Command Expert
Assists in finding the right instrument commands and setting correct parameters. A simple
interface includes documentation, examples, syntax checking, command execution, and
debug tools to build sequences for integration in Excel, MATLAB, LabVIEW, VEE, and System
VUE.
Free software download at www.keysight.com/find/commandexpert


Similar Part No. - M9372A

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
M9370A KEYSIGHT-M9370A Datasheet
1Mb / 34P
   Keysight PXIe Vector Network Analyzers
logo
EPCOS
M9370M EPCOS-M9370M Datasheet
63Kb / 5P
   IF Filter for Audio Applications
logo
Keysight Technologies
M9371A KEYSIGHT-M9371A Datasheet
1Mb / 34P
   Keysight PXIe Vector Network Analyzers
M9373A KEYSIGHT-M9373A Datasheet
1Mb / 34P
   Keysight PXIe Vector Network Analyzers
M9374A KEYSIGHT-M9374A Datasheet
1Mb / 34P
   Keysight PXIe Vector Network Analyzers
More results

Similar Description - M9372A

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
M9374A KEYSIGHT-M9374A Datasheet
1Mb / 34P
   Keysight PXIe Vector Network Analyzers
M9370A KEYSIGHT-M9370A Datasheet
1Mb / 34P
   Keysight PXIe Vector Network Analyzers
M9371A KEYSIGHT-M9371A Datasheet
1Mb / 34P
   Keysight PXIe Vector Network Analyzers
M9373A KEYSIGHT-M9373A Datasheet
1Mb / 34P
   Keysight PXIe Vector Network Analyzers
M9375A KEYSIGHT-M9375A Datasheet
1Mb / 34P
   Keysight PXIe Vector Network Analyzers
logo
TEKTRONIX, INC.
TTR500 TEKTRONIX-TTR500 Datasheet
849Kb / 16P
   Vector Network Analyzers
logo
Keysight Technologies
M9485A KEYSIGHT-M9485A_17 Datasheet
3Mb / 40P
   M9485A PXIe Multiport Vector Network Analyzer
M9389A KEYSIGHT-M9389A Datasheet
1Mb / 13P
   M9389A PXIe Vector Network Analyzer Source
M9485A KEYSIGHT-M9485A Datasheet
2Mb / 39P
   M9485A PXIe Multiport Vector Network Analyzer
M9309A KEYSIGHT-M9309A Datasheet
1Mb / 10P
   M9309A PXIe Vector Network Analyzer Synthesizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com