Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M9372A Datasheet(PDF) 31 Page - Keysight Technologies

Part # M9372A
Description  Keysight PXIe Vector Network Analyzers
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSIGHT [Keysight Technologies]
Direct Link  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

M9372A Datasheet(HTML) 31 Page - Keysight Technologies

Back Button M9372A Datasheet HTML 26Page - Keysight Technologies M9372A Datasheet HTML 27Page - Keysight Technologies M9372A Datasheet HTML 28Page - Keysight Technologies M9372A Datasheet HTML 29Page - Keysight Technologies M9372A Datasheet HTML 30Page - Keysight Technologies M9372A Datasheet HTML 31Page - Keysight Technologies M9372A Datasheet HTML 32Page - Keysight Technologies M9372A Datasheet HTML 33Page - Keysight Technologies M9372A Datasheet HTML 34Page - Keysight Technologies  
Zoom Inzoom in Zoom Outzoom out
 31 / 34 page
background image
31
VSWR resolution
0.01
Display controls
Can specify scale, reference level and reference position
Averaging
Averaging
2 to 999 - Averages vector data on each successive sweep or by point
Trace smoothing
Computes the moving average of adjacent data points. Smoothing aperture defines
the trace width (number of points) to be averaged, and ranges from 0.25% to 20%
of the trace width.
Traces
Number of traces
Maximum 24 traces / window
Markers
Data markers
Each trace can have up to 10 independent markers that can be displayed
simultaneously. Delta markers are available for each marker.
Marker formats
Default marker format is the trace format. In Smith chart or polar format, [Real
+Imag] or [Mag and Phase] formats are also available.
Marker functions
Peak, Next Peak, Peak Left, Peak Right, Mkr Center, Min Search, Peak
Excursion, Peak Threshold
Sweep
Sweep type
Linear, Log, Power, Segment
Sweep time
Set sweep time in seconds
Sweep trigger modes
Set to continuous, single or hold. Sweep with internal, external, or manual trigger.
Display
Display data
Display data, memory, data and memory, or data math
Trace math
Vector division or subtraction of current linear measurement values and memory
data.
Scale
Autoscale, scale, reference level, reference position
Autoscale: Automatically selects scale resolution and reference value to center the
trace. Autoscale all scales and all visible traces.
Title
Add custom titles to the display.
Limit lines
Define test limit lines that appear on the display for go/no go testing. Lines may be
any combination of horizontal, sloping lines, or discrete data points. Each trace can
have its own upper and/or lower limit line.
Limit test
Pass/fail display, audible beep
User Calibration Types
Frequency response
Simultaneous magnitude and phase correction of frequency response errors for
either reflection or transmission measurements.
Enhanced response
Corrects for frequency response and source match for transmission measurements,
and provides one-port calibration for reflection measurements.


Similar Part No. - M9372A

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
M9370A KEYSIGHT-M9370A Datasheet
1Mb / 34P
   Keysight PXIe Vector Network Analyzers
logo
EPCOS
M9370M EPCOS-M9370M Datasheet
63Kb / 5P
   IF Filter for Audio Applications
logo
Keysight Technologies
M9371A KEYSIGHT-M9371A Datasheet
1Mb / 34P
   Keysight PXIe Vector Network Analyzers
M9373A KEYSIGHT-M9373A Datasheet
1Mb / 34P
   Keysight PXIe Vector Network Analyzers
M9374A KEYSIGHT-M9374A Datasheet
1Mb / 34P
   Keysight PXIe Vector Network Analyzers
More results

Similar Description - M9372A

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
M9374A KEYSIGHT-M9374A Datasheet
1Mb / 34P
   Keysight PXIe Vector Network Analyzers
M9370A KEYSIGHT-M9370A Datasheet
1Mb / 34P
   Keysight PXIe Vector Network Analyzers
M9371A KEYSIGHT-M9371A Datasheet
1Mb / 34P
   Keysight PXIe Vector Network Analyzers
M9373A KEYSIGHT-M9373A Datasheet
1Mb / 34P
   Keysight PXIe Vector Network Analyzers
M9375A KEYSIGHT-M9375A Datasheet
1Mb / 34P
   Keysight PXIe Vector Network Analyzers
logo
TEKTRONIX, INC.
TTR500 TEKTRONIX-TTR500 Datasheet
849Kb / 16P
   Vector Network Analyzers
logo
Keysight Technologies
M9485A KEYSIGHT-M9485A_17 Datasheet
3Mb / 40P
   M9485A PXIe Multiport Vector Network Analyzer
M9389A KEYSIGHT-M9389A Datasheet
1Mb / 13P
   M9389A PXIe Vector Network Analyzer Source
M9485A KEYSIGHT-M9485A Datasheet
2Mb / 39P
   M9485A PXIe Multiport Vector Network Analyzer
M9309A KEYSIGHT-M9309A Datasheet
1Mb / 10P
   M9309A PXIe Vector Network Analyzer Synthesizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com