Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M9372A Datasheet(PDF) 30 Page - Keysight Technologies

Part # M9372A
Description  Keysight PXIe Vector Network Analyzers
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSIGHT [Keysight Technologies]
Direct Link  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

M9372A Datasheet(HTML) 30 Page - Keysight Technologies

Back Button M9372A Datasheet HTML 26Page - Keysight Technologies M9372A Datasheet HTML 27Page - Keysight Technologies M9372A Datasheet HTML 28Page - Keysight Technologies M9372A Datasheet HTML 29Page - Keysight Technologies M9372A Datasheet HTML 30Page - Keysight Technologies M9372A Datasheet HTML 31Page - Keysight Technologies M9372A Datasheet HTML 32Page - Keysight Technologies M9372A Datasheet HTML 33Page - Keysight Technologies M9372A Datasheet HTML 34Page - Keysight Technologies  
Zoom Inzoom in Zoom Outzoom out
 30 / 34 page
background image
30
Multisite operation
Multi-site operation is the ability to configure multiple independent PXI VNAs to operate independently
in a single PXIe chassis. Up to ten independent PXI VNA instances have been demonstrated, allowing
parallel testing of devices. Each instance of an independent PXI VNA can have different number of
ports, and can be triggered synchronously, or asynchronously.
More than four independent PXI VNAs operating on a single controller may experience some
degradation in performance due to processing limitations.
Description
Information
Data points
32,001 (using controller with 32-bit OS)
100,001 (using controller with 64-bit OS)
Measurements
S11, S21, S12 and S22 magnitude and phase
Full S-parameter matrix for multiport operation
Formats
Data display formats
Log magnitude, linear magnitude, VSWR, phase, group delay, impedance, real and
imaginary
Channels
Number of channels
Up to 200 independent measurement channels. A measurement channel is
coupled to stimulus response settings including frequency, IF bandwidth, power
level and number of points.
IF bandwidths
10 Hz, 20 Hz, 30 Hz, 50 Hz, 100 Hz, 200 Hz, 300 Hz, 500 Hz, 1 kHz, 2 KHz, 3 kHz,
5 kHz, 10 kHz, 20 kHz, 30 kHz, 50 kHz, 100 kHz, 300 kHz, 600 kHz, 1.2 MHz
Group delay
Aperture (selectable)
(frequency span)/(number of points –1)
Maximum aperture
25% of frequency span
Minimum delay
Limited to measuring no more than 180° of phase change within the minimum
aperture.
Display range
Log magnitude S11 or S22
-1000 to 1000 dB
Log magnitude S21 or S12
-1000 to 1000 dB
Log magnitude resolution
0.01 dB
Phase
-180 to +180 degrees
Phase resolution
0.01 degrees
VSWR
1.01 to 1000


Similar Part No. - M9372A

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
M9370A KEYSIGHT-M9370A Datasheet
1Mb / 34P
Keysight PXIe Vector Network Analyzers
logo
EPCOS
M9370M EPCOS-M9370M Datasheet
63Kb / 5P
IF Filter for Audio Applications
logo
Keysight Technologies
M9371A KEYSIGHT-M9371A Datasheet
1Mb / 34P
Keysight PXIe Vector Network Analyzers
M9373A KEYSIGHT-M9373A Datasheet
1Mb / 34P
Keysight PXIe Vector Network Analyzers
M9374A KEYSIGHT-M9374A Datasheet
1Mb / 34P
Keysight PXIe Vector Network Analyzers
More results

Similar Description - M9372A

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
M9374A KEYSIGHT-M9374A Datasheet
1Mb / 34P
Keysight PXIe Vector Network Analyzers
M9370A KEYSIGHT-M9370A Datasheet
1Mb / 34P
Keysight PXIe Vector Network Analyzers
M9371A KEYSIGHT-M9371A Datasheet
1Mb / 34P
Keysight PXIe Vector Network Analyzers
M9373A KEYSIGHT-M9373A Datasheet
1Mb / 34P
Keysight PXIe Vector Network Analyzers
M9375A KEYSIGHT-M9375A Datasheet
1Mb / 34P
Keysight PXIe Vector Network Analyzers
logo
TEKTRONIX, INC.
TTR500 TEKTRONIX-TTR500 Datasheet
849Kb / 16P
Vector Network Analyzers
logo
Keysight Technologies
M9485A KEYSIGHT-M9485A_17 Datasheet
3Mb / 40P
M9485A PXIe Multiport Vector Network Analyzer
M9389A KEYSIGHT-M9389A Datasheet
1Mb / 13P
M9389A PXIe Vector Network Analyzer Source
M9485A KEYSIGHT-M9485A Datasheet
2Mb / 39P
M9485A PXIe Multiport Vector Network Analyzer
M9309A KEYSIGHT-M9309A Datasheet
1Mb / 10P
M9309A PXIe Vector Network Analyzer Synthesizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com