Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M9372A Datasheet(PDF) 27 Page - Keysight Technologies

Part # M9372A
Description  Keysight PXIe Vector Network Analyzers
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSIGHT [Keysight Technologies]
Direct Link  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

M9372A Datasheet(HTML) 27 Page - Keysight Technologies

Back Button M9372A Datasheet HTML 23Page - Keysight Technologies M9372A Datasheet HTML 24Page - Keysight Technologies M9372A Datasheet HTML 25Page - Keysight Technologies M9372A Datasheet HTML 26Page - Keysight Technologies M9372A Datasheet HTML 27Page - Keysight Technologies M9372A Datasheet HTML 28Page - Keysight Technologies M9372A Datasheet HTML 29Page - Keysight Technologies M9372A Datasheet HTML 30Page - Keysight Technologies M9372A Datasheet HTML 31Page - Keysight Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 34 page
background image
27
Measurement speed continued
Typical cycle time (full frequency span, 600 kHz IF bandwidth, no calibration, includes data transfer)
Number of points
201
401
801
1601
16001
M9370A 300 kHz to 4 GHz
11.5
15.6
22.9
35.6
273
M9371A 300 kHz to 6.5 GHz
11.8
16.0
23.6
37.2
279
M9372A 300 kHz to 9 GHz
11.9
16.1
23.8
37.9
284
M9373A 300 kHz to14 GHz
12.1
17.0
25.4
40.9
304
M9374A 300 kHz to 20 GHz
12.3
17.4
26.4
42.6
318
M9375A 300 kHz to 26.5 GHz
12.7
18.3
27.9
45.6
347
Typical cycle time (full frequency span, 100 kHz IF bandwidth, 2-port calibration, includes data transfer)
Number of points
201
401
801
1601
16001
M9370A 300 kHz to 4 GHz
28.7
42.7
68.2
116
1154
M9371A 300 kHz to 6.5 GHz
29.8
44.8
72.3
125
1272
M9372A 300 kHz to 9 GHz
30.3
45.8
74.5
129
1448
M9373A 300 kHz to14 GHz
32.4
49.7
80.9
141
1633
M9374A 300 kHz to 20 GHz
33.5
51.8
84.7
148
2000
M9375A 300 kHz to26.5 GHz
35.2
54.8
91.1
161
2242
Typical cycle time (full frequency span, 600 kHz IF bandwidth, 2-port calibration, includes data transfer)
Number of points
201
401
801
1601
16001
M9370A 300 kHz to 4 GHz
22.7
30.9
45.7
71.0
705
M9371A 300 kHz to 6.5 GHz
23.3
32.3
47.7
74.3
733
M9372A 300 kHz to 9 GHz
23.6
32.3
47.9
75.9
757
M9373A 300 kHz to14 GHz
24.1
34.0
51.3
81.9
832
M9374A 300 kHz to 20 GHz
24.8
35.0
53.1
85.3
936
M9375A 300 kHz to 26.5 GHz
25.3
36.6
55.6
91.1
1036
--
Typical cycle time (full frequency span, 600 kHz IF bandwidth, 4-port calibration, includes data transfer)
Number of points
201
401
801
1601
16001
M9370A 300 kHz to 4 GHz
45.9
64.0
97.2
156
1129
M9371A 300 kHz to 6.5 GHz
47.0
66.3
100
162
1178
M9372A 300 kHz to 9 GHz
47.5
67.6
101
166
1216
M9373A 300 kHz to14 GHz
48.9
70.5
108
178
1328
M9374A 300 kHz to 20 GHz
51.2
73.5
112
185
1410
M9375A 300 kHz to 26.5 GHz
52.1
76.7
120
198
1530


Similar Part No. - M9372A

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
M9370A KEYSIGHT-M9370A Datasheet
1Mb / 34P
   Keysight PXIe Vector Network Analyzers
logo
EPCOS
M9370M EPCOS-M9370M Datasheet
63Kb / 5P
   IF Filter for Audio Applications
logo
Keysight Technologies
M9371A KEYSIGHT-M9371A Datasheet
1Mb / 34P
   Keysight PXIe Vector Network Analyzers
M9373A KEYSIGHT-M9373A Datasheet
1Mb / 34P
   Keysight PXIe Vector Network Analyzers
M9374A KEYSIGHT-M9374A Datasheet
1Mb / 34P
   Keysight PXIe Vector Network Analyzers
More results

Similar Description - M9372A

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
M9374A KEYSIGHT-M9374A Datasheet
1Mb / 34P
   Keysight PXIe Vector Network Analyzers
M9370A KEYSIGHT-M9370A Datasheet
1Mb / 34P
   Keysight PXIe Vector Network Analyzers
M9371A KEYSIGHT-M9371A Datasheet
1Mb / 34P
   Keysight PXIe Vector Network Analyzers
M9373A KEYSIGHT-M9373A Datasheet
1Mb / 34P
   Keysight PXIe Vector Network Analyzers
M9375A KEYSIGHT-M9375A Datasheet
1Mb / 34P
   Keysight PXIe Vector Network Analyzers
logo
TEKTRONIX, INC.
TTR500 TEKTRONIX-TTR500 Datasheet
849Kb / 16P
   Vector Network Analyzers
logo
Keysight Technologies
M9485A KEYSIGHT-M9485A_17 Datasheet
3Mb / 40P
   M9485A PXIe Multiport Vector Network Analyzer
M9389A KEYSIGHT-M9389A Datasheet
1Mb / 13P
   M9389A PXIe Vector Network Analyzer Source
M9485A KEYSIGHT-M9485A Datasheet
2Mb / 39P
   M9485A PXIe Multiport Vector Network Analyzer
M9309A KEYSIGHT-M9309A Datasheet
1Mb / 10P
   M9309A PXIe Vector Network Analyzer Synthesizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com