Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M9372A Datasheet(PDF) 26 Page - Keysight Technologies

Part # M9372A
Description  Keysight PXIe Vector Network Analyzers
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSIGHT [Keysight Technologies]
Direct Link  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

M9372A Datasheet(HTML) 26 Page - Keysight Technologies

Back Button M9372A Datasheet HTML 22Page - Keysight Technologies M9372A Datasheet HTML 23Page - Keysight Technologies M9372A Datasheet HTML 24Page - Keysight Technologies M9372A Datasheet HTML 25Page - Keysight Technologies M9372A Datasheet HTML 26Page - Keysight Technologies M9372A Datasheet HTML 27Page - Keysight Technologies M9372A Datasheet HTML 28Page - Keysight Technologies M9372A Datasheet HTML 29Page - Keysight Technologies M9372A Datasheet HTML 30Page - Keysight Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 34 page
background image
26
Table 32. Measurement speed (milliseconds)10
Description
Typical
Typical cycle time (0.8 – 1.8 GHz frequency span, 1 kHz IF bandwidth, includes data transfer)
Number of points
201
401
801
1601
16001
Uncorrected
211
415
830
1654
16488
2-port calibration
423
836
1661
3308
33013
4-port calibration
842
1670
3322
6630
66175
Typical cycle time (0.8 – 1.8 GHz frequency span, 100 kHz IF bandwidth, includes data transfer)
Number of points
201
401
801
1601
16001
Uncorrected
8.5
14
25
46
421
2-port calibration
17.5
28.5
50
92
1012
4-port calibration
35.0
57.8
104
198
1844
Typical cycle time (0.8 – 1.8 GHz frequency span, 600 kHz IF bandwidth, includes data transfer)
Number of points
201
401
801
1601
16001
Uncorrected
6.0
8.9
16.2
29.2
258
2-port calibration
11.9
17.6
32.4
58.7
686
4-port calibration
23.3
36.0
63.1
118
1050
Typical cycle time (full frequency span, 100 kHz IF bandwidth, no calibration, includes data transfer)
Number of points
201
401
801
1601
16001
M9370A 300 kHz to 4 GHz
15.0
22.0
35.0
59.0
461
M9371A 300 kHz to 6.5 GHz
15.1
22.6
36.3
61.9
499
M9372A 300 kHz to 9 GHz
15.2
22.9
37.1
64.3
526
M9373A 300 kHz to14 GHz
16.2
24.7
40.4
70.3
584
M9374A 300 kHz to 20 GHz
17.0
25.7
42.3
74.0
621
M9375A 300 kHz to 26.5 GHz
18.0
27.5
46.0
80.2
683
10
Measured using a Keysight M9018A PXIe chassis, and an M9036A dual-core embedded controller
running Windows 7, with firmware revision A.01.00. Data transfer includes real and imaginary pairs, and
includes transferring four S-parameters for both the 2-port and 4-port calibrations. Uncorrected
measurements are for one sweep direction and transferring the corresponding two S-parameters.
Measured with normal sweep mode; the fast sweep mode will have faster measurement speeds.


Similar Part No. - M9372A

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
M9370A KEYSIGHT-M9370A Datasheet
1Mb / 34P
   Keysight PXIe Vector Network Analyzers
logo
EPCOS
M9370M EPCOS-M9370M Datasheet
63Kb / 5P
   IF Filter for Audio Applications
logo
Keysight Technologies
M9371A KEYSIGHT-M9371A Datasheet
1Mb / 34P
   Keysight PXIe Vector Network Analyzers
M9373A KEYSIGHT-M9373A Datasheet
1Mb / 34P
   Keysight PXIe Vector Network Analyzers
M9374A KEYSIGHT-M9374A Datasheet
1Mb / 34P
   Keysight PXIe Vector Network Analyzers
More results

Similar Description - M9372A

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
M9374A KEYSIGHT-M9374A Datasheet
1Mb / 34P
   Keysight PXIe Vector Network Analyzers
M9370A KEYSIGHT-M9370A Datasheet
1Mb / 34P
   Keysight PXIe Vector Network Analyzers
M9371A KEYSIGHT-M9371A Datasheet
1Mb / 34P
   Keysight PXIe Vector Network Analyzers
M9373A KEYSIGHT-M9373A Datasheet
1Mb / 34P
   Keysight PXIe Vector Network Analyzers
M9375A KEYSIGHT-M9375A Datasheet
1Mb / 34P
   Keysight PXIe Vector Network Analyzers
logo
TEKTRONIX, INC.
TTR500 TEKTRONIX-TTR500 Datasheet
849Kb / 16P
   Vector Network Analyzers
logo
Keysight Technologies
M9485A KEYSIGHT-M9485A_17 Datasheet
3Mb / 40P
   M9485A PXIe Multiport Vector Network Analyzer
M9389A KEYSIGHT-M9389A Datasheet
1Mb / 13P
   M9389A PXIe Vector Network Analyzer Source
M9485A KEYSIGHT-M9485A Datasheet
2Mb / 39P
   M9485A PXIe Multiport Vector Network Analyzer
M9309A KEYSIGHT-M9309A Datasheet
1Mb / 10P
   M9309A PXIe Vector Network Analyzer Synthesizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com