Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OM25180FDKM Datasheet(PDF) 15 Page - NXP Semiconductors

Part # OM25180FDKM
Description  High-performance multi-protocol full NFC Forum-compliant frontend
PDF  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

OM25180FDKM Datasheet(HTML) 15 Page - NXP Semiconductors

Back Button OM25180FDKM Datasheet HTML 11Page - NXP Semiconductors OM25180FDKM Datasheet HTML 12Page - NXP Semiconductors OM25180FDKM Datasheet HTML 13Page - NXP Semiconductors OM25180FDKM Datasheet HTML 14Page - NXP Semiconductors OM25180FDKM Datasheet HTML 15Page - NXP Semiconductors OM25180FDKM Datasheet HTML 16Page - NXP Semiconductors OM25180FDKM Datasheet HTML 17Page - NXP Semiconductors OM25180FDKM Datasheet HTML 18Page - NXP Semiconductors OM25180FDKM Datasheet HTML 19Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 149 page
background image
PN5180
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2016. All rights reserved.
Product data sheet
COMPANY PUBLIC
Rev. 3.0 — 7 October 2016
240930
15 of 149
NXP Semiconductors
PN5180
High-performance multi-protocol full NFC Forum-compliant frontend
allowed, meaning that the whole instruction has to be sent or the whole receive buffer has
to be read out. The whole transmit buffer shall be written at once as well. No NSS
assertion is allowed during data transfer.
As the MISO line is per default high-ohmic in case of NSS high, an internal pull-up resistor
can be enabled via EEPROM.
The BUSY signal is used to indicate that the PN5180 is not able to send or receive data
over the SPI interface.
The host interface is designed to support the typical interface supply voltages of 1.8 V and
3.3 V of CPUs. A dedicated supply input which defines the host interface supply voltage
independent from other supplies is available (PVDD). Only a voltage of 1.8 V or 3.3 V is
supported, but no voltage in the range of 1.95 V to 2.7 V.
Master In Slave Out (MISO)
The MISO line is configured as an output in a slave device. It is used to transfer data from
the slave to the master, with the most significant bit sent first. The MISO signal is put into
3-state mode when NSS is high.
Master Out Slave In (MOSI)
The MOSI line is configured as an input in a slave device. It is used to transfer data from
the master to a slave, with the most significant bit sent first.
Serial Clock (SCK)
The serial clock is used to synchronize data movement both in and out of the device
through its MOSI and MISO lines.
Not Slave Select (NSS)
The slave select input (NSS) line is used to select a slave device. It shall be set to low
before any data transaction starts and must stay low during the transaction.
Busy
During frame reception, the BUSY line goes ACTIVE and goes to IDLE when PN5180 is
able to receive a new frame or data is available (depending if SET or GET frame is
issued). If there is a parameter error, the IRQ is set to ACTIVE and a
GENERAL_ERROR_IRQ is set.
Both master and slave devices must operate with the same timing. The master device
always places data on the MOSI line a half cycle before the clock edge SCK, in order for
the slave device to latch the data.
The BUSY line is used to indicate that the system is BUSY and cannot receive any data
from a host. Recommendation for the BUSY line handling by the host:
1. Assert NSS to Low
2. Perform Data Exchange
3. Wait until BUSY is high
4. Deassert NSS
5. Wait until BUSY is low


Similar Part No. - OM25180FDKM

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
OM25180FDK NXP-OM25180FDK Datasheet
1,007Kb / 2P
PN5180 NFC Frontend Development Kit for POS
More results

Similar Description - OM25180FDKM

ManufacturerPart #DatasheetDescription
logo
ams AG
AS3955 AMSCO-AS3955 Datasheet
1Mb / 111P
NFC Forum Compliant Dynamic Tag
logo
NXP Semiconductors
PN7150 NXP-PN7150 Datasheet
2Mb / 55P
High performance full NFC Forum-compliant controller with integrated firmware and NCI interface
Rev. 3.3-4 July 2016
PN7150B0HN NXP-PN7150B0HN Datasheet
2Mb / 55P
High performance full NFC Forum-compliant controller with integrated firmware and NCI interface
Rev. 3.3-4 July 2016
logo
ams AG
AS3956 AMSCO-AS3956 Datasheet
1Mb / 109P
NFC Forum Compliant Dynamic Tag
logo
NXP Semiconductors
PN5180A0XX NXP-PN5180A0XX Datasheet
1Mb / 160P
High-performance multiprotocol full NFC frontend, supporting all NFC Forum modes
PN5190 NXP-PN5190 Datasheet
2Mb / 308P
NFC frontend
CLRC661 NXP-CLRC661 Datasheet
1Mb / 152P
High performance NFC frontend CLRC661 plus
Rev. 3.7-23 June 2021
logo
ams AG
AS3955 AMSCO-AS3955_V01 Datasheet
1Mb / 102P
NFC Forum Compliant Dynamic Tag
2016-Feb-03
AS3956 AMSCO-AS3956_V01 Datasheet
1Mb / 107P
NFC Forum Compliant Dynamic Tag
2018-Nov-14
logo
NXP Semiconductors
PN5180A0XX NXP-PN5180A0XX_V01 Datasheet
1Mb / 155P
High-performance multiprotocol full NFC frontend, supporting all NFC Forum modes
Rev. 4.1 - 13 March 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com