Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OM25180FDKM Datasheet(PDF) 14 Page - NXP Semiconductors

Part # OM25180FDKM
Description  High-performance multi-protocol full NFC Forum-compliant frontend
Download  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

OM25180FDKM Datasheet(HTML) 14 Page - NXP Semiconductors

Back Button OM25180FDKM Datasheet HTML 10Page - NXP Semiconductors OM25180FDKM Datasheet HTML 11Page - NXP Semiconductors OM25180FDKM Datasheet HTML 12Page - NXP Semiconductors OM25180FDKM Datasheet HTML 13Page - NXP Semiconductors OM25180FDKM Datasheet HTML 14Page - NXP Semiconductors OM25180FDKM Datasheet HTML 15Page - NXP Semiconductors OM25180FDKM Datasheet HTML 16Page - NXP Semiconductors OM25180FDKM Datasheet HTML 17Page - NXP Semiconductors OM25180FDKM Datasheet HTML 18Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 149 page
background image
PN5180
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2016. All rights reserved.
Product data sheet
COMPANY PUBLIC
Rev. 3.0 — 7 October 2016
240930
14 of 149
NXP Semiconductors
PN5180
High-performance multi-protocol full NFC Forum-compliant frontend
Timers T0 to T2 has a resolution of 20 bits and may be operated at clock frequencies
derived from the 13.56 MHz system clock. Several start events can be configured: start
now, start on external RF-field on/off and start on Rx (receive)/Tx (transmit) started/ended.
The timers allow reload of the counter value. At expiration of the timers, a flag is raised
and an IRQ is triggered.
The clock may be divided by a prescaler for frequencies of:
6.78 MHz
3.39 MHz
1.70 MHz
848 kHz
424 kHz
212 kHz
106 kHz
53 kHz
11.3.2 Interrupt System
11.3.2.1
IRQ PIN
The IRQ_ENABLE_REG configures, which of the interrupts are routed to the IRQ pin of
the PN5180. All of the interrupts can be enabled and disabled independent from each
other. The IRQ on the pin can either be cleared by writing to the IRQ_SET_CLEAR
register or by reading the IRQ_STATUS register (EEPROM configuration). If not all
enabled IRQ’s are cleared, the IRQ pin remains active.
The polarity of the external IRQ signal is configured by EEPROM in IRQ_PIN_CONFIG
(01Ah).
11.3.2.2
IRQ_STATUS Register
The IRQ_STATUS register contains the status flags. The status flags cannot be disabled.
Status Flag can either be cleared by writing to the IRQ_SET_CLEAR register or when the
IRQ_STATUS register is read (EEPROM configuration)
The PN5180 indicates certain events by setting bits in the register
GENERAL_IRQ_STATUS_REG and additionally, if activated, on the pin IRQ.
LPCD_IRQ, GENERAL_ERROR_IRQ and HV_ERROR_IRQ are non-maskable
interrupts.
11.4 SPI Host Interface
The following description of the SPI host interface is valid for the NFC operation mode.
The Secure Firmware Download mode uses a different physical host interface handling.
Details are described in chapter 12.
11.4.1 Physical Host Interface
The interface of the PN5180 to a host microcontroller is based on a SPI interface,
extended by signal line BUSY. The maximum SPI speed is 7 Mbps and fixed to CPOL = 0
and CPHA = 0. Only a half-duplex data transfer is supported. There is no chaining


Similar Part No. - OM25180FDKM

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
OM25180FDK NXP-OM25180FDK Datasheet
1,007Kb / 2P
   PN5180 NFC Frontend Development Kit for POS
More results

Similar Description - OM25180FDKM

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PN5180A0XX NXP-PN5180A0XX_V01 Datasheet
1Mb / 155P
   High-performance multiprotocol full NFC frontend, supporting all NFC Forum modes
Rev. 4.1 - 13 March 2023
PN5180A0XX NXP-PN5180A0XX Datasheet
1Mb / 160P
   High-performance multiprotocol full NFC frontend, supporting all NFC Forum modes
CLRC661 NXP-CLRC661 Datasheet
1Mb / 152P
   High performance NFC frontend CLRC661 plus
Rev. 3.7-23 June 2021
PN7150 NXP-PN7150 Datasheet
2Mb / 55P
   High performance full NFC Forum-compliant controller with integrated firmware and NCI interface
Rev. 3.3-4 July 2016
PN7150B0HN NXP-PN7150B0HN Datasheet
2Mb / 55P
   High performance full NFC Forum-compliant controller with integrated firmware and NCI interface
Rev. 3.3-4 July 2016
logo
ams AG
AS3955 AMSCO-AS3955_V01 Datasheet
1Mb / 102P
   NFC Forum Compliant Dynamic Tag
2016-Feb-03
AS3956 AMSCO-AS3956_V01 Datasheet
1Mb / 107P
   NFC Forum Compliant Dynamic Tag
2018-Nov-14
AS3955 AMSCO-AS3955 Datasheet
1Mb / 111P
   NFC Forum Compliant Dynamic Tag
AS3956 AMSCO-AS3956 Datasheet
1Mb / 109P
   NFC Forum Compliant Dynamic Tag
logo
NXP Semiconductors
PN5190 NXP-PN5190 Datasheet
2Mb / 308P
   NFC frontend
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com