Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OM25180FDKM Datasheet(PDF) 13 Page - NXP Semiconductors

Part # OM25180FDKM
Description  High-performance multi-protocol full NFC Forum-compliant frontend
Download  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

OM25180FDKM Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button OM25180FDKM Datasheet HTML 9Page - NXP Semiconductors OM25180FDKM Datasheet HTML 10Page - NXP Semiconductors OM25180FDKM Datasheet HTML 11Page - NXP Semiconductors OM25180FDKM Datasheet HTML 12Page - NXP Semiconductors OM25180FDKM Datasheet HTML 13Page - NXP Semiconductors OM25180FDKM Datasheet HTML 14Page - NXP Semiconductors OM25180FDKM Datasheet HTML 15Page - NXP Semiconductors OM25180FDKM Datasheet HTML 16Page - NXP Semiconductors OM25180FDKM Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 149 page
background image
PN5180
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2016. All rights reserved.
Product data sheet
COMPANY PUBLIC
Rev. 3.0 — 7 October 2016
240930
13 of 149
NXP Semiconductors
PN5180
High-performance multi-protocol full NFC Forum-compliant frontend
The clock applied to the PN5180 provides a time basis for the RF encoder and decoder.
The stability of the clock frequency, is an important factor for correct operation. To obtain
optimum performance, clock jitter must be reduced as much as possible. Optimum
performance is best achieved using the internal oscillator buffer with the recommended
circuitry.
In card emulation mode, the clock is also required.
If an external clock source of 27.12 MHz is used instead of a crystal, the clock signal must
be applied to pin CLK1. In this case, special care must be taken with the clock duty cycle
and clock jitter (see Table 127).
The crystal is a component which is impacting the overall performance of the system. A
high-quality component is recommended here. The resistor RD1 reduces the start-up time
of the crystal. A short start-up time is especially desired in case the Low-Power card
detection is used. The values of these resistors depend on the crystal which is used.
11.3 Timer and Interrupt system
11.3.1 General Purpose Timer
The Timers are used to measure certain intervals between certain configurable events of
the receiver, transmitter and other RF-events. The timer signals its expiration by raising a
flag and the value of the timer may be accessed via the register-set.
Three general-purpose timers T0, T1, and T2 running with the PN5180 clock with several
start conditions, stop conditions, time resolutions, and maximal timer periods are
implemented.
For automatic timeout handling during MIFARE Authentication Timer2 is blocked during
this operation.
In case EMVCo EMD handling is enabled (EMD_CONTROL register (address 0028h), bit
EMD_ENABLE) Timer1 is automatically restarted when an EMD event occurs.
Fig 5.
Connection of crystal
aaa-020196
CLK1
CLK2
RD1
RD1
CL1
CL1
crystal
PN5180
VSS


Similar Part No. - OM25180FDKM

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
OM25180FDK NXP-OM25180FDK Datasheet
1,007Kb / 2P
   PN5180 NFC Frontend Development Kit for POS
More results

Similar Description - OM25180FDKM

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PN5180A0XX NXP-PN5180A0XX_V01 Datasheet
1Mb / 155P
   High-performance multiprotocol full NFC frontend, supporting all NFC Forum modes
Rev. 4.1 - 13 March 2023
PN5180A0XX NXP-PN5180A0XX Datasheet
1Mb / 160P
   High-performance multiprotocol full NFC frontend, supporting all NFC Forum modes
CLRC661 NXP-CLRC661 Datasheet
1Mb / 152P
   High performance NFC frontend CLRC661 plus
Rev. 3.7-23 June 2021
PN7150 NXP-PN7150 Datasheet
2Mb / 55P
   High performance full NFC Forum-compliant controller with integrated firmware and NCI interface
Rev. 3.3-4 July 2016
PN7150B0HN NXP-PN7150B0HN Datasheet
2Mb / 55P
   High performance full NFC Forum-compliant controller with integrated firmware and NCI interface
Rev. 3.3-4 July 2016
logo
ams AG
AS3955 AMSCO-AS3955_V01 Datasheet
1Mb / 102P
   NFC Forum Compliant Dynamic Tag
2016-Feb-03
AS3956 AMSCO-AS3956_V01 Datasheet
1Mb / 107P
   NFC Forum Compliant Dynamic Tag
2018-Nov-14
AS3955 AMSCO-AS3955 Datasheet
1Mb / 111P
   NFC Forum Compliant Dynamic Tag
AS3956 AMSCO-AS3956 Datasheet
1Mb / 109P
   NFC Forum Compliant Dynamic Tag
logo
NXP Semiconductors
PN5190 NXP-PN5190 Datasheet
2Mb / 308P
   NFC frontend
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com