Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OM25180FDKM Datasheet(PDF) 12 Page - NXP Semiconductors

Part # OM25180FDKM
Description  High-performance multi-protocol full NFC Forum-compliant frontend
Download  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

OM25180FDKM Datasheet(HTML) 12 Page - NXP Semiconductors

Back Button OM25180FDKM Datasheet HTML 8Page - NXP Semiconductors OM25180FDKM Datasheet HTML 9Page - NXP Semiconductors OM25180FDKM Datasheet HTML 10Page - NXP Semiconductors OM25180FDKM Datasheet HTML 11Page - NXP Semiconductors OM25180FDKM Datasheet HTML 12Page - NXP Semiconductors OM25180FDKM Datasheet HTML 13Page - NXP Semiconductors OM25180FDKM Datasheet HTML 14Page - NXP Semiconductors OM25180FDKM Datasheet HTML 15Page - NXP Semiconductors OM25180FDKM Datasheet HTML 16Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 149 page
background image
PN5180
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2016. All rights reserved.
Product data sheet
COMPANY PUBLIC
Rev. 3.0 — 7 October 2016
240930
12 of 149
NXP Semiconductors
PN5180
High-performance multi-protocol full NFC Forum-compliant frontend
internally (except pin RESET_N itself). IRQ, BUSY, AUX1, AUX2 have an internal pull
down resistor which is activated on RESET_N ==0. All other output pins are switched to
high impedance.
To leave the power-down mode, the level at the pin RESET_N has to be set to HIGH. This
high level starts the internal start-up sequence from Power-Down.
11.2.1.3
Standby
The standby mode is entered immediately after sending the instruction SWITCH_MODE
with standby command. All internal current sinks are set to low-power state.
In opposition to the power-down mode, the digital input buffers are not separated by the
input pads and keep their functionality. The digital output pins do not change their state.
During standby mode, all registers values, the buffer content and the configuration itself
are not kept, exceptions are the registers with addresses 05h(PADCONFIG_REG),
07h(PADOUT_REG) 25h (TEMP_CONTROL). To leave the standby mode, various
possibilities do exist. The conditions for wake-up are configured in the register
STBY_CFG_REG.
Wake-up via Timer
Wake-up via RF level detector
Low Level on RESET_N
PVDD disappears
Any host communication (data is not validated) triggers the internal start-up sequence.
The reader IC is in operation mode when the internal start-up sequence is finalized, and is
indicating this by an IDLE IRQ.
11.2.1.4
Temperature Sensor
The PN5180 implements a configurable temperature sensor. The temperature sensor is
configurable by the TEMP_CONTROL register (25h).
The Temperature Sensor supports temperature settings for 85 °C, 115 °C, 125 °C and
135 °C.
In case the sensed device temperature is higher than configured, a TEMPSENS_ERROR
IRQ is raised. In case of an TEMPSENS_ERROR, the Firmware is switching off the RF
Field. Additionally host can set the device into standby.
11.2.2 Reset and start-up time
A constant low level of at least 10
s at the RESET_N pin starts the internal reset
procedure.
When the PN5180 has finished the start_up, a IDLE_IRQ is raised and the IC is ready to
receive commands on the host interface.
11.2.3 Clock concept
The PN5180 is supplied by an 27.12 MHz crystal for operation. In addition, the internal
PLL uses an accurate external clock source of either 8, 12, 16, 24 MHz instead of the
crystal.


Similar Part No. - OM25180FDKM

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
OM25180FDK NXP-OM25180FDK Datasheet
1,007Kb / 2P
   PN5180 NFC Frontend Development Kit for POS
More results

Similar Description - OM25180FDKM

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PN5180A0XX NXP-PN5180A0XX_V01 Datasheet
1Mb / 155P
   High-performance multiprotocol full NFC frontend, supporting all NFC Forum modes
Rev. 4.1 - 13 March 2023
PN5180A0XX NXP-PN5180A0XX Datasheet
1Mb / 160P
   High-performance multiprotocol full NFC frontend, supporting all NFC Forum modes
CLRC661 NXP-CLRC661 Datasheet
1Mb / 152P
   High performance NFC frontend CLRC661 plus
Rev. 3.7-23 June 2021
PN7150 NXP-PN7150 Datasheet
2Mb / 55P
   High performance full NFC Forum-compliant controller with integrated firmware and NCI interface
Rev. 3.3-4 July 2016
PN7150B0HN NXP-PN7150B0HN Datasheet
2Mb / 55P
   High performance full NFC Forum-compliant controller with integrated firmware and NCI interface
Rev. 3.3-4 July 2016
logo
ams AG
AS3955 AMSCO-AS3955_V01 Datasheet
1Mb / 102P
   NFC Forum Compliant Dynamic Tag
2016-Feb-03
AS3956 AMSCO-AS3956_V01 Datasheet
1Mb / 107P
   NFC Forum Compliant Dynamic Tag
2018-Nov-14
AS3955 AMSCO-AS3955 Datasheet
1Mb / 111P
   NFC Forum Compliant Dynamic Tag
AS3956 AMSCO-AS3956 Datasheet
1Mb / 109P
   NFC Forum Compliant Dynamic Tag
logo
NXP Semiconductors
PN5190 NXP-PN5190 Datasheet
2Mb / 308P
   NFC frontend
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com