Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OM25180FDKM Datasheet(PDF) 11 Page - NXP Semiconductors

Part # OM25180FDKM
Description  High-performance multi-protocol full NFC Forum-compliant frontend
PDF  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

OM25180FDKM Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button OM25180FDKM Datasheet HTML 7Page - NXP Semiconductors OM25180FDKM Datasheet HTML 8Page - NXP Semiconductors OM25180FDKM Datasheet HTML 9Page - NXP Semiconductors OM25180FDKM Datasheet HTML 10Page - NXP Semiconductors OM25180FDKM Datasheet HTML 11Page - NXP Semiconductors OM25180FDKM Datasheet HTML 12Page - NXP Semiconductors OM25180FDKM Datasheet HTML 13Page - NXP Semiconductors OM25180FDKM Datasheet HTML 14Page - NXP Semiconductors OM25180FDKM Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 149 page
background image
PN5180
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2016. All rights reserved.
Product data sheet
COMPANY PUBLIC
Rev. 3.0 — 7 October 2016
240930
11 of 149
NXP Semiconductors
PN5180
High-performance multi-protocol full NFC Forum-compliant frontend
TVDD - Transmitter supply
AVDD - Analog supply input, connected to VDD
DVDD - Digital supply input, connected to VDD
VDD - 1.8 V output, to be connected to AVDD and DVDD
Decoupling capacitors shall be placed as close as possible to the pins of the package.
Any additional filtering/damping of the transmitter supply, e.g. by ferrite beads, might have
an impact on the analog RF signal quality and shall be monitored carefully.
Power-up sequence of the PN5180
First ramp VBAT, PVDD can immediately follow, latest 2 ms after VBAT reaches 1.8 V.
There is no timing dependency on TVDD, only that TVDD shall rise equal or later to
VBAT.
VBAT must be equal or higher than PVDD
TVDD has no other relationship to VBAT or PVDD
After power-up, the PN5180 is indicating the ability to receive command from a host
microcontroller by an IDLE IRQ.
There are configurations in EEPROM, which allow to specify the behavior of the PN5180
after start-up. LPCD (Low-power card detection) and DPC (dynamic power control) are
functionalities which are configurable in EEPROM.
11.2.1.2
Power-down
A hard power-down is enabled with LOW level on pin RESET_N. This low level puts the
internal voltage regulators for the analog and digital core supply as well as the oscillator in
a low-power state. All digital input buffers are separated from the input pads and clamped
Fig 4.
Power-up voltages
aaa-020676
1.8 V
max Δ2ms
PVDD
time
VBAT
voltage


Similar Part No. - OM25180FDKM

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
OM25180FDK NXP-OM25180FDK Datasheet
1,007Kb / 2P
PN5180 NFC Frontend Development Kit for POS
More results

Similar Description - OM25180FDKM

ManufacturerPart #DatasheetDescription
logo
ams AG
AS3955 AMSCO-AS3955 Datasheet
1Mb / 111P
NFC Forum Compliant Dynamic Tag
logo
NXP Semiconductors
PN7150 NXP-PN7150 Datasheet
2Mb / 55P
High performance full NFC Forum-compliant controller with integrated firmware and NCI interface
Rev. 3.3-4 July 2016
PN7150B0HN NXP-PN7150B0HN Datasheet
2Mb / 55P
High performance full NFC Forum-compliant controller with integrated firmware and NCI interface
Rev. 3.3-4 July 2016
logo
ams AG
AS3956 AMSCO-AS3956 Datasheet
1Mb / 109P
NFC Forum Compliant Dynamic Tag
logo
NXP Semiconductors
PN5180A0XX NXP-PN5180A0XX Datasheet
1Mb / 160P
High-performance multiprotocol full NFC frontend, supporting all NFC Forum modes
PN5190 NXP-PN5190 Datasheet
2Mb / 308P
NFC frontend
CLRC661 NXP-CLRC661 Datasheet
1Mb / 152P
High performance NFC frontend CLRC661 plus
Rev. 3.7-23 June 2021
logo
ams AG
AS3955 AMSCO-AS3955_V01 Datasheet
1Mb / 102P
NFC Forum Compliant Dynamic Tag
2016-Feb-03
AS3956 AMSCO-AS3956_V01 Datasheet
1Mb / 107P
NFC Forum Compliant Dynamic Tag
2018-Nov-14
logo
NXP Semiconductors
PN5180A0XX NXP-PN5180A0XX_V01 Datasheet
1Mb / 155P
High-performance multiprotocol full NFC frontend, supporting all NFC Forum modes
Rev. 4.1 - 13 March 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com