Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OM25180FDKM Datasheet(PDF) 104 Page - NXP Semiconductors

Part # OM25180FDKM
Description  High-performance multi-protocol full NFC Forum-compliant frontend
Download  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

OM25180FDKM Datasheet(HTML) 104 Page - NXP Semiconductors

Back Button OM25180FDKM Datasheet HTML 100Page - NXP Semiconductors OM25180FDKM Datasheet HTML 101Page - NXP Semiconductors OM25180FDKM Datasheet HTML 102Page - NXP Semiconductors OM25180FDKM Datasheet HTML 103Page - NXP Semiconductors OM25180FDKM Datasheet HTML 104Page - NXP Semiconductors OM25180FDKM Datasheet HTML 105Page - NXP Semiconductors OM25180FDKM Datasheet HTML 106Page - NXP Semiconductors OM25180FDKM Datasheet HTML 107Page - NXP Semiconductors OM25180FDKM Datasheet HTML 108Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 149 page
background image
PN5180
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2016. All rights reserved.
Product data sheet
COMPANY PUBLIC
Rev. 3.0 — 7 October 2016
240930
104 of 149
NXP Semiconductors
PN5180
High-performance multi-protocol full NFC Forum-compliant frontend
Table 104. EMD_CONTROL register (address 0028h) bit description
Bit
Symbol
Access
Value
Description
Recommended value for EMVCo 2.3.1 0x185 (use Timer1)
Recommended value for EMVCo 2.5 0x187
10:31
RFU
R
0
Reserved
8:9
EMD_TRANSMISSION_TIMER_
USED
R/W
0
Timer used for RF communication.
00 Timer0,
01 Timer1,
10 Timer 2,
11 RFU
7
up to firmware version 2.4
EMD_MISSING_CRC_IS_PROT
OCOL_ERROR_TYPE_B
R/W
0
Missing CRC treated as protocol error in case of Type
B based communication. Only applicable for EMVCo
2.3.1.
from firmware 2.5 onwards
R/W
0
RFU
6
up to firmware version 2.4
EMD_MISSING_CRC_IS_PROT
OCOL_ERROR_TYPE_A
R/W
0
Missing CRC treated as protocol error in case of Type
A based communication. Only applicable for EMVCo
2.3.1.
from firmware 2.5 onwards
R/W
0
RFU
2:5
EMD_NOISE_BYTES_THRESH
OLD
R/W
0
Defines the threshold under which transmission errors
are treated as noise. Note: CRC bytes are NOT
included/counted!
1
EMD_TRANSMISSION_ERROR
_ABOVE_NOISE_THRESHOLD
_IS_NO_EMD
R/W
0
Transmission errors with received byte length >=
EMD_NOISE_BYTES_THRESHOLD is never treated
as EMD (EMVCo 2.5 standard). All transmission with
number of received bytes < 4 bytes are treated as
EMD noise, (ignored).
For transmission errors >= 4 bytes the host is notified.
0
EMD_ENABLE
R/W
0
Enable EMD handling
Table 105. ANT_CONTROL register (address 0029h) bit description
Bit
Symbol
Access
Value
Description
8:31
RFU
R
0
Reserved
7
ANT_INVERT_ON_TXACTIVE
R/W
0
If set to 1, the ANT short interface in card mode is
inverted when tx_active is asserted (i.e. while
transmission). Note: this bit is only valid in card mode.
Note: if it ANT_ALM_AUTO_SWITCH_ENABLE is set
this setting is ignored
6
ANT_ALM_AUTO_SWITCH_EN
ABLE
R/W
0
If set to 1, the ANT setting for ALM is switched
automatically by HW. By default for ALM the
ANT_short and ANT_mod uses the same settings as
for PLM.
5
ANT_ALM_FW_RESET
R/W
0
If set to 1 the ANT setting for ALM is reset to its initial
receive configuration


Similar Part No. - OM25180FDKM

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
OM25180FDK NXP-OM25180FDK Datasheet
1,007Kb / 2P
   PN5180 NFC Frontend Development Kit for POS
More results

Similar Description - OM25180FDKM

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PN5180A0XX NXP-PN5180A0XX_V01 Datasheet
1Mb / 155P
   High-performance multiprotocol full NFC frontend, supporting all NFC Forum modes
Rev. 4.1 - 13 March 2023
PN5180A0XX NXP-PN5180A0XX Datasheet
1Mb / 160P
   High-performance multiprotocol full NFC frontend, supporting all NFC Forum modes
CLRC661 NXP-CLRC661 Datasheet
1Mb / 152P
   High performance NFC frontend CLRC661 plus
Rev. 3.7-23 June 2021
PN7150 NXP-PN7150 Datasheet
2Mb / 55P
   High performance full NFC Forum-compliant controller with integrated firmware and NCI interface
Rev. 3.3-4 July 2016
PN7150B0HN NXP-PN7150B0HN Datasheet
2Mb / 55P
   High performance full NFC Forum-compliant controller with integrated firmware and NCI interface
Rev. 3.3-4 July 2016
logo
ams AG
AS3955 AMSCO-AS3955_V01 Datasheet
1Mb / 102P
   NFC Forum Compliant Dynamic Tag
2016-Feb-03
AS3956 AMSCO-AS3956_V01 Datasheet
1Mb / 107P
   NFC Forum Compliant Dynamic Tag
2018-Nov-14
AS3955 AMSCO-AS3955 Datasheet
1Mb / 111P
   NFC Forum Compliant Dynamic Tag
AS3956 AMSCO-AS3956 Datasheet
1Mb / 109P
   NFC Forum Compliant Dynamic Tag
logo
NXP Semiconductors
PN5190 NXP-PN5190 Datasheet
2Mb / 308P
   NFC frontend
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com