Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OM25180FDKM Datasheet(PDF) 103 Page - NXP Semiconductors

Part # OM25180FDKM
Description  High-performance multi-protocol full NFC Forum-compliant frontend
Download  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

OM25180FDKM Datasheet(HTML) 103 Page - NXP Semiconductors

Back Button OM25180FDKM Datasheet HTML 99Page - NXP Semiconductors OM25180FDKM Datasheet HTML 100Page - NXP Semiconductors OM25180FDKM Datasheet HTML 101Page - NXP Semiconductors OM25180FDKM Datasheet HTML 102Page - NXP Semiconductors OM25180FDKM Datasheet HTML 103Page - NXP Semiconductors OM25180FDKM Datasheet HTML 104Page - NXP Semiconductors OM25180FDKM Datasheet HTML 105Page - NXP Semiconductors OM25180FDKM Datasheet HTML 106Page - NXP Semiconductors OM25180FDKM Datasheet HTML 107Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 149 page
background image
PN5180
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2016. All rights reserved.
Product data sheet
COMPANY PUBLIC
Rev. 3.0 — 7 October 2016
240930
103 of 149
NXP Semiconductors
PN5180
High-performance multi-protocol full NFC Forum-compliant frontend
4
BOOT_TEMP
R
0*
Boot Reason Temp Sensor
3
BOOT_SOFT_RESET
R
0*
Boot Reason due to SOFT RESET
2
BOOT_WUC
R
0*
Boot Reason wake-up Counter
1
BOOT_RFLD
R
0*
Boot Reason RF Level Detector
0
BOOT_POR
R
0*
Boot Reason Power on Reset / RESET_N
Table 100. SYSTEM_STATUS register (address 0024h) bit description …continued
Bit
Symbol
Access
Value
Description
Table 101. TEMP_CONTROL register (address 0025h) bit description
Bit
Symbol
Access
Value
Description
4:31
RFU
R
0
Reserved
3
TEMP_ENABLE_HYST
R/W
0*
Enable hystereses of Temperature Sensor
2
TEMP_ENABLE
R/W
0*
Enable Temp Sensor
0:1
TEMP_DELTA
R/W
0*
selects temperature value
Table 102. CHECK_CARD_RESULT register (address 0026h) bit description
Bit
Symbol
Access
Value
Description
14:31
RFU
R
0
RFU
10:13
AGC_GEAR
R/W
0
Reading from this register starts a check card routine
which is an LPCD with only one measurement point
without entry to standby mode. The value contains the
actual gear when DPC is used and the AGC value.
Writing to this register is used as a reference value for
the LPCD when LPCD mode 2 is used.
0:9
AGC_VALUE
R/W
0
Table 103. DPC_CONFIG register (address 0027h) bit description
Bit
Symbol
Access
Value
Description
20:31
RFU
R
0
16:19
TX_GSN_CW_CM
R/W
0
GSN value for continuous wave in Card Mode
12:15
TX_GSN_MOD_CM
R/W
0
GSN value for modulation in Card Mode
8:11
TX_GSN_MOD_RM
R/W
0
GSN value for modulation in Reader Mode
4:7
TX_GSN_CW_RM
R/W
0
GSN value for continuous wave in Reader Mode
3
TX_CW_TO_MAX_RM
R/W
0
Maximum output voltage on TX driver
1:2
TX_CW_AMPLITUDE_RM
R/W
0
set amplitude of unmodulated carrier at reader mode
0
TX_CW_AMP_REF2TVDD
RW
0
If set to 1 the reference of the unmodulated carrier is
defined relative to TVDD


Similar Part No. - OM25180FDKM

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
OM25180FDK NXP-OM25180FDK Datasheet
1,007Kb / 2P
   PN5180 NFC Frontend Development Kit for POS
More results

Similar Description - OM25180FDKM

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PN5180A0XX NXP-PN5180A0XX_V01 Datasheet
1Mb / 155P
   High-performance multiprotocol full NFC frontend, supporting all NFC Forum modes
Rev. 4.1 - 13 March 2023
PN5180A0XX NXP-PN5180A0XX Datasheet
1Mb / 160P
   High-performance multiprotocol full NFC frontend, supporting all NFC Forum modes
CLRC661 NXP-CLRC661 Datasheet
1Mb / 152P
   High performance NFC frontend CLRC661 plus
Rev. 3.7-23 June 2021
PN7150 NXP-PN7150 Datasheet
2Mb / 55P
   High performance full NFC Forum-compliant controller with integrated firmware and NCI interface
Rev. 3.3-4 July 2016
PN7150B0HN NXP-PN7150B0HN Datasheet
2Mb / 55P
   High performance full NFC Forum-compliant controller with integrated firmware and NCI interface
Rev. 3.3-4 July 2016
logo
ams AG
AS3955 AMSCO-AS3955_V01 Datasheet
1Mb / 102P
   NFC Forum Compliant Dynamic Tag
2016-Feb-03
AS3956 AMSCO-AS3956_V01 Datasheet
1Mb / 107P
   NFC Forum Compliant Dynamic Tag
2018-Nov-14
AS3955 AMSCO-AS3955 Datasheet
1Mb / 111P
   NFC Forum Compliant Dynamic Tag
AS3956 AMSCO-AS3956 Datasheet
1Mb / 109P
   NFC Forum Compliant Dynamic Tag
logo
NXP Semiconductors
PN5190 NXP-PN5190 Datasheet
2Mb / 308P
   NFC frontend
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com