Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OM25180FDKM Datasheet(PDF) 102 Page - NXP Semiconductors

Part # OM25180FDKM
Description  High-performance multi-protocol full NFC Forum-compliant frontend
Download  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

OM25180FDKM Datasheet(HTML) 102 Page - NXP Semiconductors

Back Button OM25180FDKM Datasheet HTML 98Page - NXP Semiconductors OM25180FDKM Datasheet HTML 99Page - NXP Semiconductors OM25180FDKM Datasheet HTML 100Page - NXP Semiconductors OM25180FDKM Datasheet HTML 101Page - NXP Semiconductors OM25180FDKM Datasheet HTML 102Page - NXP Semiconductors OM25180FDKM Datasheet HTML 103Page - NXP Semiconductors OM25180FDKM Datasheet HTML 104Page - NXP Semiconductors OM25180FDKM Datasheet HTML 105Page - NXP Semiconductors OM25180FDKM Datasheet HTML 106Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 149 page
background image
PN5180
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2016. All rights reserved.
Product data sheet
COMPANY PUBLIC
Rev. 3.0 — 7 October 2016
240930
102 of 149
NXP Semiconductors
PN5180
High-performance multi-protocol full NFC Forum-compliant frontend
7
TX2_INV_RM
R/W
0*
If 1 -> TX output is inverted (clk_13m56_n is used); 0
-> clk_13m56 is used
6
TX2_INV_CM
R/W
0*
If 1 -> TX output is inverted (clk_13m56_n is used); 0
-> clk_13m56 is used
5
TX1_INV_RM
R/W
0*
If 1 -> TX output is inverted (clk_13m56_n is used); 0
-> clk_13m56 is used
4
TX1_INV_CM
R/W
0*
If 1 -> TX output is inverted (clk_13m56_n is used); 0
-> clk_13m56 is used
3:1
TX_CLK_MODE_RM
R/W
0*
TX clockmode
0
CLOCK_ENABLE_DPLL
R/W
0*
Enables the DPLL
Table 97.
RF_CONTROL_TX_CLK register (address 0021h) bit description …continued
Bit
Symbol
Access
Value
Description
Table 98.
RF_CONTROL_RX register (address 0022h) bit description
Bit
Symbol
Access
Value
Description
8:31
RFU
R
0*
Reserved
6:7
CM_MILLER_SENS
R/W
Configuration bits for reference level of Miller
demodulator
4:5
RX_ MIXER_CONTROL
R/W
Mixer Control Enable
00, 11 … power down both mixer
01… reader mode mixer
10… card mode mixer,
2:3
RX_HPCF
R/W
High Pass Corner Frequency: 00->45 kHz, 01->
85 kHz, 10->150 kHz, 11->250 kHz
1:0
RX_GAIN
R/W
0h*-3h
Gain Adjustment BBA: 00->33 dB, 01->40 dB, 10->
50 dB, 11->57 dB
Table 99.
RF_LEVEL_DETECTOR_CONTROL register (address 0023h) bit description
Bit
Symbol
Access
Value
Description
15:31
RFU
R
0*
Reserved
14
CM_PD_NFC_DET
R/W
0*
Power Down NFC level detector
12:13
RFDET_SOURCE_SEL
R/W
0*
Selects the source for RF-Field detection; 0* ->
NFC-Level detector indication signal is used; 1 ->
RF-Level detector indication signal is used 2; -> NFC-
and RF-Level detector indication signal is used 3; ->
Override - RF-Field detected is emulated
8:11
CM_RFL_NFC
R/W
0*
Programming of detection level
4:7
RFLD_REF_LO
R/W
0*
Higher Reference Value for RF Level Detector
0:3
RFLD_REF_HI
R/W
0*
Lower Reference Value for RF Level Detector
Table 100. SYSTEM_STATUS register (address 0024h) bit description
Bit
Symbol
Access
Value
Description
9:31
RFU
R
0
Reserved
8
PARAMETER_ERROR
R
0*
Parameter Error on Host Communication
7
SYNTAX_ERROR
R
0*
Syntax Error on Host Communication
6
SEMANTIC_ERROR
R
0*
Semantic Error on Host Communication
5
STBY_PREVENT_RFLD
R
0*
Entry of STBY mode prevented due to existing RFLD


Similar Part No. - OM25180FDKM

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
OM25180FDK NXP-OM25180FDK Datasheet
1,007Kb / 2P
   PN5180 NFC Frontend Development Kit for POS
More results

Similar Description - OM25180FDKM

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PN5180A0XX NXP-PN5180A0XX_V01 Datasheet
1Mb / 155P
   High-performance multiprotocol full NFC frontend, supporting all NFC Forum modes
Rev. 4.1 - 13 March 2023
PN5180A0XX NXP-PN5180A0XX Datasheet
1Mb / 160P
   High-performance multiprotocol full NFC frontend, supporting all NFC Forum modes
CLRC661 NXP-CLRC661 Datasheet
1Mb / 152P
   High performance NFC frontend CLRC661 plus
Rev. 3.7-23 June 2021
PN7150 NXP-PN7150 Datasheet
2Mb / 55P
   High performance full NFC Forum-compliant controller with integrated firmware and NCI interface
Rev. 3.3-4 July 2016
PN7150B0HN NXP-PN7150B0HN Datasheet
2Mb / 55P
   High performance full NFC Forum-compliant controller with integrated firmware and NCI interface
Rev. 3.3-4 July 2016
logo
ams AG
AS3955 AMSCO-AS3955_V01 Datasheet
1Mb / 102P
   NFC Forum Compliant Dynamic Tag
2016-Feb-03
AS3956 AMSCO-AS3956_V01 Datasheet
1Mb / 107P
   NFC Forum Compliant Dynamic Tag
2018-Nov-14
AS3955 AMSCO-AS3955 Datasheet
1Mb / 111P
   NFC Forum Compliant Dynamic Tag
AS3956 AMSCO-AS3956 Datasheet
1Mb / 109P
   NFC Forum Compliant Dynamic Tag
logo
NXP Semiconductors
PN5190 NXP-PN5190 Datasheet
2Mb / 308P
   NFC frontend
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com