Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OM25180FDKM Datasheet(PDF) 101 Page - NXP Semiconductors

Part # OM25180FDKM
Description  High-performance multi-protocol full NFC Forum-compliant frontend
Download  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

OM25180FDKM Datasheet(HTML) 101 Page - NXP Semiconductors

Back Button OM25180FDKM Datasheet HTML 97Page - NXP Semiconductors OM25180FDKM Datasheet HTML 98Page - NXP Semiconductors OM25180FDKM Datasheet HTML 99Page - NXP Semiconductors OM25180FDKM Datasheet HTML 100Page - NXP Semiconductors OM25180FDKM Datasheet HTML 101Page - NXP Semiconductors OM25180FDKM Datasheet HTML 102Page - NXP Semiconductors OM25180FDKM Datasheet HTML 103Page - NXP Semiconductors OM25180FDKM Datasheet HTML 104Page - NXP Semiconductors OM25180FDKM Datasheet HTML 105Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 149 page
background image
PN5180
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2016. All rights reserved.
Product data sheet
COMPANY PUBLIC
Rev. 3.0 — 7 October 2016
240930
101 of 149
NXP Semiconductors
PN5180
High-performance multi-protocol full NFC Forum-compliant frontend
Table 95.
AGC_VALUE_REG register (address 001Fh) bit description
Bit
Symbol
Access
Value
Description
20:31
RFU
R
0
Reserved
10:19
AGC_RM_VALUE
R/W
0
Static AGC value used for reader mode
0:9
AGC_CM_VALUE
R/W
0
Static AGC value used for card mode
Table 96.
RF_CONTROL_TX register (address 0020h) bit description
Bit
Symbol
Access
Value
Description
27:31
RFU
R
0
Reserved
26
TX_ALM_TYPE_SELECT
R/W
0*
0 ... Both drivers used for ALM
1 ... Single driver used for ALM
24:25
TX_CW_AMPLITUDE_ALM_CM
R/W
0*
set amplitude of unmodulated carrier at card mode
19:23
TX_RESIDUAL_CARRIER_OV_
PREV
R/W
0*
Defines the value for the residual carrier for the period
the overshoot prevention pattern is active.
18
TX_CW_TO_MAX_ALM_CM
R/W
0*
TX HI output is the maximum voltage obtainable from
charge pump (CM setting); if set to 1 ->
TX_CW_AMPLITUDE_CM is overruled.
13:17
TX_RESIDUAL_CARRIER
R/W
0*
set residual carrier (0=100 %, 1F = 0 %)
12
TX_BYPASS_SC_SHAPING
R/W
0*
Bypasses switched capacitor TX shaping of the
Transmitter Signal and disables the shaping control
for the rising edge.
So this bit must be 0, if the TAU_MOD_RISING
settings shall apply.
The rising edge provides the fastest rise time, if
TX_SET_BYPASS_SC_SHAPING = 1
(TAU_MOD_RISING does not matter).
8:11
TX_SLEW_SHUNTREG
R/W
0*
Set slew rate for shunt regulator. Set slew rate for Tx
Shaping shunt regulator (0= slowest slew rate, 0xF =
fastest slew rate) for both the falling and rising edge.
4:7
TX_TAU_MOD_FALLING
R/W
0*
Transmitter TAU setting for falling edge of modulation
shape. In AnalogControl module, the output signal is
switched with the tx_envelope. Only valid is
TX_SINGLE_CP_MODE is set
0:3
TX_TAU_MOD_RISING
R/W
0*
Transmitter TAU setting for rising edge of modulation
shape. In Analog Control module, the output signal is
switched with the tx_envelope. Only valid is
TX_SINGLE_CP_MODE is set
Table 97.
RF_CONTROL_TX_CLK register (address 0021h) bit description
Bit
Symbol
Access
Value
Description
19:31
RFU
R
0*
Reserved
18
TX_ALM_ENABLE
R/W
0*
If set to 1 ALM is used for transmission in card mode
14:17
RFU
R
RFU
11:13
CLOCK_CONFIG_DLL_ALM
R/W
0*
Configures the phase difference in integer multiples of
45° steps between the recovered and the transmitted
RF clock
8:10
TX_CLK_MODE_OVUN_PREV
R/W
0*
Defines the TX clockmode for the period the
overshoot/undershoot prevention is active


Similar Part No. - OM25180FDKM

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
OM25180FDK NXP-OM25180FDK Datasheet
1,007Kb / 2P
   PN5180 NFC Frontend Development Kit for POS
More results

Similar Description - OM25180FDKM

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PN5180A0XX NXP-PN5180A0XX_V01 Datasheet
1Mb / 155P
   High-performance multiprotocol full NFC frontend, supporting all NFC Forum modes
Rev. 4.1 - 13 March 2023
PN5180A0XX NXP-PN5180A0XX Datasheet
1Mb / 160P
   High-performance multiprotocol full NFC frontend, supporting all NFC Forum modes
CLRC661 NXP-CLRC661 Datasheet
1Mb / 152P
   High performance NFC frontend CLRC661 plus
Rev. 3.7-23 June 2021
PN7150 NXP-PN7150 Datasheet
2Mb / 55P
   High performance full NFC Forum-compliant controller with integrated firmware and NCI interface
Rev. 3.3-4 July 2016
PN7150B0HN NXP-PN7150B0HN Datasheet
2Mb / 55P
   High performance full NFC Forum-compliant controller with integrated firmware and NCI interface
Rev. 3.3-4 July 2016
logo
ams AG
AS3955 AMSCO-AS3955_V01 Datasheet
1Mb / 102P
   NFC Forum Compliant Dynamic Tag
2016-Feb-03
AS3956 AMSCO-AS3956_V01 Datasheet
1Mb / 107P
   NFC Forum Compliant Dynamic Tag
2018-Nov-14
AS3955 AMSCO-AS3955 Datasheet
1Mb / 111P
   NFC Forum Compliant Dynamic Tag
AS3956 AMSCO-AS3956 Datasheet
1Mb / 109P
   NFC Forum Compliant Dynamic Tag
logo
NXP Semiconductors
PN5190 NXP-PN5190 Datasheet
2Mb / 308P
   NFC frontend
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com