Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OM25180FDKM Datasheet(PDF) 100 Page - NXP Semiconductors

Part # OM25180FDKM
Description  High-performance multi-protocol full NFC Forum-compliant frontend
Download  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

OM25180FDKM Datasheet(HTML) 100 Page - NXP Semiconductors

Back Button OM25180FDKM Datasheet HTML 96Page - NXP Semiconductors OM25180FDKM Datasheet HTML 97Page - NXP Semiconductors OM25180FDKM Datasheet HTML 98Page - NXP Semiconductors OM25180FDKM Datasheet HTML 99Page - NXP Semiconductors OM25180FDKM Datasheet HTML 100Page - NXP Semiconductors OM25180FDKM Datasheet HTML 101Page - NXP Semiconductors OM25180FDKM Datasheet HTML 102Page - NXP Semiconductors OM25180FDKM Datasheet HTML 103Page - NXP Semiconductors OM25180FDKM Datasheet HTML 104Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 100 / 149 page
background image
PN5180
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2016. All rights reserved.
Product data sheet
COMPANY PUBLIC
Rev. 3.0 — 7 October 2016
240930
100 of 149
NXP Semiconductors
PN5180
High-performance multi-protocol full NFC Forum-compliant frontend
10
RX_ACTIVE
This bit indicates activity of the RxDecoder. If 1 a data
reception is ongoing; otherwise the RxDecoder is in
idle state.
9:0
AGC_VALUE
R
0*-3FFh
Current value of the AGC
0h*
Most sensitive: largest Rx-resistor, i.e., none of the
switchable resistors are added in parallel
3FFh
Most robust: smallest Rx-resistor, i.e., all switchable
resistors are added in parallel
Table 93.
RF_STATUS register (address 001Dh) bit description …continued
Bit
Symbol
Access
Value
Description
Table 94.
AGC_CONFIG register (address 001Eh) bit description
Bit
Symbol
Access
Value
Description
16:31
RFU
R
0*
Reserved
14:15
AGC_VREF_SEL
R/W
0*
Select the set value for the AGC control:_
00b: 1.15 V
01b: 1.40 V
10b: 1.50 V
11b: RFU
4:13
AGC_TIME_CONSTANT
R/W
0*
Time constant for the AGC update. An AGC period is
given by (AGC_TIME_CONSTANT+1) * 13.56 MHz.
The minimum allowed value for the
AGC_TIME_CONSTANT is 4.
3
AGC_INPUT_SEL
R/W
0*
Selects the AGC value to be loaded into the AGC and
the data source for fix-mode operation:
0b: AGC_VALUE_REG.AGC_CM_VALUE
1b: AGC_VALUE_REG.AGC.RM_VALUE
2
AGC_LOAD
W
0*
If set; the RX divider setting is loaded from
AGC_VALUE_REG. AGC_INPUT_SEL defines the
source of the data. This bit is automatically cleared.
1
AGC_MODE_SEL
R/W
0*
Selects the fix AGC value:
0b: Rx-divider is set according to
AGC_VALUE_REG dependent on bit
AGC_INPUT_SEL
1b: The last RX divider setting before AGC control
operation had been deactivated is used
(AGC_ENABLE_CONTROL=0, last RX divider
setting is frozen).
This bit is not causing any loading of new Rx-divider
data. Set the bit AGC_LOAD for updating the RX
divider with a new value.
0
AGC_ENABLE_CONTROL
R/W
0*
0b: Fix mode operation. The RX divider is fixed to
one value. The value is defined by
AGC_MODE_SEL
1b: AGC control operation enabled


Similar Part No. - OM25180FDKM

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
OM25180FDK NXP-OM25180FDK Datasheet
1,007Kb / 2P
PN5180 NFC Frontend Development Kit for POS
More results

Similar Description - OM25180FDKM

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PN5180A0XX NXP-PN5180A0XX_V01 Datasheet
1Mb / 155P
High-performance multiprotocol full NFC frontend, supporting all NFC Forum modes
Rev. 4.1 - 13 March 2023
PN5180A0XX NXP-PN5180A0XX Datasheet
1Mb / 160P
High-performance multiprotocol full NFC frontend, supporting all NFC Forum modes
CLRC661 NXP-CLRC661 Datasheet
1Mb / 152P
High performance NFC frontend CLRC661 plus
Rev. 3.7-23 June 2021
PN7150 NXP-PN7150 Datasheet
2Mb / 55P
High performance full NFC Forum-compliant controller with integrated firmware and NCI interface
Rev. 3.3-4 July 2016
PN7150B0HN NXP-PN7150B0HN Datasheet
2Mb / 55P
High performance full NFC Forum-compliant controller with integrated firmware and NCI interface
Rev. 3.3-4 July 2016
logo
ams AG
AS3955 AMSCO-AS3955_V01 Datasheet
1Mb / 102P
NFC Forum Compliant Dynamic Tag
2016-Feb-03
AS3956 AMSCO-AS3956_V01 Datasheet
1Mb / 107P
NFC Forum Compliant Dynamic Tag
2018-Nov-14
AS3955 AMSCO-AS3955 Datasheet
1Mb / 111P
NFC Forum Compliant Dynamic Tag
AS3956 AMSCO-AS3956 Datasheet
1Mb / 109P
NFC Forum Compliant Dynamic Tag
logo
NXP Semiconductors
PN5190 NXP-PN5190 Datasheet
2Mb / 308P
NFC frontend
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com