Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OM25180FDKM Datasheet(PDF) 99 Page - NXP Semiconductors

Part # OM25180FDKM
Description  High-performance multi-protocol full NFC Forum-compliant frontend
Download  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

OM25180FDKM Datasheet(HTML) 99 Page - NXP Semiconductors

Back Button OM25180FDKM Datasheet HTML 95Page - NXP Semiconductors OM25180FDKM Datasheet HTML 96Page - NXP Semiconductors OM25180FDKM Datasheet HTML 97Page - NXP Semiconductors OM25180FDKM Datasheet HTML 98Page - NXP Semiconductors OM25180FDKM Datasheet HTML 99Page - NXP Semiconductors OM25180FDKM Datasheet HTML 100Page - NXP Semiconductors OM25180FDKM Datasheet HTML 101Page - NXP Semiconductors OM25180FDKM Datasheet HTML 102Page - NXP Semiconductors OM25180FDKM Datasheet HTML 103Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 99 / 149 page
background image
PN5180
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2016. All rights reserved.
Product data sheet
COMPANY PUBLIC
Rev. 3.0 — 7 October 2016
240930
99 of 149
NXP Semiconductors
PN5180
High-performance multi-protocol full NFC Forum-compliant frontend
2
SYNC_HIGH
R/W
0*-1
Defines if the bit grid is fixed at maximum (1) or at a
minimum(0) value of the correlation.
1
FSK
R
0
If set to 1; the demodulation scheme is FSK.
0
BPSK
R/W
0*
If set to 1, the demodulation scheme is BPSK.
Table 92.
SIGPRO_RM_CONFIG_REG register (address 001Ch) bit description …continued
Bit
Symbol
Access
Value
Description
Table 93.
RF_STATUS register (address 001Dh) bit description
Bit
Symbol
Access
Value
Description
27:31
RFU
R
0
-
26:24
TRANSCEIVE_STATE
R
0*
Holds the command bits 0* IDLE state 1 WaitTransmit
state 2 Transmitting state 3 WaitReceive state 4
WaitForData state 5 Receiving state 6 LoopBack state
7 reserved
23:20
DPC_CURRENT_GEAR
R
0*
Current Gear of the DPC
19
DPLL_ENABLE
R
0*
This bit indicates that the DPLL Controller has
enabled the DPLL (RF on, RF frequency ok, PLL
locked)
18
CRC_OK
R
0
This bit indicates the status of the actual CRC
calculation. If 1 the CRC is correct; meaning the CRC
register has the value 0 or the residue value if inverted
CRC is used. Note: This flag should only be evaluated
at the end of a communication.
17
TX_RF_STATUS
R
0
If set to 1 this bit indicates that the drivers are turned
on; meaning an RF-Field is created by the device
itself.
16
RF_DET_STATUS
R
0
If set to 1 this bit indicates that an external RF-Field is
detected by the RF-level detectors (after digital
filtering)
13:15
RF_ACTIVE_ERROR_CAUSE
R
0 - 5
This status flag indicates the cause of an NFC-Active
error.
Note: These bits are only valid when the
RF_ACTIVE_ERROR_IRQ is raised and is cleared as
soon as the bit TX_RF_ENABLE is set to 1.
0*
No Error; reset value
1
External field was detected on within TIDT timing
2
External field was detected on within TADT timing
3
No external field was detected within TADT timings
4
Peer did switch off RF-Field but no Rx event was
raised (no data received)
5 - 7
Reserved
12
RX_ENABLE
This bit indicates if the RxDecoder is enabled. If 1 the
RxDecoder was enabled by the Transceive Unit and is
now ready for data reception
11
TX_ACTIVE
This bit indicates activity of the TxEncoder. If 1 a
transmission is ongoing, otherwise the TxEncoder is
in idle state.


Similar Part No. - OM25180FDKM

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
OM25180FDK NXP-OM25180FDK Datasheet
1,007Kb / 2P
   PN5180 NFC Frontend Development Kit for POS
More results

Similar Description - OM25180FDKM

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PN5180A0XX NXP-PN5180A0XX_V01 Datasheet
1Mb / 155P
   High-performance multiprotocol full NFC frontend, supporting all NFC Forum modes
Rev. 4.1 - 13 March 2023
PN5180A0XX NXP-PN5180A0XX Datasheet
1Mb / 160P
   High-performance multiprotocol full NFC frontend, supporting all NFC Forum modes
CLRC661 NXP-CLRC661 Datasheet
1Mb / 152P
   High performance NFC frontend CLRC661 plus
Rev. 3.7-23 June 2021
PN7150 NXP-PN7150 Datasheet
2Mb / 55P
   High performance full NFC Forum-compliant controller with integrated firmware and NCI interface
Rev. 3.3-4 July 2016
PN7150B0HN NXP-PN7150B0HN Datasheet
2Mb / 55P
   High performance full NFC Forum-compliant controller with integrated firmware and NCI interface
Rev. 3.3-4 July 2016
logo
ams AG
AS3955 AMSCO-AS3955_V01 Datasheet
1Mb / 102P
   NFC Forum Compliant Dynamic Tag
2016-Feb-03
AS3956 AMSCO-AS3956_V01 Datasheet
1Mb / 107P
   NFC Forum Compliant Dynamic Tag
2018-Nov-14
AS3955 AMSCO-AS3955 Datasheet
1Mb / 111P
   NFC Forum Compliant Dynamic Tag
AS3956 AMSCO-AS3956 Datasheet
1Mb / 109P
   NFC Forum Compliant Dynamic Tag
logo
NXP Semiconductors
PN5190 NXP-PN5190 Datasheet
2Mb / 308P
   NFC frontend
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com