Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OM25180FDKM Datasheet(PDF) 96 Page - NXP Semiconductors

Part # OM25180FDKM
Description  High-performance multi-protocol full NFC Forum-compliant frontend
PDF  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

OM25180FDKM Datasheet(HTML) 96 Page - NXP Semiconductors

Back Button OM25180FDKM Datasheet HTML 92Page - NXP Semiconductors OM25180FDKM Datasheet HTML 93Page - NXP Semiconductors OM25180FDKM Datasheet HTML 94Page - NXP Semiconductors OM25180FDKM Datasheet HTML 95Page - NXP Semiconductors OM25180FDKM Datasheet HTML 96Page - NXP Semiconductors OM25180FDKM Datasheet HTML 97Page - NXP Semiconductors OM25180FDKM Datasheet HTML 98Page - NXP Semiconductors OM25180FDKM Datasheet HTML 99Page - NXP Semiconductors OM25180FDKM Datasheet HTML 100Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 149 page
background image
PN5180
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2016. All rights reserved.
Product data sheet
COMPANY PUBLIC
Rev. 3.0 — 7 October 2016
240930
96 of 149
NXP Semiconductors
PN5180
High-performance multi-protocol full NFC Forum-compliant frontend
6:7
TX_START_SYMBOL
R/W
0
Defines which symbol pattern is sent as frame
start-symbol 00b No symbol pattern is sent 01b
Symbol0 is sent 10b Symbol1 is sent 11b Symbol2 is
sent.
3:5
TX_LAST_BITS
R/W
0
Defines how many bits of the last data byte to be sent.
If set to 000b all bits of the last data byte are sent.
Note: Bits are skipped at the end of the byte
0:2
TX_FIRST_BITS
R/W
0
Defines how many bits of the first data byte to be sent.
If set to 000b all bits of the last data byte are sent.
Note: Bits are skipped at the beginning of the byte
Table 88.
TX_CONFIG register (address 0018h) bit description …continued
Bit
Symbol
Access
Value
Description
Table 89.
CRC_TX_CONFIG_REG (address 0019h) bit description
Bit
Symbol
Access
Value
Description
31:16
TX_CRC_PRESET_VALUE
R/W
0*-FFFFh Arbitrary preset value for the Tx-Encoder CRC
calculation.
15:7
RFU
R
0
Reserved
6
TX_CRC_BYTE2_ENABLE
R/W
0
If set; the CRC is calculated from the second byte
onwards (intended for HID). This option is used in the
Tx-Encoder.
5:3
TX_CRC_PRESET_SEL
R/W
000-101b Preset values of the CRC register for the Tx-Encoder.
For a CRC calculation using 5 bits, only the LSByte is
used.
000b*
0000h, reset value
001b
6363h
010b
A671h
011b
FFFFh
100b
0012h
101b
E012h
110b
RFU
111b
Use arbitrary preset value
TX_CRC_PRESET_VALUE
2
TX_CRC_TYPE
R/W
0, 1
Controls the type of CRC calculation for the
Tx-Encoder
0*
16-bit CRC calculation, reset value
1
5-bit CRC calculation
1
TX_CRC_INV
R/W
0, 1
Controls the sending of an inverted CRC value by the
Tx-Encoder
0*
Not inverted CRC checksum, reset value
1
Inverted CRC checksum
0
TX_CRC_ENABLE
R/W
0*, 1
If set to one, the Tx-Encoder computes and transmits
a CRC.


Similar Part No. - OM25180FDKM

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
OM25180FDK NXP-OM25180FDK Datasheet
1,007Kb / 2P
PN5180 NFC Frontend Development Kit for POS
More results

Similar Description - OM25180FDKM

ManufacturerPart #DatasheetDescription
logo
ams AG
AS3955 AMSCO-AS3955 Datasheet
1Mb / 111P
NFC Forum Compliant Dynamic Tag
logo
NXP Semiconductors
PN7150 NXP-PN7150 Datasheet
2Mb / 55P
High performance full NFC Forum-compliant controller with integrated firmware and NCI interface
Rev. 3.3-4 July 2016
PN7150B0HN NXP-PN7150B0HN Datasheet
2Mb / 55P
High performance full NFC Forum-compliant controller with integrated firmware and NCI interface
Rev. 3.3-4 July 2016
logo
ams AG
AS3956 AMSCO-AS3956 Datasheet
1Mb / 109P
NFC Forum Compliant Dynamic Tag
logo
NXP Semiconductors
PN5180A0XX NXP-PN5180A0XX Datasheet
1Mb / 160P
High-performance multiprotocol full NFC frontend, supporting all NFC Forum modes
PN5190 NXP-PN5190 Datasheet
2Mb / 308P
NFC frontend
CLRC661 NXP-CLRC661 Datasheet
1Mb / 152P
High performance NFC frontend CLRC661 plus
Rev. 3.7-23 June 2021
logo
ams AG
AS3955 AMSCO-AS3955_V01 Datasheet
1Mb / 102P
NFC Forum Compliant Dynamic Tag
2016-Feb-03
AS3956 AMSCO-AS3956_V01 Datasheet
1Mb / 107P
NFC Forum Compliant Dynamic Tag
2018-Nov-14
logo
NXP Semiconductors
PN5180A0XX NXP-PN5180A0XX_V01 Datasheet
1Mb / 155P
High-performance multiprotocol full NFC frontend, supporting all NFC Forum modes
Rev. 4.1 - 13 March 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com