Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OM25180FDKM Datasheet(PDF) 92 Page - NXP Semiconductors

Part # OM25180FDKM
Description  High-performance multi-protocol full NFC Forum-compliant frontend
Download  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

OM25180FDKM Datasheet(HTML) 92 Page - NXP Semiconductors

Back Button OM25180FDKM Datasheet HTML 88Page - NXP Semiconductors OM25180FDKM Datasheet HTML 89Page - NXP Semiconductors OM25180FDKM Datasheet HTML 90Page - NXP Semiconductors OM25180FDKM Datasheet HTML 91Page - NXP Semiconductors OM25180FDKM Datasheet HTML 92Page - NXP Semiconductors OM25180FDKM Datasheet HTML 93Page - NXP Semiconductors OM25180FDKM Datasheet HTML 94Page - NXP Semiconductors OM25180FDKM Datasheet HTML 95Page - NXP Semiconductors OM25180FDKM Datasheet HTML 96Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 149 page
background image
PN5180
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2016. All rights reserved.
Product data sheet
COMPANY PUBLIC
Rev. 3.0 — 7 October 2016
240930
92 of 149
NXP Semiconductors
PN5180
High-performance multi-protocol full NFC Forum-compliant frontend
5:3
RX_CRC_PRESET_SEL
R/W
000b*
Preset values of the CRC register for the Rx-Decoder.
For a CRC calculation using 5bits, only the LSByte is
used.
000b*
0000h, reset value. This configuration is set by the
Mode detector for FeliCa.
001b
6363h, this configuration is set by the Mode detector
for ISO14443 type A.
010b
A671h
011b
FFFFh, this configuration is set by the Mode detector
for ISO14443 type B.
100b
0012h
101b
E012h
110b
RFU
111b
Use arbitrary preset value
RX_CRC_PRESET_VALUE
2
RX_CRC_TYPE
R/W
0*
Controls the type of CRC calculation for the
Rx-Decoder
0
16-bit CRC calculation, reset value
1
5-bit CRC calculation
1
RX_CRC_INV
R/W
0*
Controls the comparison of the CRC checksum for the
Rx-Decoder
0*
Not inverted CRC value. This bit is cleared by the
Mode detector for ISO14443 type A and FeliCa.
1
Inverted CRC value: F0B8h, this bit is set by the Mode
detector for ISO14443 type B.
0
RX_CRC_ENABLE
R/W
0*
If set; the Rx-Decoder checks the CRC for
correctness. Note: This bit is set by the Mode
Detector when ISO14443 type B or FeliCa (212 kbit/s
or 424 kbit/s) is detected.
Table 82.
CRC_RX_CONFIG (address 0012h) bit description …continued
Bit
Symbol
Access
Value
Description
Table 83.
RX_STATUS_REG register (address 0013h) bit description
Bit
Symbol
Access
Value
Description
26:31
RFU
R
0
Reserved
19:25
RX_COLL_POS
R
0*
These bits show the bit position of the first detected
collision in a received frame (only data bits are
interpreted).
Note: These bits shall only be interpreted in passive
communication mode at 106 kbit/s or ISO/IEC14443
A /MIFARE reader / writer mode if bit CollPosValid is
set to 1.
Note: If RX_ALIGN is set to a value different to 0, this
value is included in the RX_COLL_POS.
18
RX_COLLISION_DETECTED
R
0*
This flag is set to 1, when a collision has occurred.
The position of the first collision is shown in the
register RX_COLLPOS


Similar Part No. - OM25180FDKM

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
OM25180FDK NXP-OM25180FDK Datasheet
1,007Kb / 2P
PN5180 NFC Frontend Development Kit for POS
More results

Similar Description - OM25180FDKM

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PN5180A0XX NXP-PN5180A0XX_V01 Datasheet
1Mb / 155P
High-performance multiprotocol full NFC frontend, supporting all NFC Forum modes
Rev. 4.1 - 13 March 2023
PN5180A0XX NXP-PN5180A0XX Datasheet
1Mb / 160P
High-performance multiprotocol full NFC frontend, supporting all NFC Forum modes
CLRC661 NXP-CLRC661 Datasheet
1Mb / 152P
High performance NFC frontend CLRC661 plus
Rev. 3.7-23 June 2021
PN7150 NXP-PN7150 Datasheet
2Mb / 55P
High performance full NFC Forum-compliant controller with integrated firmware and NCI interface
Rev. 3.3-4 July 2016
PN7150B0HN NXP-PN7150B0HN Datasheet
2Mb / 55P
High performance full NFC Forum-compliant controller with integrated firmware and NCI interface
Rev. 3.3-4 July 2016
logo
ams AG
AS3955 AMSCO-AS3955_V01 Datasheet
1Mb / 102P
NFC Forum Compliant Dynamic Tag
2016-Feb-03
AS3956 AMSCO-AS3956_V01 Datasheet
1Mb / 107P
NFC Forum Compliant Dynamic Tag
2018-Nov-14
AS3955 AMSCO-AS3955 Datasheet
1Mb / 111P
NFC Forum Compliant Dynamic Tag
AS3956 AMSCO-AS3956 Datasheet
1Mb / 109P
NFC Forum Compliant Dynamic Tag
logo
NXP Semiconductors
PN5190 NXP-PN5190 Datasheet
2Mb / 308P
NFC frontend
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com