Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OM25180FDKM Datasheet(PDF) 91 Page - NXP Semiconductors

Part # OM25180FDKM
Description  High-performance multi-protocol full NFC Forum-compliant frontend
PDF  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

OM25180FDKM Datasheet(HTML) 91 Page - NXP Semiconductors

Back Button OM25180FDKM Datasheet HTML 87Page - NXP Semiconductors OM25180FDKM Datasheet HTML 88Page - NXP Semiconductors OM25180FDKM Datasheet HTML 89Page - NXP Semiconductors OM25180FDKM Datasheet HTML 90Page - NXP Semiconductors OM25180FDKM Datasheet HTML 91Page - NXP Semiconductors OM25180FDKM Datasheet HTML 92Page - NXP Semiconductors OM25180FDKM Datasheet HTML 93Page - NXP Semiconductors OM25180FDKM Datasheet HTML 94Page - NXP Semiconductors OM25180FDKM Datasheet HTML 95Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 149 page
background image
PN5180
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2016. All rights reserved.
Product data sheet
COMPANY PUBLIC
Rev. 3.0 — 7 October 2016
240930
91 of 149
NXP Semiconductors
PN5180
High-performance multi-protocol full NFC Forum-compliant frontend
Table 81.
RX_WAIT_CONFIG (address 0011h) bit description
Bit
Symbol
Access
Value
Description
8:27
RX_WAIT_VALUE
R/W
0*
Defines the rx_wait timer reload value. Note: If set to
00000h, the rx_wait guard time is disabled
0:7
RX_WAIT_PRESCALER
R/W
0*
Defines the prescaler reload value for the rx_wait
timer.
For correct DPC operation, it is required to set the
prescaler to 0x7F
For type A communication, the prescaler has to be set
to 0x7F as well.
Table 82.
CRC_RX_CONFIG (address 0012h) bit description
Bit
Symbol
Access
Value
Description
31:16
RX_CRC_PRESET_VALUE
R/W
0*-FFFFh Arbitrary preset value for the Rx-Encoder CRC
calculation.
15:12
RFU
R
0
Reserved
11
RX_PARITY_TYPE
R/W
0*
Defines which type of the parity-bit is used Note: This
bit is set by the mod-detector if automatic mode
detection is enabled and ISO14443A communication
is detected. 0 Even parity calculation is used 1 Odd
parity calculation is used
10
RX_PARITY_ENABLE
R/W
0*
If set to 1; a parity-bit for each byte is expected; will be
extracted from data stream and checked for
correctness. In case the parity-bit is incorrect; the
RX_DATA_INTEGRITY_ERROR flag is set.
Nevertheless the reception is continued. Note: This bit
is set by the mod-detector if automatic mode detection
is enabled and ISO14443A communication is
detected.
9
VALUES_AFTER_COLLISION
R/W
0*
This bit defined the value of bits received after a
collision occurred. 0* All received bits after a collision
will be cleared. 1 All received bits after a collision
keep their value.
8:6
RX_BIT_ALIGN
R/W
0*
RxAlign defines the bit position within the byte for the
first bit received. Further received bits are stored at
the following bit positions.


Similar Part No. - OM25180FDKM

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
OM25180FDK NXP-OM25180FDK Datasheet
1,007Kb / 2P
PN5180 NFC Frontend Development Kit for POS
More results

Similar Description - OM25180FDKM

ManufacturerPart #DatasheetDescription
logo
ams AG
AS3955 AMSCO-AS3955 Datasheet
1Mb / 111P
NFC Forum Compliant Dynamic Tag
logo
NXP Semiconductors
PN7150 NXP-PN7150 Datasheet
2Mb / 55P
High performance full NFC Forum-compliant controller with integrated firmware and NCI interface
Rev. 3.3-4 July 2016
PN7150B0HN NXP-PN7150B0HN Datasheet
2Mb / 55P
High performance full NFC Forum-compliant controller with integrated firmware and NCI interface
Rev. 3.3-4 July 2016
logo
ams AG
AS3956 AMSCO-AS3956 Datasheet
1Mb / 109P
NFC Forum Compliant Dynamic Tag
logo
NXP Semiconductors
PN5180A0XX NXP-PN5180A0XX Datasheet
1Mb / 160P
High-performance multiprotocol full NFC frontend, supporting all NFC Forum modes
PN5190 NXP-PN5190 Datasheet
2Mb / 308P
NFC frontend
CLRC661 NXP-CLRC661 Datasheet
1Mb / 152P
High performance NFC frontend CLRC661 plus
Rev. 3.7-23 June 2021
logo
ams AG
AS3955 AMSCO-AS3955_V01 Datasheet
1Mb / 102P
NFC Forum Compliant Dynamic Tag
2016-Feb-03
AS3956 AMSCO-AS3956_V01 Datasheet
1Mb / 107P
NFC Forum Compliant Dynamic Tag
2018-Nov-14
logo
NXP Semiconductors
PN5180A0XX NXP-PN5180A0XX_V01 Datasheet
1Mb / 155P
High-performance multiprotocol full NFC frontend, supporting all NFC Forum modes
Rev. 4.1 - 13 March 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com