Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OM25180FDKM Datasheet(PDF) 1 Page - NXP Semiconductors

Part # OM25180FDKM
Description  High-performance multi-protocol full NFC Forum-compliant frontend
Download  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

OM25180FDKM Datasheet(HTML) 1 Page - NXP Semiconductors

  OM25180FDKM Datasheet HTML 1Page - NXP Semiconductors OM25180FDKM Datasheet HTML 2Page - NXP Semiconductors OM25180FDKM Datasheet HTML 3Page - NXP Semiconductors OM25180FDKM Datasheet HTML 4Page - NXP Semiconductors OM25180FDKM Datasheet HTML 5Page - NXP Semiconductors OM25180FDKM Datasheet HTML 6Page - NXP Semiconductors OM25180FDKM Datasheet HTML 7Page - NXP Semiconductors OM25180FDKM Datasheet HTML 8Page - NXP Semiconductors OM25180FDKM Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 149 page
background image
1.
Introduction
This document describes the functionality and electrical specification of the high-power
NFC IC PN5180.
Additional documents supporting a design-in of the PN5180 are available from NXP, this
information is not part of this document.
2.
General description
PN5180, the best full NFC frontend on the market.
As a highly integrated high performance full NFC Forum-compliant frontend IC for
contactless communication at 13.56 MHz, this frontend IC utilizes an outstanding
modulation and demodulation concept completely integrated for different kinds of
contactless communication methods and protocols.
The PN5180 ensures maximum interoperability for next generation of NFC enabled
mobile phones. The PN5180 is optimized for point of sales terminal applications and
implements a high-power NFC frontend functionality which allows to achieve EMV
compliance on RF level without additional external active components.
The PN5180 frontend IC supports the following RF operating modes:
Reader/Writer mode supporting ISO/IEC 14443-A up to 848 kBit/s, MIFARE
Reader/Writer mode supporting ISO/IEC 14443-B up to 848 kBit/s
Reader/Writer mode supporting JIS X 6319-4 (comparable with FeliCa scheme)
Supports reading of all NFC tag types (type 1, type 2, type 3, type 4A and type 4B)
Reader/Writer mode supporting ISO/IEC 15693
Reader/Writer mode supporting ISO/IEC 18000-3 Mode 3
ISO/IEC 18092 (NFC-IP1)
ISO/IEC 21481 (NFC-IP-2)
ISO/IEC 14443-type A Card emulation up to 848 kBit/s
One host interface based on SPI is implemented:
SPI interface with data rates up to 7 Mbit/s with MOSI, MISO, NSS and SCK signals
Interrupt request line to inform host controller on events
EEPROM configurable pull-up resistor on SPI MISO line
PN5180
High-performance multi-protocol full NFC Forum-compliant
frontend
Rev. 3.0 — 7 October 2016
240930
Product data sheet
COMPANY PUBLIC


Similar Part No. - OM25180FDKM

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
OM25180FDK NXP-OM25180FDK Datasheet
1,007Kb / 2P
   PN5180 NFC Frontend Development Kit for POS
More results

Similar Description - OM25180FDKM

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PN5180A0XX NXP-PN5180A0XX_V01 Datasheet
1Mb / 155P
   High-performance multiprotocol full NFC frontend, supporting all NFC Forum modes
Rev. 4.1 - 13 March 2023
PN5180A0XX NXP-PN5180A0XX Datasheet
1Mb / 160P
   High-performance multiprotocol full NFC frontend, supporting all NFC Forum modes
CLRC661 NXP-CLRC661 Datasheet
1Mb / 152P
   High performance NFC frontend CLRC661 plus
Rev. 3.7-23 June 2021
PN7150 NXP-PN7150 Datasheet
2Mb / 55P
   High performance full NFC Forum-compliant controller with integrated firmware and NCI interface
Rev. 3.3-4 July 2016
PN7150B0HN NXP-PN7150B0HN Datasheet
2Mb / 55P
   High performance full NFC Forum-compliant controller with integrated firmware and NCI interface
Rev. 3.3-4 July 2016
logo
ams AG
AS3955 AMSCO-AS3955_V01 Datasheet
1Mb / 102P
   NFC Forum Compliant Dynamic Tag
2016-Feb-03
AS3956 AMSCO-AS3956_V01 Datasheet
1Mb / 107P
   NFC Forum Compliant Dynamic Tag
2018-Nov-14
AS3955 AMSCO-AS3955 Datasheet
1Mb / 111P
   NFC Forum Compliant Dynamic Tag
AS3956 AMSCO-AS3956 Datasheet
1Mb / 109P
   NFC Forum Compliant Dynamic Tag
logo
NXP Semiconductors
PN5190 NXP-PN5190 Datasheet
2Mb / 308P
   NFC frontend
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com