Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OM25180FDKM Datasheet(PDF) 88 Page - NXP Semiconductors

Part # OM25180FDKM
Description  High-performance multi-protocol full NFC Forum-compliant frontend
Download  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

OM25180FDKM Datasheet(HTML) 88 Page - NXP Semiconductors

Back Button OM25180FDKM Datasheet HTML 84Page - NXP Semiconductors OM25180FDKM Datasheet HTML 85Page - NXP Semiconductors OM25180FDKM Datasheet HTML 86Page - NXP Semiconductors OM25180FDKM Datasheet HTML 87Page - NXP Semiconductors OM25180FDKM Datasheet HTML 88Page - NXP Semiconductors OM25180FDKM Datasheet HTML 89Page - NXP Semiconductors OM25180FDKM Datasheet HTML 90Page - NXP Semiconductors OM25180FDKM Datasheet HTML 91Page - NXP Semiconductors OM25180FDKM Datasheet HTML 92Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 149 page
background image
PN5180
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2016. All rights reserved.
Product data sheet
COMPANY PUBLIC
Rev. 3.0 — 7 October 2016
240930
88 of 149
NXP Semiconductors
PN5180
High-performance multi-protocol full NFC Forum-compliant frontend
3:5
T0_PRESCALE_SEL
R/W
000b*
Controls frequency/period of the timer T0 when the
prescaler is activated in T0_MODE_SEL:
000b
6.78 MHz counter
001b
3.39 MHz counter
010b
1.70 MHz counter
011b
848 kHz counter
100b
424 kHz counter
101b
212 kHz counter
110b
106 kHz counter
111b
53 kHz counter
2
T0_MODE_SEL
R/W
0*
Configuration of the timer T0 clock. 0b* Prescaler is
disabled: the timer frequency matches CLIF clock
frequency (13.56 MHz). 1b Prescaler is enabled: the
timer operates on the prescaler signal frequency
(chosen by T0_PRESCALE_SEL).
1
T0_RELOAD_ENABLE
R/W
0*
If set to 0; the timer T0 stops on expiration. 0* After
expiration the timer T0 stops counting; i.e.; remain
zero; reset value. 1 After expiration the timer T0
reloads its preset value and continues counting down.
0
T0_ENABLE
R/W
0*
Enables the timer T0
Table 78.
TIMER0_CONFIG register (address 000Eh) bit description …continued
Bit
Symbol
Access
Value
Description
Table 79.
TIMER1_CONFIG register (address 000Fh) bit description
Bit
Symbol
Access
Value
Description
20
T1_STOP_ON_RX_STARTED
R/W
0*
T1_STOP_EVENT: If set; the timer T1 is stopped
when a data reception begins and the first 4 bits had
been received. The additional delay of the timer is
protocol-dependent and listed in the appendix.
19
T1_STOP_ON_TX_STARTED
R/W
0*
T1_STOP_EVENT: If set; the timer T1 is stopped
when a data transmission begins.
18
T1_STOP_ON_RF_ON_EXT
R/W
0*
T1_STOP_EVENT: If set; the timer T1 is stopped
when the external RF field is detected.
17
T1_STOP_ON_RF_OFF_EXT
R/W
0*
T1_STOP_EVENT: If set; the timer T1 is stopped
when the external RF field vanishes.
16
T1_STOP_ON_RF_ON_INT
R/W
0*
T1_STOP_EVENT: If set; the timer T1 is stopped
when the internal RF field is turned on.
15
T1_STOP_ON_RF_OFF_INT
R/W
0*
T1_STOP_EVENT: If set; the timer T1 is stopped
when the internal RF field is turned off.
14
T1_START_ON_RX_STARTED
R/W
0*
T1_START_EVENT: If set; the timer T1 is started
when a data reception begins (first bit is received).
13
T1_START_ON_RX_ENDED
R/W
0*
T1_START_EVENT: If set; the timer T1 is started
when a data reception ends.
12
T1_START_ON_TX_STARTED
R/W
0*
T1_START_EVENT: If set; the timer T1 is started
when a data transmission begins.
11
T1_START_ON_TX_ENDED
R/W
0*
T1_START_EVENT: If set; the timer T1 is started
when a data transmission ends.
10
T1_START_ON_RF_ON_EXT
R/W
0*
T1_START_EVENT: If set; the timer T1 is started
when the external RF field is detected.


Similar Part No. - OM25180FDKM

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
OM25180FDK NXP-OM25180FDK Datasheet
1,007Kb / 2P
PN5180 NFC Frontend Development Kit for POS
More results

Similar Description - OM25180FDKM

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PN5180A0XX NXP-PN5180A0XX_V01 Datasheet
1Mb / 155P
High-performance multiprotocol full NFC frontend, supporting all NFC Forum modes
Rev. 4.1 - 13 March 2023
PN5180A0XX NXP-PN5180A0XX Datasheet
1Mb / 160P
High-performance multiprotocol full NFC frontend, supporting all NFC Forum modes
CLRC661 NXP-CLRC661 Datasheet
1Mb / 152P
High performance NFC frontend CLRC661 plus
Rev. 3.7-23 June 2021
PN7150 NXP-PN7150 Datasheet
2Mb / 55P
High performance full NFC Forum-compliant controller with integrated firmware and NCI interface
Rev. 3.3-4 July 2016
PN7150B0HN NXP-PN7150B0HN Datasheet
2Mb / 55P
High performance full NFC Forum-compliant controller with integrated firmware and NCI interface
Rev. 3.3-4 July 2016
logo
ams AG
AS3955 AMSCO-AS3955_V01 Datasheet
1Mb / 102P
NFC Forum Compliant Dynamic Tag
2016-Feb-03
AS3956 AMSCO-AS3956_V01 Datasheet
1Mb / 107P
NFC Forum Compliant Dynamic Tag
2018-Nov-14
AS3955 AMSCO-AS3955 Datasheet
1Mb / 111P
NFC Forum Compliant Dynamic Tag
AS3956 AMSCO-AS3956 Datasheet
1Mb / 109P
NFC Forum Compliant Dynamic Tag
logo
NXP Semiconductors
PN5190 NXP-PN5190 Datasheet
2Mb / 308P
NFC frontend
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com