![]() |
Electronic Components Datasheet Search |
|
OM25180FDKM Datasheet(PDF) 85 Page - NXP Semiconductors |
|
|
OM25180FDKM Datasheet(HTML) 85 Page - NXP Semiconductors |
85 / 149 page ![]() PN5180 All information provided in this document is subject to legal disclaimers. © NXP Semiconductors N.V. 2016. All rights reserved. Product data sheet COMPANY PUBLIC Rev. 3.0 — 7 October 2016 240930 85 of 149 NXP Semiconductors PN5180 High-performance multi-protocol full NFC Forum-compliant frontend Table 69. TRANSCEIVE_CONTROL register (address 0004h) bit description Bit Symbol Access Value Description 4-9 STATE_TRIGGER_SELECT R/W 000000* Register to select the state to trigger the STATE_CHANGE_IRQ flag. Each bit of the bit field enables one state - several states are possible. Note: If all bits are 0 no IRQ is triggered. xxxxx1 IDLE state enabled to trigger IRQ xxxx1x WaitTransmit state enabled to trigger IRQ xxx1xx Transmitting state enabled to trigger IRQ xx1xxx WaitReceive state enabled to trigger IRQ x1xxxx WaitForData state enabled to trigger IRQ 1xxxxx Receiving state enabled to trigger IRQ 3 TX_SKIP_SEND_ENABLE R/W 0*, 1 If set, not transmission is started after tx_wait is expired and START_SEND was set Note: The bit is cleared by HW when the WaitReceive state is entered. 2 TX_FRAMESTEP_ENABLE R/W 0*, 1 If set, at every start of transmission; each byte of data is sent in a separate frame. SOF and EOF are appended to the data byte according to the framing settings. After one byte is transmitted; the TxEncoder waits for a new start trigger to continue with the next byte. 1 RX_MULTIPLE_ENABLE R/W 0*, 1 If set, the receiver is reactivated after the end of a reception. A status byte is written to the RAM containing all relevant status information of the frame. Note: Data in RAM is word aligned therefore empty bytes of a data Word in RAM are padded with 0x00 bytes. SW has to calculate the correct address for the following frame. 0 INITIATOR R/W 0*, 1 If set, the CLIF is configured for initiator mode. Depending on this setting, the behavior of the transceive command is different Table 70. PINCONFIG register (address 0005h) bit description Bit Symbol Access Value Description 7 EN_SLEW_RATE_CONTROL R/W 0*, 1 Enables slew rate control of digital pads 6 GPO7_DIR R/W 0*, 1 Enables the output driver of GPO7. The GPO is only available for the package TFBGA64 5 GPO6_DIR R/W 0*, 1 Enables the output driver of GPO6. The GPO is only available for the package TFBGA64 4 GPO5_DIR R/W 0*, 1 Enables the output driver of GPO5. The GPO is only available for the package TFBGA64 3 GPO4_DIR R/W 0*, 1 Enables the output driver of GPO4. The GPO is only available for the package TFBGA64 2 GPO3_DIR R/W 0*, 1 Enables the output driver of GPO3. The GPO is only available for the package TFBGA64 1 GPO2_DIR R/W 0*, 1 Enables the output driver of GPO2. The GPO is only available for the package TFBGA64 0 GPO1_DIR R/W 0*, 1 Enables the output driver of GPO1. The GPO is only available for the package TFBGA64 and HVQFN40 |
Similar Part No. - OM25180FDKM |
|
Similar Description - OM25180FDKM |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |