Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OM25180FDKM Datasheet(PDF) 81 Page - NXP Semiconductors

Part # OM25180FDKM
Description  High-performance multi-protocol full NFC Forum-compliant frontend
Download  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

OM25180FDKM Datasheet(HTML) 81 Page - NXP Semiconductors

Back Button OM25180FDKM Datasheet HTML 77Page - NXP Semiconductors OM25180FDKM Datasheet HTML 78Page - NXP Semiconductors OM25180FDKM Datasheet HTML 79Page - NXP Semiconductors OM25180FDKM Datasheet HTML 80Page - NXP Semiconductors OM25180FDKM Datasheet HTML 81Page - NXP Semiconductors OM25180FDKM Datasheet HTML 82Page - NXP Semiconductors OM25180FDKM Datasheet HTML 83Page - NXP Semiconductors OM25180FDKM Datasheet HTML 84Page - NXP Semiconductors OM25180FDKM Datasheet HTML 85Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 149 page
background image
PN5180
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2016. All rights reserved.
Product data sheet
COMPANY PUBLIC
Rev. 3.0 — 7 October 2016
240930
81 of 149
NXP Semiconductors
PN5180
High-performance multi-protocol full NFC Forum-compliant frontend
11.9 Register overview
11.9.1 Register overview
Table 64.
Register address overview
Address (HEX)
Address (decimal)
Name
0h
0
SYSTEM_CONFIG
1h
1
IRQ_ENABLE
2h
2
IRQ_STATUS
3h
3
IRQ_SET_CLEAR
4h
4
TRANSCEIVER_CONFIG
5h
5
PADCONFIG_REG
6h
6
RFU
7h
7
PADOUT_REG
8h
8
TIMER0_STATUS
9h
9
TIMER1_STATUS
Ah
10
TIMER2_STATUS
Bh
11
TIMER0_RELOAD
Ch
12
TIMER1_RELOAD
Dh
13
TIMER2_RELOAD
Eh
14
TIMER0_CONFIG
Fh
15
TIMER1_CONFIG
10h
16
TIMER2_CONFIG
11h
17
RX_WAIT_CONFIG
12h
18
CRC_RX_CONFIG
13h
19
RX_STATUS
14h
20
TX_UNDERSHOOT_CONFIG
15h
21
TX_OVERSHOOT_CONFIG
16h
22
TX_DATA_MOD
17h
23
TX_WAIT_CONFIG
18h
24
TX_CONFIG
19h
25
CRC_TX_CONFIG
1Ah
26
SIGPRO_CONFIG
1Bh
27
SIGPRO_CM_CONFIG
1Ch
28
SIGPRO_RM_CONFIG
1Dh
29
RF_STATUS
1Eh
30
AGC_CONFIG
1Fh
31
AGC_VALUE
20h
32
RF_CONTROL_TX
21h
33
RF_CONTROL_TX_CLK
22h
34
RF_CONTROL_RX
23h
35
LD_CONTROL
24h
36
SYSTEM_STATUS
25h
37
TEMP_CONTROL


Similar Part No. - OM25180FDKM

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
OM25180FDK NXP-OM25180FDK Datasheet
1,007Kb / 2P
PN5180 NFC Frontend Development Kit for POS
More results

Similar Description - OM25180FDKM

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PN5180A0XX NXP-PN5180A0XX_V01 Datasheet
1Mb / 155P
High-performance multiprotocol full NFC frontend, supporting all NFC Forum modes
Rev. 4.1 - 13 March 2023
PN5180A0XX NXP-PN5180A0XX Datasheet
1Mb / 160P
High-performance multiprotocol full NFC frontend, supporting all NFC Forum modes
CLRC661 NXP-CLRC661 Datasheet
1Mb / 152P
High performance NFC frontend CLRC661 plus
Rev. 3.7-23 June 2021
PN7150 NXP-PN7150 Datasheet
2Mb / 55P
High performance full NFC Forum-compliant controller with integrated firmware and NCI interface
Rev. 3.3-4 July 2016
PN7150B0HN NXP-PN7150B0HN Datasheet
2Mb / 55P
High performance full NFC Forum-compliant controller with integrated firmware and NCI interface
Rev. 3.3-4 July 2016
logo
ams AG
AS3955 AMSCO-AS3955_V01 Datasheet
1Mb / 102P
NFC Forum Compliant Dynamic Tag
2016-Feb-03
AS3956 AMSCO-AS3956_V01 Datasheet
1Mb / 107P
NFC Forum Compliant Dynamic Tag
2018-Nov-14
AS3955 AMSCO-AS3955 Datasheet
1Mb / 111P
NFC Forum Compliant Dynamic Tag
AS3956 AMSCO-AS3956 Datasheet
1Mb / 109P
NFC Forum Compliant Dynamic Tag
logo
NXP Semiconductors
PN5190 NXP-PN5190 Datasheet
2Mb / 308P
NFC frontend
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com