Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OM25180FDKM Datasheet(PDF) 79 Page - NXP Semiconductors

Part # OM25180FDKM
Description  High-performance multi-protocol full NFC Forum-compliant frontend
Download  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

OM25180FDKM Datasheet(HTML) 79 Page - NXP Semiconductors

Back Button OM25180FDKM Datasheet HTML 75Page - NXP Semiconductors OM25180FDKM Datasheet HTML 76Page - NXP Semiconductors OM25180FDKM Datasheet HTML 77Page - NXP Semiconductors OM25180FDKM Datasheet HTML 78Page - NXP Semiconductors OM25180FDKM Datasheet HTML 79Page - NXP Semiconductors OM25180FDKM Datasheet HTML 80Page - NXP Semiconductors OM25180FDKM Datasheet HTML 81Page - NXP Semiconductors OM25180FDKM Datasheet HTML 82Page - NXP Semiconductors OM25180FDKM Datasheet HTML 83Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 149 page
background image
PN5180
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2016. All rights reserved.
Product data sheet
COMPANY PUBLIC
Rev. 3.0 — 7 October 2016
240930
79 of 149
NXP Semiconductors
PN5180
High-performance multi-protocol full NFC Forum-compliant frontend
0x38
up to firmware version 3.5:
LPCD_REFVAL_CONTROL
-
-
LPCD Reference Value Selection and GPO control
2
Control of GPO1 in relation to RF-ON
1
Enable Control (e.g. for external TVDD LDO) via GPO1
0
Disable Control (e.g. for external TVDD LDO) via GPO1
1:0
Source of AGC reference value
11
RFU
10
Use AGC Reference value and AGC gear from the register
AGC_REG_CONFIG.
01
Use one AGC measurement to get reference value
00
Use EEPROM value for reference value
from firmware version 3.6 onwards
LPCD_REFVAL_GPO_CONTROL
-
-
This byte in EEPROM is used to control the GPO assertion
during wake-up and LPCD card detect.
1:0
-
Defines the source of the LPCD reference value
00
Use EEPROM Value for reference value
01
Use one AGC measurement to get reference value
10
Use AGC Reference value and AGC gear from the register
AGC_REG_CONFIG.
11
RFU
2
-
Allows enabling a GPO output level change during wake-up
from standby, before the RF field is switched on. This allows
waking-up an external LDO or DC/DC supplying the
transmitter (pin TVDD).
0
Disable Control for external TVDD LDO via GPO1
1
Enable Control for external TVDD LDO via GPO1
3
-
GPO2 Control for external TVDD LDO during wake-up from
standby
0
Disable Control of external TVDD LDO via GPO2 on LPCD
Card Detect
1
Enable Control of external TVDD LDO via GPO2 on LPCD
Card Detect
4
-
GPO1 Control for external TVDD LDO during wake-up from
standby
0
Disable Control of external TVDD LDO via GPO1 on
wake-up from standby
1
Enable Control of external TVDD LDO via GPO1 on
wake-up from standby
0x39
LPCD_GPO_TOGGLE_BEFORE_
FIELD_ON
-
-
1 byte: This value defines the time between setting GPO1
until field is switched on. The byte defines the time
multiplied by 5 in microseconds.
0x3A
LPCD_GPO_TOGGLE_AFTER_
FIELD_ON
-
-
1 byte: This value defines the time between field off and
clearing GPO1. The byte defines the time multiplied by 5 in
microseconds.
Table 63.
Low-Power Card Detection: EEPROM configuration
EEPROM
address
Name
Bit
value Description


Similar Part No. - OM25180FDKM

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
OM25180FDK NXP-OM25180FDK Datasheet
1,007Kb / 2P
   PN5180 NFC Frontend Development Kit for POS
More results

Similar Description - OM25180FDKM

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PN5180A0XX NXP-PN5180A0XX_V01 Datasheet
1Mb / 155P
   High-performance multiprotocol full NFC frontend, supporting all NFC Forum modes
Rev. 4.1 - 13 March 2023
PN5180A0XX NXP-PN5180A0XX Datasheet
1Mb / 160P
   High-performance multiprotocol full NFC frontend, supporting all NFC Forum modes
CLRC661 NXP-CLRC661 Datasheet
1Mb / 152P
   High performance NFC frontend CLRC661 plus
Rev. 3.7-23 June 2021
PN7150 NXP-PN7150 Datasheet
2Mb / 55P
   High performance full NFC Forum-compliant controller with integrated firmware and NCI interface
Rev. 3.3-4 July 2016
PN7150B0HN NXP-PN7150B0HN Datasheet
2Mb / 55P
   High performance full NFC Forum-compliant controller with integrated firmware and NCI interface
Rev. 3.3-4 July 2016
logo
ams AG
AS3955 AMSCO-AS3955_V01 Datasheet
1Mb / 102P
   NFC Forum Compliant Dynamic Tag
2016-Feb-03
AS3956 AMSCO-AS3956_V01 Datasheet
1Mb / 107P
   NFC Forum Compliant Dynamic Tag
2018-Nov-14
AS3955 AMSCO-AS3955 Datasheet
1Mb / 111P
   NFC Forum Compliant Dynamic Tag
AS3956 AMSCO-AS3956 Datasheet
1Mb / 109P
   NFC Forum Compliant Dynamic Tag
logo
NXP Semiconductors
PN5190 NXP-PN5190 Datasheet
2Mb / 308P
   NFC frontend
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com