Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OM25180FDKM Datasheet(PDF) 74 Page - NXP Semiconductors

Part # OM25180FDKM
Description  High-performance multi-protocol full NFC Forum-compliant frontend
Download  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

OM25180FDKM Datasheet(HTML) 74 Page - NXP Semiconductors

Back Button OM25180FDKM Datasheet HTML 70Page - NXP Semiconductors OM25180FDKM Datasheet HTML 71Page - NXP Semiconductors OM25180FDKM Datasheet HTML 72Page - NXP Semiconductors OM25180FDKM Datasheet HTML 73Page - NXP Semiconductors OM25180FDKM Datasheet HTML 74Page - NXP Semiconductors OM25180FDKM Datasheet HTML 75Page - NXP Semiconductors OM25180FDKM Datasheet HTML 76Page - NXP Semiconductors OM25180FDKM Datasheet HTML 77Page - NXP Semiconductors OM25180FDKM Datasheet HTML 78Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 149 page
background image
PN5180
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2016. All rights reserved.
Product data sheet
COMPANY PUBLIC
Rev. 3.0 — 7 October 2016
240930
74 of 149
NXP Semiconductors
PN5180
High-performance multi-protocol full NFC Forum-compliant frontend
11.8.9.2
Automatic Gain Control
The Automatic Gain Control (AGC) of the receiver is used to control the amplitude of the
received 13.56 MHz input sine-wave signal from the antenna (input pins RXP and RXN).
It is desirable to achieve an input voltage in the range of 1.5 V to 1.65 V at the pins RXP,
RXN. For symmetric antennas, the voltage levels are the same on the pins RXP, RXN. A
voltage lower than 1.5 V lead to a reduced sensitivity of the receiver, a voltage level higher
than 1.65 V could result in clipping of the received signal in the signal processing unit of
the PN5180. Both conditions should be avoided for optimum performance of the IC. An
antenna detuning caused by the presence of a card, or mobile phone will typically result in
an RX input level which is outside the desired input voltage range. Here the AGC helps to
simplify the design by keeping the RX voltage automatically within the range of 1.5 V to
1.65 V even under dynamic changing antenna detuning conditions.
Functional description:
The peak of the input signal at RXP is regulated to be equal to a reference voltage
(internally generated from the supply using a resistive divider). Two external resistors are
connected to the RX inputs, the specific value of these resistors in a given design
depends on the selected antenna and needs to be determined during development. This
external resistor, together with an on-chip variable resistor connected to VMID, forms a
resistive voltage divider for the signal processor input voltage. The resolution of the
variable resistor is 10 bits.
By varying the on-chip resistor, the amplitude of the input signal can be modified. The
on-chip resistor value is increased or decreased depending on the output of the sampled
comparator, until the peak of the input signal matches the reference voltage. The
amplitude of the RX input is therefore automatically controlled by the AGC circuit.
The internal amplitude controlling resistor in the AGC has a default value of 10 kOhm typ
DC coupled. (i.e. when the resistor control bits in AGC_VALUE_REG <9:0> are all 0, the
resistance is 10 k). As the control bits are increased, resistors are switched in parallel to
the 10k resistor thus lowering the combined resulting resistance value down to 20 Ohm
DC coupled (AGC_VALUE_REG <9:0>, all bits set to 1).
11.8.9.3
RX Wait
The guard time rx_wait is started after the end of a transmission. If the register flag
RX_WAIT_RFON_ENABLE is set to 1 the guard time is started when the device
switches off its own RF-Field and an external RF-Field was detected.
The guard time rx_wait can be disabled by setting the register RX_WAIT_VALUE to 00h
meaning the receiver is immediately enabled.
11.8.9.4
EMD Error handling
EMVCo
The PN5180 supports EMD handling according to the EMVCo standard. To support
further extension the EMD block is configurable to allow adoption for further standard
updates.
The PN5180 supports automatically restart of the receiver and CLIF timer1 is restarted in
case of an EMD event. The CLIF timer is selectable in the EMD_CONTROL register.


Similar Part No. - OM25180FDKM

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
OM25180FDK NXP-OM25180FDK Datasheet
1,007Kb / 2P
PN5180 NFC Frontend Development Kit for POS
More results

Similar Description - OM25180FDKM

ManufacturerPart #DatasheetDescription
logo
ams AG
AS3955 AMSCO-AS3955 Datasheet
1Mb / 111P
NFC Forum Compliant Dynamic Tag
logo
NXP Semiconductors
PN7150 NXP-PN7150 Datasheet
2Mb / 55P
High performance full NFC Forum-compliant controller with integrated firmware and NCI interface
Rev. 3.3-4 July 2016
PN7150B0HN NXP-PN7150B0HN Datasheet
2Mb / 55P
High performance full NFC Forum-compliant controller with integrated firmware and NCI interface
Rev. 3.3-4 July 2016
logo
ams AG
AS3956 AMSCO-AS3956 Datasheet
1Mb / 109P
NFC Forum Compliant Dynamic Tag
logo
NXP Semiconductors
PN5180A0XX NXP-PN5180A0XX Datasheet
1Mb / 160P
High-performance multiprotocol full NFC frontend, supporting all NFC Forum modes
PN5190 NXP-PN5190 Datasheet
2Mb / 308P
NFC frontend
CLRC661 NXP-CLRC661 Datasheet
1Mb / 152P
High performance NFC frontend CLRC661 plus
Rev. 3.7-23 June 2021
logo
ams AG
AS3955 AMSCO-AS3955_V01 Datasheet
1Mb / 102P
NFC Forum Compliant Dynamic Tag
2016-Feb-03
AS3956 AMSCO-AS3956_V01 Datasheet
1Mb / 107P
NFC Forum Compliant Dynamic Tag
2018-Nov-14
logo
NXP Semiconductors
PN5180A0XX NXP-PN5180A0XX_V01 Datasheet
1Mb / 155P
High-performance multiprotocol full NFC frontend, supporting all NFC Forum modes
Rev. 4.1 - 13 March 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com