Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OM25180FDKM Datasheet(PDF) 73 Page - NXP Semiconductors

Part # OM25180FDKM
Description  High-performance multi-protocol full NFC Forum-compliant frontend
Download  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

OM25180FDKM Datasheet(HTML) 73 Page - NXP Semiconductors

Back Button OM25180FDKM Datasheet HTML 69Page - NXP Semiconductors OM25180FDKM Datasheet HTML 70Page - NXP Semiconductors OM25180FDKM Datasheet HTML 71Page - NXP Semiconductors OM25180FDKM Datasheet HTML 72Page - NXP Semiconductors OM25180FDKM Datasheet HTML 73Page - NXP Semiconductors OM25180FDKM Datasheet HTML 74Page - NXP Semiconductors OM25180FDKM Datasheet HTML 75Page - NXP Semiconductors OM25180FDKM Datasheet HTML 76Page - NXP Semiconductors OM25180FDKM Datasheet HTML 77Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 149 page
background image
PN5180
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2016. All rights reserved.
Product data sheet
COMPANY PUBLIC
Rev. 3.0 — 7 October 2016
240930
73 of 149
NXP Semiconductors
PN5180
High-performance multi-protocol full NFC Forum-compliant frontend
The I/Q-Mixer mixes the differential input RF-signal down to the baseband. The mixer has
a band with of 2 MHz.
The down mixed differential RX input signals are passed to the BBA and band-pass
filtered. In order to consider all the various protocols (Type A/B, FeliCa), the high-pass
cut-off frequency of BBA can be configured between 45 kHz and 250 kHz in 4 different
steps. The low-pass cut-off frequency is above 2 MHz.
This band-passed signal is then further amplified with a gain factor which is configurable
between 30 dB and 60 dB. The baseband amplifier (BBA)/ADC I- and Q- channel can be
enabled separately. This is required for ADC-based CardMode functionality as only the
I-channel is used in this case.
The gain and high pass corner frequency of the BBA are not independent from each
other:
Table 62.
Gain setting
HPCF setting HPCF (kHz)
LPCF (MHz)
Gain (sB20)
Band width
(MHz)
Gain3
0
39
3.1
60
3.1
1
78
3.2
59
3.1
2144
3.5
58
3.3
3260
4.1
56
3.8
Gain2
0
42
3.1
51
3.1
1
82
3.3
51
3.2
2150
3.7
49
3.5
3271
4.3
47
4.0
Gain1
0
41
3.7
43
3.7
1
82
4.0
42
3.9
2151
4.5
41
4.3
3276
5.5
39
5.2
Gain0
0
42
3.8
35
3.8
1
84
4.1
34
4.0
2154
4.7
33
4.5
3281
5.7
31
5.4
Fig 38. PN5180 Receiver Block diagram
aaa-008644
RXP
VMID
AGC
BBA
BBA
MIX
CLK
I-CLK
Q-CLK
RXN
DATA
DATA


Similar Part No. - OM25180FDKM

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
OM25180FDK NXP-OM25180FDK Datasheet
1,007Kb / 2P
   PN5180 NFC Frontend Development Kit for POS
More results

Similar Description - OM25180FDKM

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PN5180A0XX NXP-PN5180A0XX_V01 Datasheet
1Mb / 155P
   High-performance multiprotocol full NFC frontend, supporting all NFC Forum modes
Rev. 4.1 - 13 March 2023
PN5180A0XX NXP-PN5180A0XX Datasheet
1Mb / 160P
   High-performance multiprotocol full NFC frontend, supporting all NFC Forum modes
CLRC661 NXP-CLRC661 Datasheet
1Mb / 152P
   High performance NFC frontend CLRC661 plus
Rev. 3.7-23 June 2021
PN7150 NXP-PN7150 Datasheet
2Mb / 55P
   High performance full NFC Forum-compliant controller with integrated firmware and NCI interface
Rev. 3.3-4 July 2016
PN7150B0HN NXP-PN7150B0HN Datasheet
2Mb / 55P
   High performance full NFC Forum-compliant controller with integrated firmware and NCI interface
Rev. 3.3-4 July 2016
logo
ams AG
AS3955 AMSCO-AS3955_V01 Datasheet
1Mb / 102P
   NFC Forum Compliant Dynamic Tag
2016-Feb-03
AS3956 AMSCO-AS3956_V01 Datasheet
1Mb / 107P
   NFC Forum Compliant Dynamic Tag
2018-Nov-14
AS3955 AMSCO-AS3955 Datasheet
1Mb / 111P
   NFC Forum Compliant Dynamic Tag
AS3956 AMSCO-AS3956 Datasheet
1Mb / 109P
   NFC Forum Compliant Dynamic Tag
logo
NXP Semiconductors
PN5190 NXP-PN5190 Datasheet
2Mb / 308P
   NFC frontend
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com