Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OM25180FDKM Datasheet(PDF) 72 Page - NXP Semiconductors

Part # OM25180FDKM
Description  High-performance multi-protocol full NFC Forum-compliant frontend
Download  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

OM25180FDKM Datasheet(HTML) 72 Page - NXP Semiconductors

Back Button OM25180FDKM Datasheet HTML 68Page - NXP Semiconductors OM25180FDKM Datasheet HTML 69Page - NXP Semiconductors OM25180FDKM Datasheet HTML 70Page - NXP Semiconductors OM25180FDKM Datasheet HTML 71Page - NXP Semiconductors OM25180FDKM Datasheet HTML 72Page - NXP Semiconductors OM25180FDKM Datasheet HTML 73Page - NXP Semiconductors OM25180FDKM Datasheet HTML 74Page - NXP Semiconductors OM25180FDKM Datasheet HTML 75Page - NXP Semiconductors OM25180FDKM Datasheet HTML 76Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 149 page
background image
PN5180
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2016. All rights reserved.
Product data sheet
COMPANY PUBLIC
Rev. 3.0 — 7 October 2016
240930
72 of 149
NXP Semiconductors
PN5180
High-performance multi-protocol full NFC Forum-compliant frontend
11.8.9 Receiver RX
11.8.9.1
Reader Mode Receiver
In Reader Mode, the response of the PICC device is coupled from the PCB antenna to the
differential input RXP/RXN. The Reader Mode Receiver extracts this signal by first
removing the carrier in passive mixers (direct conversion for I and Q), then filtering and
amplifying the baseband signal, and finally converting to digital values with 2 separate
ADCs for I and Q channel. Both the I and Q channels have a differential structure which
improves the signal quality.
Fig 37. Autocall state machine
aaa-020625
ReqA/WupA
no
no
no
Passive Target A
enabled?
IDLE
READY
READY*
Send SensF
response
Frame received
entry
HALT
Yes and
Autocoll_state_a** == HALT
Yes and
Autocoll_state_a** == IDLE
ISO14443-3A PICC
state machine
ACTIVE
Passive Target A106
IRQ line is asserted
Load Protocol PICC-A106 done
RX_IRQ and
CARD_ACTIVATED_IRQ are set
Passive Target F212/424*
IRQ line is asserted
Load Protocol PICC-F212
or PICC-F424 done
RX_IRQ and
CARD_ACTIVATED_IRQ are set
*the determined baudrate can be found in the SIGPRO_CONFIG register
** Autocoll_state_a is defined in the register SYSTEM_CONFIG
Active Target A106/F212/F424*
IRQ line is asserted
Load Protocol AT106/AT212/
AT424 done
RX_IRQ is set
ACTIVE*
yes
SensF received
and Passive
Target F enabled
SC = 0xFFFF or
EE-Value
yes
yes
SensFReq
received
any other frame
received
Any CL
Error
Frame received
and no error
Active Mode
enabled
yes
no
no


Similar Part No. - OM25180FDKM

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
OM25180FDK NXP-OM25180FDK Datasheet
1,007Kb / 2P
PN5180 NFC Frontend Development Kit for POS
More results

Similar Description - OM25180FDKM

ManufacturerPart #DatasheetDescription
logo
ams AG
AS3955 AMSCO-AS3955 Datasheet
1Mb / 111P
NFC Forum Compliant Dynamic Tag
logo
NXP Semiconductors
PN7150 NXP-PN7150 Datasheet
2Mb / 55P
High performance full NFC Forum-compliant controller with integrated firmware and NCI interface
Rev. 3.3-4 July 2016
PN7150B0HN NXP-PN7150B0HN Datasheet
2Mb / 55P
High performance full NFC Forum-compliant controller with integrated firmware and NCI interface
Rev. 3.3-4 July 2016
logo
ams AG
AS3956 AMSCO-AS3956 Datasheet
1Mb / 109P
NFC Forum Compliant Dynamic Tag
logo
NXP Semiconductors
PN5180A0XX NXP-PN5180A0XX Datasheet
1Mb / 160P
High-performance multiprotocol full NFC frontend, supporting all NFC Forum modes
PN5190 NXP-PN5190 Datasheet
2Mb / 308P
NFC frontend
CLRC661 NXP-CLRC661 Datasheet
1Mb / 152P
High performance NFC frontend CLRC661 plus
Rev. 3.7-23 June 2021
logo
ams AG
AS3955 AMSCO-AS3955_V01 Datasheet
1Mb / 102P
NFC Forum Compliant Dynamic Tag
2016-Feb-03
AS3956 AMSCO-AS3956_V01 Datasheet
1Mb / 107P
NFC Forum Compliant Dynamic Tag
2018-Nov-14
logo
NXP Semiconductors
PN5180A0XX NXP-PN5180A0XX_V01 Datasheet
1Mb / 155P
High-performance multiprotocol full NFC frontend, supporting all NFC Forum modes
Rev. 4.1 - 13 March 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com