Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OM25180FDKM Datasheet(PDF) 67 Page - NXP Semiconductors

Part # OM25180FDKM
Description  High-performance multi-protocol full NFC Forum-compliant frontend
Download  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

OM25180FDKM Datasheet(HTML) 67 Page - NXP Semiconductors

Back Button OM25180FDKM Datasheet HTML 63Page - NXP Semiconductors OM25180FDKM Datasheet HTML 64Page - NXP Semiconductors OM25180FDKM Datasheet HTML 65Page - NXP Semiconductors OM25180FDKM Datasheet HTML 66Page - NXP Semiconductors OM25180FDKM Datasheet HTML 67Page - NXP Semiconductors OM25180FDKM Datasheet HTML 68Page - NXP Semiconductors OM25180FDKM Datasheet HTML 69Page - NXP Semiconductors OM25180FDKM Datasheet HTML 70Page - NXP Semiconductors OM25180FDKM Datasheet HTML 71Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 149 page
background image
PN5180
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2016. All rights reserved.
Product data sheet
COMPANY PUBLIC
Rev. 3.0 — 7 October 2016
240930
67 of 149
NXP Semiconductors
PN5180
High-performance multi-protocol full NFC Forum-compliant frontend
11.8.5 Adaptive Waveform Control (AWC)
Depending on the level of detected detuning of the antenna, RF wave shaping related
register settings can be automatically updated. The shaping related register settings are
stored in a lookup table located in EEPROM, and selected dependent on the actual gear.
The gear numbers need to be provided as part of the lookup table entries and need to be
provided in ascending order in the EEPROM. Each lookup table entry allows configuring
not only a dedicated wave shaping configuration for the corresponding gear, but in
additionally it is possible to configure for this gear the wave shaping configuration
dependent on the different protocols.
Each lookup table item contains a bitmask of technology and baud rate (in order to use an
entry for multiple technologies and baudrates), the DPC Gear and a relative value
(change compared to actual setting of register RF_CONTROL_TX) for
TAU_MODE_FALLING, TAU_MODE_RISING and TX_RESIDUAL_CARRIER.
If there is a gear switch, a EEPROM lookup is performed if the current gear (at current
protocol and baud rate) has an assigned wave shaping configuration. In case of an
execution of a LoadProtocol command, this lookup will be performed (example: switching
from baud rate A106 to A424) as well. The change from the wave shaping configuration
Table 61.
Wave shaping lookup table
Bit
position
Function of each DWORD
29:31
RFU
16:28
Bitmask identifying technology and baud rate
0001h
A 106
0002h
A 212
0004h
A 424
0008h
A 848
0010h
B 106
0020h
B 212
0040h
B 424
0080h
B 848
0100h
F 212
0200h
F424
0400h
ISO/IEC 15693 ASK10
0800h
ISO/IEC 15693 ASK100
1000h
ISO/IEC 18000m3
12_15
RESIDUAL_CARRIER (Sign bit + 3-bit value) 0: Add value to current residual
carrier configuration, 1; subtract value from current residual carrier configuration
8:11
TAU_MOD_RISING (Sign bit + 3-bit value) 0: Add value to current
TAU_MOD_RISING configuration, 1; subtract value from current
TAU_MOD_RISING configuration
4:7
TAU_MOD_FALLING (Sign bit + 3-bit value) 0: Add value to current
TAU_MOD_FALLING configuration, 1; subtract value from current
TAU_MOD_FALLING configuration
0:3
DPC Gear


Similar Part No. - OM25180FDKM

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
OM25180FDK NXP-OM25180FDK Datasheet
1,007Kb / 2P
PN5180 NFC Frontend Development Kit for POS
More results

Similar Description - OM25180FDKM

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PN5180A0XX NXP-PN5180A0XX_V01 Datasheet
1Mb / 155P
High-performance multiprotocol full NFC frontend, supporting all NFC Forum modes
Rev. 4.1 - 13 March 2023
PN5180A0XX NXP-PN5180A0XX Datasheet
1Mb / 160P
High-performance multiprotocol full NFC frontend, supporting all NFC Forum modes
CLRC661 NXP-CLRC661 Datasheet
1Mb / 152P
High performance NFC frontend CLRC661 plus
Rev. 3.7-23 June 2021
PN7150 NXP-PN7150 Datasheet
2Mb / 55P
High performance full NFC Forum-compliant controller with integrated firmware and NCI interface
Rev. 3.3-4 July 2016
PN7150B0HN NXP-PN7150B0HN Datasheet
2Mb / 55P
High performance full NFC Forum-compliant controller with integrated firmware and NCI interface
Rev. 3.3-4 July 2016
logo
ams AG
AS3955 AMSCO-AS3955_V01 Datasheet
1Mb / 102P
NFC Forum Compliant Dynamic Tag
2016-Feb-03
AS3956 AMSCO-AS3956_V01 Datasheet
1Mb / 107P
NFC Forum Compliant Dynamic Tag
2018-Nov-14
AS3955 AMSCO-AS3955 Datasheet
1Mb / 111P
NFC Forum Compliant Dynamic Tag
AS3956 AMSCO-AS3956 Datasheet
1Mb / 109P
NFC Forum Compliant Dynamic Tag
logo
NXP Semiconductors
PN5190 NXP-PN5190 Datasheet
2Mb / 308P
NFC frontend
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com