Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OM25180FDKM Datasheet(PDF) 63 Page - NXP Semiconductors

Part # OM25180FDKM
Description  High-performance multi-protocol full NFC Forum-compliant frontend
Download  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

OM25180FDKM Datasheet(HTML) 63 Page - NXP Semiconductors

Back Button OM25180FDKM Datasheet HTML 59Page - NXP Semiconductors OM25180FDKM Datasheet HTML 60Page - NXP Semiconductors OM25180FDKM Datasheet HTML 61Page - NXP Semiconductors OM25180FDKM Datasheet HTML 62Page - NXP Semiconductors OM25180FDKM Datasheet HTML 63Page - NXP Semiconductors OM25180FDKM Datasheet HTML 64Page - NXP Semiconductors OM25180FDKM Datasheet HTML 65Page - NXP Semiconductors OM25180FDKM Datasheet HTML 66Page - NXP Semiconductors OM25180FDKM Datasheet HTML 67Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 149 page
background image
PN5180
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2016. All rights reserved.
Product data sheet
COMPANY PUBLIC
Rev. 3.0 — 7 October 2016
240930
63 of 149
NXP Semiconductors
PN5180
High-performance multi-protocol full NFC Forum-compliant frontend
11.8.3.3
TX Wait
Tx_wait can be used for 2 different purposes:
On the one hand, it can be used to prevent start of transmission before a certain period
has expired - even if thePN5180 has already finished data processing and set the
START_SEND bit. This behavior is intended for the reader mode to guarantee the PICC
to PCD frame delay time (FDT).
On the other hand, the tx_wait time can be used to start the transmission at an exactly
defined time. For this purpose, data to be sent must be available and the START_SEND
flag has to be set by FW before the period expires. In case the START_SEND bit is not set
when tx_wait expires and MILLER_SYNC_ENABLE is set the transmission is started on
the bit-grid.
The guard time tx_wait is started after the end of a reception, no matter if the frame is
correct or erroneous. The tx_wait guard time counter is not started in case the reception is
restarted because of an EMD-event or in case the RX_MULTIPLE_ENABLE bit is set to 1.
In case the register flag TX_WAIT_RFON_ENABLE is set to 1 the guard time counter is
started when the devices own RF-Field is switched on.
To start a transmission, it is always necessary for the firmware to set the START_SEND
bit in the SYSTEM_CONFIG register or sending the instruction SEND_DATA. Having said
that it is possible to disable the guard time tx_wait by setting the register
TX_WAIT_CONFIG to 00h.
16
77
12.99
17
76
13.64
18
75
14.29
19
74
14.94
20
72
16.28
21
70
17.65
22
68
19.05
23
65
21.21
24
60
25
25
55
29.03
26
45
37.93
27
40
42.86
28
35
48.15
29
30
53.85
30
25
60
31
0
100
Table 60.
Modulation degree configuration …continued
TX_RESIDUAL_CARRIER
register setting
residual carrier nominal
(%)
modulation degree nominal (%)


Similar Part No. - OM25180FDKM

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
OM25180FDK NXP-OM25180FDK Datasheet
1,007Kb / 2P
   PN5180 NFC Frontend Development Kit for POS
More results

Similar Description - OM25180FDKM

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PN5180A0XX NXP-PN5180A0XX_V01 Datasheet
1Mb / 155P
   High-performance multiprotocol full NFC frontend, supporting all NFC Forum modes
Rev. 4.1 - 13 March 2023
PN5180A0XX NXP-PN5180A0XX Datasheet
1Mb / 160P
   High-performance multiprotocol full NFC frontend, supporting all NFC Forum modes
CLRC661 NXP-CLRC661 Datasheet
1Mb / 152P
   High performance NFC frontend CLRC661 plus
Rev. 3.7-23 June 2021
PN7150 NXP-PN7150 Datasheet
2Mb / 55P
   High performance full NFC Forum-compliant controller with integrated firmware and NCI interface
Rev. 3.3-4 July 2016
PN7150B0HN NXP-PN7150B0HN Datasheet
2Mb / 55P
   High performance full NFC Forum-compliant controller with integrated firmware and NCI interface
Rev. 3.3-4 July 2016
logo
ams AG
AS3955 AMSCO-AS3955_V01 Datasheet
1Mb / 102P
   NFC Forum Compliant Dynamic Tag
2016-Feb-03
AS3956 AMSCO-AS3956_V01 Datasheet
1Mb / 107P
   NFC Forum Compliant Dynamic Tag
2018-Nov-14
AS3955 AMSCO-AS3955 Datasheet
1Mb / 111P
   NFC Forum Compliant Dynamic Tag
AS3956 AMSCO-AS3956 Datasheet
1Mb / 109P
   NFC Forum Compliant Dynamic Tag
logo
NXP Semiconductors
PN5190 NXP-PN5190 Datasheet
2Mb / 308P
   NFC frontend
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com