Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OM25180FDKM Datasheet(PDF) 61 Page - NXP Semiconductors

Part # OM25180FDKM
Description  High-performance multi-protocol full NFC Forum-compliant frontend
Download  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

OM25180FDKM Datasheet(HTML) 61 Page - NXP Semiconductors

Back Button OM25180FDKM Datasheet HTML 57Page - NXP Semiconductors OM25180FDKM Datasheet HTML 58Page - NXP Semiconductors OM25180FDKM Datasheet HTML 59Page - NXP Semiconductors OM25180FDKM Datasheet HTML 60Page - NXP Semiconductors OM25180FDKM Datasheet HTML 61Page - NXP Semiconductors OM25180FDKM Datasheet HTML 62Page - NXP Semiconductors OM25180FDKM Datasheet HTML 63Page - NXP Semiconductors OM25180FDKM Datasheet HTML 64Page - NXP Semiconductors OM25180FDKM Datasheet HTML 65Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 149 page
background image
PN5180
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2016. All rights reserved.
Product data sheet
COMPANY PUBLIC
Rev. 3.0 — 7 October 2016
240930
61 of 149
NXP Semiconductors
PN5180
High-performance multi-protocol full NFC Forum-compliant frontend
After power-up, the RF-field is off.
The instruction RF_ON enables the generation of a RF-field. The NFC frontend can
perform an initial RF collision avoidance according to ISO/IEC18092. Before enabling the
RF-field, a field detection is automatically enabled for TIDT. In case an external field is
detected, the field is not switched on and an RF_ACTIVE_ERROR_IRQ is raised. The
cause for the error can be examined in the RF_STATUS_REG.
In order to switch off the RF-field generation, the RF_OFF instruction needs to be sent.
Active Mode is supported by configuring the RF_ON instruction.
11.8.3 Transmitter TX
The transmitter is able to drive an antenna circuit connected to outputs TX1 and TX2 with
a 13.56 MHz carrier signal. The signal delivered on pins TX1 and pin TX2 is the
13.56 MHz carrier modulated by an envelope signal for energy and data transmission. It
can be used to drive an antenna directly, using a few passive components for matching
and filtering. For a differential antenna configuration, either TX1 or TX2 can be configured
to put out an inverted clock. 100 % modulation and several levels of amplitude modulation
on the carrier can be performed to support 13.56 MHz carrier-based RF-reader/writer
protocols as defined by standards ISO/IEC14443 A and B, FeliCa and ISO/IEC 18092.
11.8.3.1
100 % Modulation
There are 5 choices for the output stage behavior during 100 % modulation, and one
setting for 10 % modulation. This modulation is controlled by TX_CLK_MODE_RM in
RF_CONTROL_TX_CLK:
Fig 29. PN5180 Output driver
aaa-008643
PRE-DRIVERS
TVDD
TVDD
TX1
M2
M1<
envelope
clk_highside
clk_lowside
hs_gate
ls_gate<14:0>
Table 59.
Settings for TX1 and TX2
TX_CLK_MODE_RM
(binary)
Tx1 and TX2 output
Remarks
000
High impedance
-
001
0
output pulled to 0 in any case
010
1
output pulled to 1 in any case


Similar Part No. - OM25180FDKM

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
OM25180FDK NXP-OM25180FDK Datasheet
1,007Kb / 2P
   PN5180 NFC Frontend Development Kit for POS
More results

Similar Description - OM25180FDKM

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PN5180A0XX NXP-PN5180A0XX_V01 Datasheet
1Mb / 155P
   High-performance multiprotocol full NFC frontend, supporting all NFC Forum modes
Rev. 4.1 - 13 March 2023
PN5180A0XX NXP-PN5180A0XX Datasheet
1Mb / 160P
   High-performance multiprotocol full NFC frontend, supporting all NFC Forum modes
CLRC661 NXP-CLRC661 Datasheet
1Mb / 152P
   High performance NFC frontend CLRC661 plus
Rev. 3.7-23 June 2021
PN7150 NXP-PN7150 Datasheet
2Mb / 55P
   High performance full NFC Forum-compliant controller with integrated firmware and NCI interface
Rev. 3.3-4 July 2016
PN7150B0HN NXP-PN7150B0HN Datasheet
2Mb / 55P
   High performance full NFC Forum-compliant controller with integrated firmware and NCI interface
Rev. 3.3-4 July 2016
logo
ams AG
AS3955 AMSCO-AS3955_V01 Datasheet
1Mb / 102P
   NFC Forum Compliant Dynamic Tag
2016-Feb-03
AS3956 AMSCO-AS3956_V01 Datasheet
1Mb / 107P
   NFC Forum Compliant Dynamic Tag
2018-Nov-14
AS3955 AMSCO-AS3955 Datasheet
1Mb / 111P
   NFC Forum Compliant Dynamic Tag
AS3956 AMSCO-AS3956 Datasheet
1Mb / 109P
   NFC Forum Compliant Dynamic Tag
logo
NXP Semiconductors
PN5190 NXP-PN5190 Datasheet
2Mb / 308P
   NFC frontend
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com