Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OM25180FDKM Datasheet(PDF) 60 Page - NXP Semiconductors

Part # OM25180FDKM
Description  High-performance multi-protocol full NFC Forum-compliant frontend
Download  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

OM25180FDKM Datasheet(HTML) 60 Page - NXP Semiconductors

Back Button OM25180FDKM Datasheet HTML 56Page - NXP Semiconductors OM25180FDKM Datasheet HTML 57Page - NXP Semiconductors OM25180FDKM Datasheet HTML 58Page - NXP Semiconductors OM25180FDKM Datasheet HTML 59Page - NXP Semiconductors OM25180FDKM Datasheet HTML 60Page - NXP Semiconductors OM25180FDKM Datasheet HTML 61Page - NXP Semiconductors OM25180FDKM Datasheet HTML 62Page - NXP Semiconductors OM25180FDKM Datasheet HTML 63Page - NXP Semiconductors OM25180FDKM Datasheet HTML 64Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 149 page
background image
PN5180
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2016. All rights reserved.
Product data sheet
COMPANY PUBLIC
Rev. 3.0 — 7 October 2016
240930
60 of 149
NXP Semiconductors
PN5180
High-performance multi-protocol full NFC Forum-compliant frontend
4. An initiator shall only switch on its RF field if no external RF field is detected by the RF
Level detector during a time of TIDT. (Details are specified in the ISO/IEC 18092)
5. The initiator performs initialization according to the selected mode.
11.8.1.7
ISO/IEC14443 A Card operation mode
PN5180 can be configured to act as an ISO/IEC 14443 A compliant card.
In this configuration, the PN5180 can generate an answer in a load modulation scheme
according to the ISO/IEC 14443 A interface description.
Note: PN5180 does not support a complete card protocol. This card protocol has to be
handled by a connected host controller. Nevertheless, the layer3 type A activation is
handled by the NFC frontend. The Card Activated IRQ shall be enabled and notifies if a
card activation had been successfully performed.
The supports ISO/IEC14443 A card mode for data rates 106 kbit/s, 212kbit/s, 424 kbit/s
and 848 kbit/s.
11.8.1.8
NFC Configuration
The NFC protocol for the 106 kbit/s mode defines an additional Sync-Byte (0xF0 + parity)
after the normal start bit had been transmitted. As this Sync-Byte includes a parity bit, it
can be handled by a host firmware as a normal data byte.
11.8.1.9
Mode Detector
The Mode Detector is a functional block of the PN5180in PICC mode which senses for an
RF field generated by another device. The mode detector allows distinguishing between
type A and FeliCa target mode. Dependent on the recognized protocol generated by an
initiator peer device the host is able to react. The PN5180 is able to emulate type A cards
and peer to peer active target modes according to ISO/IEC18092.
11.8.2 RF-field handling
The NFC frontend supports generation of a RF-field dependent on external conditions like
presence of another NFC device generating an RF field. A flexible mechanism to control
the RF field is available.
Fig 28. Target Mode case: Timer stop for started reception
aaa-020576
0x00
0x00
...
...
...
0x7E
0x7F
0x00
0x07
...
0x7E
0x7F
0x00
0x08
Register TX WAIT PRESCALER
tx_wait time
...
0x7E
0x7F
0x00
0x09
...
TXbit
TX bitpha
se-1
phase
TXbit
TRANSCEIVE_CONTROL_REG.TX_BITPHASE is loaded in case last PCD bit is 0
TRANSCEIVE_CONTROL_REG.TX_BITPHASE + TX_WAIT_PRESCALER/2 + 1 is loaded in case last PCD bit is 1
phase
last bit
register TX WAIT VAL
TX wait counter
PN5180 PICC
PCD


Similar Part No. - OM25180FDKM

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
OM25180FDK NXP-OM25180FDK Datasheet
1,007Kb / 2P
PN5180 NFC Frontend Development Kit for POS
More results

Similar Description - OM25180FDKM

ManufacturerPart #DatasheetDescription
logo
ams AG
AS3955 AMSCO-AS3955 Datasheet
1Mb / 111P
NFC Forum Compliant Dynamic Tag
logo
NXP Semiconductors
PN7150 NXP-PN7150 Datasheet
2Mb / 55P
High performance full NFC Forum-compliant controller with integrated firmware and NCI interface
Rev. 3.3-4 July 2016
PN7150B0HN NXP-PN7150B0HN Datasheet
2Mb / 55P
High performance full NFC Forum-compliant controller with integrated firmware and NCI interface
Rev. 3.3-4 July 2016
logo
ams AG
AS3956 AMSCO-AS3956 Datasheet
1Mb / 109P
NFC Forum Compliant Dynamic Tag
logo
NXP Semiconductors
PN5180A0XX NXP-PN5180A0XX Datasheet
1Mb / 160P
High-performance multiprotocol full NFC frontend, supporting all NFC Forum modes
PN5190 NXP-PN5190 Datasheet
2Mb / 308P
NFC frontend
CLRC661 NXP-CLRC661 Datasheet
1Mb / 152P
High performance NFC frontend CLRC661 plus
Rev. 3.7-23 June 2021
logo
ams AG
AS3955 AMSCO-AS3955_V01 Datasheet
1Mb / 102P
NFC Forum Compliant Dynamic Tag
2016-Feb-03
AS3956 AMSCO-AS3956_V01 Datasheet
1Mb / 107P
NFC Forum Compliant Dynamic Tag
2018-Nov-14
logo
NXP Semiconductors
PN5180A0XX NXP-PN5180A0XX_V01 Datasheet
1Mb / 155P
High-performance multiprotocol full NFC frontend, supporting all NFC Forum modes
Rev. 4.1 - 13 March 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com