Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OM25180FDKM Datasheet(PDF) 55 Page - NXP Semiconductors

Part # OM25180FDKM
Description  High-performance multi-protocol full NFC Forum-compliant frontend
Download  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

OM25180FDKM Datasheet(HTML) 55 Page - NXP Semiconductors

Back Button OM25180FDKM Datasheet HTML 51Page - NXP Semiconductors OM25180FDKM Datasheet HTML 52Page - NXP Semiconductors OM25180FDKM Datasheet HTML 53Page - NXP Semiconductors OM25180FDKM Datasheet HTML 54Page - NXP Semiconductors OM25180FDKM Datasheet HTML 55Page - NXP Semiconductors OM25180FDKM Datasheet HTML 56Page - NXP Semiconductors OM25180FDKM Datasheet HTML 57Page - NXP Semiconductors OM25180FDKM Datasheet HTML 58Page - NXP Semiconductors OM25180FDKM Datasheet HTML 59Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 149 page
background image
PN5180
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2016. All rights reserved.
Product data sheet
COMPANY PUBLIC
Rev. 3.0 — 7 October 2016
240930
55 of 149
NXP Semiconductors
PN5180
High-performance multi-protocol full NFC Forum-compliant frontend
There are 4 different cases possible for a reception:
1. Correct reception - Data integrity is correct (no CRC error), and additionally the number
of bytes received is equal to the length byte. Data is written to the buffer. No error set in
status byte.
2. Erroneous reception - Data is incorrect (data integrity error - CRC wrong) but frame
length is correct. Data is written to buffer and the bits CLError and DataError in the status
byte are set.
3. Erroneous reception - the length byte received indicates a frame length greater than 28.
No data is copied to buffer but status byte with LenError bit set is written.
4. Erroneous reception - the length byte is larger than the number of data bytes, which
have been received. Data received is written to buffer and the ProtocolError bit in the
status byte is set.
For each reception, the RX_IRQ in the IRQ_STATUS_REG is set. The host firmware can
disable the IRQ and use a timer for timeout after the last timeslot to avoid excessive
interaction with the hardware. At the end of the reception, additionally the bit field
RX_NUM_FRAMES_RECEIVED in the register RX_STATUS_REG is updated to indicate
the number of received frames.
After the reception of the eight frames (which is the maximum supported), a state change
to next expected state is executed (WaitTransmit for transceive command). It is possible
to issue the IDLE command in order to leave the RxMultiple cycle. Consequently the
reception is stopped. Upon start of a new reception cycle, the flag
RX_NUM_FRAMES_RECEIVED is cleared.
The duration between deactivate and reactivate is at minimum 2 RF cycles and can last
typically up to 2
s.
11.8.1.4
ISO/IEC15693 functionality
The physical parameters are described below.
Table 55.
Communication for ISO/IEC 15693 reader/writer “reader to card”
Communication direction
Signal type
Transfer speed
fc/512 kbit/s
Reader to card (send data from
the PN5180 to a card)
reader side modulation 10 % to 30 % ASK 90 % to 100 %
ASK
bit encoding
1/4
bit length
302.08
s


Similar Part No. - OM25180FDKM

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
OM25180FDK NXP-OM25180FDK Datasheet
1,007Kb / 2P
PN5180 NFC Frontend Development Kit for POS
More results

Similar Description - OM25180FDKM

ManufacturerPart #DatasheetDescription
logo
ams AG
AS3955 AMSCO-AS3955 Datasheet
1Mb / 111P
NFC Forum Compliant Dynamic Tag
logo
NXP Semiconductors
PN7150 NXP-PN7150 Datasheet
2Mb / 55P
High performance full NFC Forum-compliant controller with integrated firmware and NCI interface
Rev. 3.3-4 July 2016
PN7150B0HN NXP-PN7150B0HN Datasheet
2Mb / 55P
High performance full NFC Forum-compliant controller with integrated firmware and NCI interface
Rev. 3.3-4 July 2016
logo
ams AG
AS3956 AMSCO-AS3956 Datasheet
1Mb / 109P
NFC Forum Compliant Dynamic Tag
logo
NXP Semiconductors
PN5180A0XX NXP-PN5180A0XX Datasheet
1Mb / 160P
High-performance multiprotocol full NFC frontend, supporting all NFC Forum modes
PN5190 NXP-PN5190 Datasheet
2Mb / 308P
NFC frontend
CLRC661 NXP-CLRC661 Datasheet
1Mb / 152P
High performance NFC frontend CLRC661 plus
Rev. 3.7-23 June 2021
logo
ams AG
AS3955 AMSCO-AS3955_V01 Datasheet
1Mb / 102P
NFC Forum Compliant Dynamic Tag
2016-Feb-03
AS3956 AMSCO-AS3956_V01 Datasheet
1Mb / 107P
NFC Forum Compliant Dynamic Tag
2018-Nov-14
logo
NXP Semiconductors
PN5180A0XX NXP-PN5180A0XX_V01 Datasheet
1Mb / 155P
High-performance multiprotocol full NFC frontend, supporting all NFC Forum modes
Rev. 4.1 - 13 March 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com