Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OM25180FDKM Datasheet(PDF) 54 Page - NXP Semiconductors

Part # OM25180FDKM
Description  High-performance multi-protocol full NFC Forum-compliant frontend
Download  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

OM25180FDKM Datasheet(HTML) 54 Page - NXP Semiconductors

Back Button OM25180FDKM Datasheet HTML 50Page - NXP Semiconductors OM25180FDKM Datasheet HTML 51Page - NXP Semiconductors OM25180FDKM Datasheet HTML 52Page - NXP Semiconductors OM25180FDKM Datasheet HTML 53Page - NXP Semiconductors OM25180FDKM Datasheet HTML 54Page - NXP Semiconductors OM25180FDKM Datasheet HTML 55Page - NXP Semiconductors OM25180FDKM Datasheet HTML 56Page - NXP Semiconductors OM25180FDKM Datasheet HTML 57Page - NXP Semiconductors OM25180FDKM Datasheet HTML 58Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 149 page
background image
PN5180
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2016. All rights reserved.
Product data sheet
COMPANY PUBLIC
Rev. 3.0 — 7 October 2016
240930
54 of 149
NXP Semiconductors
PN5180
High-performance multi-protocol full NFC Forum-compliant frontend
The PN5180 needs to be connected to a host which implements the FeliCa protocol.
Multiple reception cycles (RxMultiple): For FeliCa timeslot handling in PCD mode,
PN5180 implements multiple reception cycles. The feature is enabled by setting the
control bit RX_MULTIPLE_ENABLE in the register TRANSCEIVE_CONTROL_REG in
combination with the transceive state machine.
Unlike for normal operation, the receiver is enabled again after a reception is finished. As
there is only one receive buffer available, but several responses are expected, the buffer
is split into sub buffers of 32 byte length. Hence, the maximum number of responses
which can be handled is limited to 8. As the maximum length defined for a FeliCa
response is 20 bytes, the buffer size defined does fulfill the requirements for that
use-case. The first data frame received is copied onto buffer address 0. The subsequent
frames are copied to the buffer address 32 * NumberOfReceivedFrames. The maximum
number of data bytes allowed per frame is limited to 28.
All bytes in the buffer between the payload and the status byte are uninitialized and
therefore invalid. The firmware on the host shall not use these bytes. The last word of the
sub buffer (position 28 to 31) contains a status word. The status word contains the number
of received bytes (may vary from the FeliCa length in case of an error), the CLError flag
indicating any error in the reception (which is a combination of 3 individual error flags
DATA_INTEGRITY_ERROR || PROTOCOL_ERROR || COLLISION_DETECTED) the
individual error flags and the LenError flag indicating an incorrect length byte (either
length byte is greater than 28 or the number of received bytes is shorter than indicated by
the length byte). All unused bits (RFU) are masked to 0.
Table 54.
Communication for FeliCa reader/writer
Communication
direction
Signal type
Transfer speed FeliCa
FeliCa higher transfer
speeds
212 kbit/s
424 kbit/s
Reader to card (send
data from the PN5180 to
a card)
fc = 13.56 MHz
reader side
modulation
8 % to 30 % ASK
8 % to 30 % ASK
bit encoding
Manchester encoding
Manchester encoding
bit rate
fc/64
fc/32
Card to reader (PN5180
receives data from a
card)
card side
modulation
Load modulation,
Load modulation,
bit encoding
Manchester encoding
Manchester encoding
Fig 23. RxMultiple data format
aaa-009166
PayLoad
Status
32 byte
XXX
RFU [31:24]
RFU [23:16]
Len [4:0]
RFU
[15:13]
RFU
[7:5]
4 byte


Similar Part No. - OM25180FDKM

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
OM25180FDK NXP-OM25180FDK Datasheet
1,007Kb / 2P
   PN5180 NFC Frontend Development Kit for POS
More results

Similar Description - OM25180FDKM

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PN5180A0XX NXP-PN5180A0XX_V01 Datasheet
1Mb / 155P
   High-performance multiprotocol full NFC frontend, supporting all NFC Forum modes
Rev. 4.1 - 13 March 2023
PN5180A0XX NXP-PN5180A0XX Datasheet
1Mb / 160P
   High-performance multiprotocol full NFC frontend, supporting all NFC Forum modes
CLRC661 NXP-CLRC661 Datasheet
1Mb / 152P
   High performance NFC frontend CLRC661 plus
Rev. 3.7-23 June 2021
PN7150 NXP-PN7150 Datasheet
2Mb / 55P
   High performance full NFC Forum-compliant controller with integrated firmware and NCI interface
Rev. 3.3-4 July 2016
PN7150B0HN NXP-PN7150B0HN Datasheet
2Mb / 55P
   High performance full NFC Forum-compliant controller with integrated firmware and NCI interface
Rev. 3.3-4 July 2016
logo
ams AG
AS3955 AMSCO-AS3955_V01 Datasheet
1Mb / 102P
   NFC Forum Compliant Dynamic Tag
2016-Feb-03
AS3956 AMSCO-AS3956_V01 Datasheet
1Mb / 107P
   NFC Forum Compliant Dynamic Tag
2018-Nov-14
AS3955 AMSCO-AS3955 Datasheet
1Mb / 111P
   NFC Forum Compliant Dynamic Tag
AS3956 AMSCO-AS3956 Datasheet
1Mb / 109P
   NFC Forum Compliant Dynamic Tag
logo
NXP Semiconductors
PN5190 NXP-PN5190 Datasheet
2Mb / 308P
   NFC frontend
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com