Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OM25180FDKM Datasheet(PDF) 49 Page - NXP Semiconductors

Part # OM25180FDKM
Description  High-performance multi-protocol full NFC Forum-compliant frontend
PDF  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

OM25180FDKM Datasheet(HTML) 49 Page - NXP Semiconductors

Back Button OM25180FDKM Datasheet HTML 45Page - NXP Semiconductors OM25180FDKM Datasheet HTML 46Page - NXP Semiconductors OM25180FDKM Datasheet HTML 47Page - NXP Semiconductors OM25180FDKM Datasheet HTML 48Page - NXP Semiconductors OM25180FDKM Datasheet HTML 49Page - NXP Semiconductors OM25180FDKM Datasheet HTML 50Page - NXP Semiconductors OM25180FDKM Datasheet HTML 51Page - NXP Semiconductors OM25180FDKM Datasheet HTML 52Page - NXP Semiconductors OM25180FDKM Datasheet HTML 53Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 149 page
background image
PN5180
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2016. All rights reserved.
Product data sheet
COMPANY PUBLIC
Rev. 3.0 — 7 October 2016
240930
49 of 149
NXP Semiconductors
PN5180
High-performance multi-protocol full NFC Forum-compliant frontend
11.6.2.2
Digital Debug Output Pin Configuration
11.6.3 Analog Debug Configuration
For the output of an analog debug signal, two pins are available, BUSY and AUX2.
The function of the output pins is defined by two parameters of the command
11.7 AUX2 / DWL_REQ
11.7.1 Firmware update
The PN5180 offers the possibility to upgrade the internal Firmware.
The pin AUX2/DWL request is a double function pin. During start-up (time from power-up
of the IC until IDLE IRQ is raised), the pin is used in input mode. If the polarity on this
AUX2/DWL_REQ pin during start-up is high, the PN5180 enters the download mode.
Table 49.
Receiver Error Group
Value low nibble
(HEX)
Debug Function
9..15
RFU
8
13.56 MHz clock is put out
7
Combination of data/protocol error and collision
6
Set if RxMultiple is set, and the LEN byte indicates more than 28 bytes
5..3
RFU
2
Set if a collision has been detected
1
Protocol error flag
0
Data integrity error flag (Parity, CRC (Collision))
Table 50.
Debug Signal Output Pin Configuration
Value high nibble
(HEX)
Debug Function (PIN)
0IRQ (39)
1
GPO (38)
2AUX2 (2)
3
AUX1 (40)
all others
RFU
Table 51.
Parameter (hex)
Debug Function
0
Analog output of value defined in register DAC_VALUE
1
Receiver Q-channel signal; depending on SIGPRO_IN_SEL either
samples signals from ADC, tx_envelope or SigIn
2
Receiver I-channel signal; depending on SIGPRO_IN_SEL either
samples signals from ADC, tx_envelope or SigIn
3
Filtered Q-channel signal (rect-filter)
4
Filtered I-channel signal (rect-filter)
all others
RFU


Similar Part No. - OM25180FDKM

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
OM25180FDK NXP-OM25180FDK Datasheet
1,007Kb / 2P
PN5180 NFC Frontend Development Kit for POS
More results

Similar Description - OM25180FDKM

ManufacturerPart #DatasheetDescription
logo
ams AG
AS3955 AMSCO-AS3955 Datasheet
1Mb / 111P
NFC Forum Compliant Dynamic Tag
logo
NXP Semiconductors
PN7150 NXP-PN7150 Datasheet
2Mb / 55P
High performance full NFC Forum-compliant controller with integrated firmware and NCI interface
Rev. 3.3-4 July 2016
PN7150B0HN NXP-PN7150B0HN Datasheet
2Mb / 55P
High performance full NFC Forum-compliant controller with integrated firmware and NCI interface
Rev. 3.3-4 July 2016
logo
ams AG
AS3956 AMSCO-AS3956 Datasheet
1Mb / 109P
NFC Forum Compliant Dynamic Tag
logo
NXP Semiconductors
PN5180A0XX NXP-PN5180A0XX Datasheet
1Mb / 160P
High-performance multiprotocol full NFC frontend, supporting all NFC Forum modes
PN5190 NXP-PN5190 Datasheet
2Mb / 308P
NFC frontend
CLRC661 NXP-CLRC661 Datasheet
1Mb / 152P
High performance NFC frontend CLRC661 plus
Rev. 3.7-23 June 2021
logo
ams AG
AS3955 AMSCO-AS3955_V01 Datasheet
1Mb / 102P
NFC Forum Compliant Dynamic Tag
2016-Feb-03
AS3956 AMSCO-AS3956_V01 Datasheet
1Mb / 107P
NFC Forum Compliant Dynamic Tag
2018-Nov-14
logo
NXP Semiconductors
PN5180A0XX NXP-PN5180A0XX_V01 Datasheet
1Mb / 155P
High-performance multiprotocol full NFC frontend, supporting all NFC Forum modes
Rev. 4.1 - 13 March 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com