Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OM25180FDKM Datasheet(PDF) 46 Page - NXP Semiconductors

Part # OM25180FDKM
Description  High-performance multi-protocol full NFC Forum-compliant frontend
PDF  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

OM25180FDKM Datasheet(HTML) 46 Page - NXP Semiconductors

Back Button OM25180FDKM Datasheet HTML 42Page - NXP Semiconductors OM25180FDKM Datasheet HTML 43Page - NXP Semiconductors OM25180FDKM Datasheet HTML 44Page - NXP Semiconductors OM25180FDKM Datasheet HTML 45Page - NXP Semiconductors OM25180FDKM Datasheet HTML 46Page - NXP Semiconductors OM25180FDKM Datasheet HTML 47Page - NXP Semiconductors OM25180FDKM Datasheet HTML 48Page - NXP Semiconductors OM25180FDKM Datasheet HTML 49Page - NXP Semiconductors OM25180FDKM Datasheet HTML 50Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 149 page
background image
PN5180
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2016. All rights reserved.
Product data sheet
COMPANY PUBLIC
Rev. 3.0 — 7 October 2016
240930
46 of 149
NXP Semiconductors
PN5180
High-performance multi-protocol full NFC Forum-compliant frontend
11.5.3 RAM
The RAM is used as Input/Output buffer, and implements independent buffers for input
and output. The buffers are able to improve the performance of a system with limited
interface speed.
11.5.4 Register
Registers configure the PN5180 for a specific RF protocol and other functionality.
Registers can be initialized using the host interface or by copying data from EEPROM to
the register as done by the command LOAD_RF_CONFIG.
It is mandatory to use the command LOAD_RF_CONFIG for selection of a specific RF
protocol.
11.6 Debug Signals
11.6.1 General functionality
The debugging of the RF functionality of the PN5180 is supported by a configurable test
signal output possibility. Up to 2 analog or up to 4 digital test signals can be routed to
configurable output pins of the PN5180. Test signals can be either analog or digital
signals. The analog test signals contain the digital data of the signal processing unit of the
PN5180, converted to analog signals by a DAC to allow the inspection of these signals in
real time.
Two set commands exist for configuration of the digital and analog debug signal output,
SET_DIGITAL_TESTOUT and SET_ANALOG_TESTOUT.
11.6.2 Digital Debug Configuration
The digital debug output is configured by the command SET_DIGITAL_TESTOUT. Two
parameters are passed within this command.
The first parameter (1 byte) defines the test signal group. Out of this test signal group, one
signal can be selected for output on a pin of the PN5180 (4 bits).
The signal of the test signal group is selected by the low-nibble of parameter 2. A value of
8 on this position selects the 13.56 MHz clock to be put out on the selected pin.
The high nibble of parameter 2 (1 byte) selects the output pin for the selected test signal.
The following parameter groups are possible:
Table 42.
Debug Signal Group Selection
Command parameter
(hex)
Debug Signal Group
01
Clock signal group
1B
Transmitter encoder group
1D
Timer group
30
Card mode protocol group
58
Transceive group
70
Receiver data transfer group
73
Receiver error group


Similar Part No. - OM25180FDKM

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
OM25180FDK NXP-OM25180FDK Datasheet
1,007Kb / 2P
PN5180 NFC Frontend Development Kit for POS
More results

Similar Description - OM25180FDKM

ManufacturerPart #DatasheetDescription
logo
ams AG
AS3955 AMSCO-AS3955 Datasheet
1Mb / 111P
NFC Forum Compliant Dynamic Tag
logo
NXP Semiconductors
PN7150 NXP-PN7150 Datasheet
2Mb / 55P
High performance full NFC Forum-compliant controller with integrated firmware and NCI interface
Rev. 3.3-4 July 2016
PN7150B0HN NXP-PN7150B0HN Datasheet
2Mb / 55P
High performance full NFC Forum-compliant controller with integrated firmware and NCI interface
Rev. 3.3-4 July 2016
logo
ams AG
AS3956 AMSCO-AS3956 Datasheet
1Mb / 109P
NFC Forum Compliant Dynamic Tag
logo
NXP Semiconductors
PN5180A0XX NXP-PN5180A0XX Datasheet
1Mb / 160P
High-performance multiprotocol full NFC frontend, supporting all NFC Forum modes
PN5190 NXP-PN5190 Datasheet
2Mb / 308P
NFC frontend
CLRC661 NXP-CLRC661 Datasheet
1Mb / 152P
High performance NFC frontend CLRC661 plus
Rev. 3.7-23 June 2021
logo
ams AG
AS3955 AMSCO-AS3955_V01 Datasheet
1Mb / 102P
NFC Forum Compliant Dynamic Tag
2016-Feb-03
AS3956 AMSCO-AS3956_V01 Datasheet
1Mb / 107P
NFC Forum Compliant Dynamic Tag
2018-Nov-14
logo
NXP Semiconductors
PN5180A0XX NXP-PN5180A0XX_V01 Datasheet
1Mb / 155P
High-performance multiprotocol full NFC frontend, supporting all NFC Forum modes
Rev. 4.1 - 13 March 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com