Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OM25180FDKM Datasheet(PDF) 44 Page - NXP Semiconductors

Part # OM25180FDKM
Description  High-performance multi-protocol full NFC Forum-compliant frontend
Download  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

OM25180FDKM Datasheet(HTML) 44 Page - NXP Semiconductors

Back Button OM25180FDKM Datasheet HTML 40Page - NXP Semiconductors OM25180FDKM Datasheet HTML 41Page - NXP Semiconductors OM25180FDKM Datasheet HTML 42Page - NXP Semiconductors OM25180FDKM Datasheet HTML 43Page - NXP Semiconductors OM25180FDKM Datasheet HTML 44Page - NXP Semiconductors OM25180FDKM Datasheet HTML 45Page - NXP Semiconductors OM25180FDKM Datasheet HTML 46Page - NXP Semiconductors OM25180FDKM Datasheet HTML 47Page - NXP Semiconductors OM25180FDKM Datasheet HTML 48Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 149 page
background image
PN5180
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2016. All rights reserved.
Product data sheet
COMPANY PUBLIC
Rev. 3.0 — 7 October 2016
240930
44 of 149
NXP Semiconductors
PN5180
High-performance multi-protocol full NFC Forum-compliant frontend
0x91
DPC_GUARD_FAST_
MODE
RW
2
15-0
Guard time after AGC fast mode has been
triggered. This happens in the following scenarios:
- End of Receive
- End of Transmit
- After a gear switch
Time base is 1/20 MHz (Example: Value of 2000 is
equal to 100
s)
0x93
DPC_GUARD_SOF_
DETECTED
RW
2
15-0
Guard time after SoF or SC detection. This is to
avoid any DPC regulation between SoF/SC and
actual begin of reception. Time base is 1/20MHz
(Example: Value of 2000 is equal to 100
s)
0x95
DPC_GUARD_FIELD_ON
RW
2
15-0
Guard time after Gear Switch during FieldOn
instruction. Time base is 1/20MHz (Example: Value
of 2000 is equal to 100
s)
0x97
up to firmware version 3.5:
PCD_SHAPING_LUT_SIZE
RW
1
7-0
Number of elements for the PCD Shaping
0x98-0xE7
from firmware version 3.6
onwards:
RW
1
7-0
Number of elements for the PCD Shaping and RX
settings
4-0
The lower nibble consists of the Number of
elements for the PCD Shaping
7-5
The upper nibble consists of the Number of
elements for the RxGain.
up to firmware version 3.5:
PCD_SHAPING_LUT
RW
64
-
PCD Shaping configuration lookup table: Each
word contains the following configuration
information:
3-0
DPC Gear
7-4
TAU_MOD_FALLING (Sign bit + 3-bit value)
11-8
TAU_MOD_RISING (Sign bit + 3-bit value)
15-12
RESIDUAL_CARRIER (Sign bit + 3-bit value)
31-16
Bitmask identifying technology and baud rate:
0000b - A106
0001b - A212
0010b - A424
0011b - A848
0100b - B106
0101b - B212
0110b - B424
0111b - B848
1000b -F212
1001b -F424
1010b - 15693 ASK 100
1011b - 15693 ASK 10
1100b - ISO18000 3M3
Table 41.
EEPROM Addresses …continued
EEPROM
Address
(HEX)
Field / Value
Access Size
(bytes)
Bits
Comments


Similar Part No. - OM25180FDKM

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
OM25180FDK NXP-OM25180FDK Datasheet
1,007Kb / 2P
   PN5180 NFC Frontend Development Kit for POS
More results

Similar Description - OM25180FDKM

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PN5180A0XX NXP-PN5180A0XX_V01 Datasheet
1Mb / 155P
   High-performance multiprotocol full NFC frontend, supporting all NFC Forum modes
Rev. 4.1 - 13 March 2023
PN5180A0XX NXP-PN5180A0XX Datasheet
1Mb / 160P
   High-performance multiprotocol full NFC frontend, supporting all NFC Forum modes
CLRC661 NXP-CLRC661 Datasheet
1Mb / 152P
   High performance NFC frontend CLRC661 plus
Rev. 3.7-23 June 2021
PN7150 NXP-PN7150 Datasheet
2Mb / 55P
   High performance full NFC Forum-compliant controller with integrated firmware and NCI interface
Rev. 3.3-4 July 2016
PN7150B0HN NXP-PN7150B0HN Datasheet
2Mb / 55P
   High performance full NFC Forum-compliant controller with integrated firmware and NCI interface
Rev. 3.3-4 July 2016
logo
ams AG
AS3955 AMSCO-AS3955_V01 Datasheet
1Mb / 102P
   NFC Forum Compliant Dynamic Tag
2016-Feb-03
AS3956 AMSCO-AS3956_V01 Datasheet
1Mb / 107P
   NFC Forum Compliant Dynamic Tag
2018-Nov-14
AS3955 AMSCO-AS3955 Datasheet
1Mb / 111P
   NFC Forum Compliant Dynamic Tag
AS3956 AMSCO-AS3956 Datasheet
1Mb / 109P
   NFC Forum Compliant Dynamic Tag
logo
NXP Semiconductors
PN5190 NXP-PN5190 Datasheet
2Mb / 308P
   NFC frontend
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com